Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH-4685 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # SFH-4685
Description  Narrow beam LED in MIDLED package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4685 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button SFH-4685 Datasheet HTML 5Page - OSRAM GmbH SFH-4685 Datasheet HTML 6Page - OSRAM GmbH SFH-4685 Datasheet HTML 7Page - OSRAM GmbH SFH-4685 Datasheet HTML 8Page - OSRAM GmbH SFH-4685 Datasheet HTML 9Page - OSRAM GmbH SFH-4685 Datasheet HTML 10Page - OSRAM GmbH SFH-4685 Datasheet HTML 11Page - OSRAM GmbH SFH-4685 Datasheet HTML 12Page - OSRAM GmbH SFH-4685 Datasheet HTML 13Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Discontinued
SFH 4685
2009-03-19
9
Recommended Solder Pad
Empfohlenes Lötpaddesign
Handling Indication: The package is casted with silicone. Mechanical stress at the surface of the unit
should be as low as possible. / Verarbeitungshinweis: Das Gehäuse ist mit Silikon vergossen.
Mechanischer Stress auf der Bauteiloberfläche sollte so gering wie möglich gehalten werden.
1.7
verbesserte Wärmeableitung
OHF02421
Solder resist
Cu-Fläche > 16 mm
Paddesign for improved
Lötstopplack
heat dissipation
Padgeometrie für
Cu-area
2


Similar Part No. - SFH-4685

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-4680 OSRAM-SFH-4680 Datasheet
315Kb / 13P
   Narrow beam LED in MIDLED package
More results

Similar Description - SFH-4685

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-4640 OSRAM-SFH-4640 Datasheet
481Kb / 13P
   Narrow beam LED in MIDLED package
SFH-4656 OSRAM-SFH-4656 Datasheet
444Kb / 13P
   Narrow beam LED in MIDLED package
SFH4651 OSRAM-SFH4651 Datasheet
451Kb / 13P
   Narrow beam LED in MIDLED package
SFH4650 OSRAM-SFH4650_18 Datasheet
481Kb / 13P
   Narrow beam LED in MIDLED package
SFH4640 OSRAM-SFH4640 Datasheet
481Kb / 13P
   Narrow beam LED in MIDLED package
SFH-4646 OSRAM-SFH-4646 Datasheet
444Kb / 13P
   Narrow beam LED in MIDLED package
SFH-4647 OSRAM-SFH-4647 Datasheet
525Kb / 14P
   Narrow beam LED in MIDLED package
SFH-4641 OSRAM-SFH-4641 Datasheet
451Kb / 13P
   Narrow beam LED in MIDLED package
SFH-4645 OSRAM-SFH-4645 Datasheet
496Kb / 13P
   Narrow beam LED in MIDLED package
SFH-4651 OSRAM-SFH-4651 Datasheet
451Kb / 13P
   Narrow beam LED in MIDLED package
SFH-4655 OSRAM-SFH-4655 Datasheet
465Kb / 13P
   Narrow beam LED in MIDLED package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com