Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS41C16100S-60TI Datasheet(PDF) 8 Page - Integrated Circuit Solution Inc

Part # IS41C16100S-60TI
Description  1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS41C16100S-60TI Datasheet(HTML) 8 Page - Integrated Circuit Solution Inc

Back Button IS41C16100S-60TI Datasheet HTML 4Page - Integrated Circuit Solution Inc IS41C16100S-60TI Datasheet HTML 5Page - Integrated Circuit Solution Inc IS41C16100S-60TI Datasheet HTML 6Page - Integrated Circuit Solution Inc IS41C16100S-60TI Datasheet HTML 7Page - Integrated Circuit Solution Inc IS41C16100S-60TI Datasheet HTML 8Page - Integrated Circuit Solution Inc IS41C16100S-60TI Datasheet HTML 9Page - Integrated Circuit Solution Inc IS41C16100S-60TI Datasheet HTML 10Page - Integrated Circuit Solution Inc IS41C16100S-60TI Datasheet HTML 11Page - Integrated Circuit Solution Inc IS41C16100S-60TI Datasheet HTML 12Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
IS41C16100S
IS41LV16100S
8
Integrated Circuit Solution Inc.
DR004-0B
AC CHARACTERISTICS (Continued)(1,2,3,4,5,6)
(Recommended Operating Conditions unless otherwise noted.)
-45
-50
-60
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max. Units
tACH
Column-Address Setup Time to
CAS
15
15
15
ns
Precharge during WRITE Cycle
tOEH
OE Hold Time from WE during
6
8
10
ns
READ-MODIFY-WRITE cycle
(18)
tDS
Data-In Setup Time
(15, 22)
0—0—0—
ns
tDH
Data-In Hold Time
(15, 22)
6—8—
10
ns
tRWC
READ-MODIFY-WRITE Cycle Time
95
108
133
ns
tRWD
RAS to WE Delay Time during
55
64
77
ns
READ-MODIFY-WRITE Cycle
(14)
tCWD
CAS to WE Delay Time(14, 20)
21
26
32
ns
tAWD
Column-Address to
WE Delay Time(14)
32
39
47
ns
tPC
EDO Page Mode READ or WRITE
16
20
25
ns
Cycle Time
(24)
tRASP
RAS Pulse Width in EDO Page Mode
45
100K
50
100K
60
100K
ns
tCPA
Access Time from
CAS Precharge(15)
—27
30
—35
ns
tPRWC
EDO Page Mode READ-WRITE
51
56
68
ns
Cycle Time
(24)
tCOH
Data Output Hold after
CAS LOW
5—5—5—
ns
tOFF
Output Buffer Turn-Off Delay from
1.6
11
1.6
12
1.6
15
ns
CAS or RAS(13,15,19, 29)
tWHZ
Output Disable Delay from
WE
310310
310
ns
tCLCH
Last
CAS going LOW to First CAS
8—
10
10
ns
returning HIGH
(23)
tCSR
CAS Setup Time (CBR REFRESH)(30, 20)
5—5—5—
ns
tCHR
CAS Hold Time (CBR REFRESH)(30, 21)
8—8—
10
ns
tORD
OE Setup Time prior to RAS during
0
0
0
ns
HIDDEN REFRESH Cycle
tREF
Auto Refresh Period (1,024 Cycles)
16
16
16
ms
tREF
Self Refresh Period (1,024 Cycles)
128
128
128
ms
tT
Transition Time (Rise or Fall)
(2, 3)
150150
150
ns
AC TEST CONDITIONS
Output load:
Two TTL Loads and 50 pF (Vcc = 5.0V ±10%)
One TTL Load and 50 pF (Vcc = 3.3V ±10%)
Input timing reference levels:
VIH = 2.4V, VIL = 0.8V (Vcc = 5.0V ±10%);
VIH = 2.0V, VIL = 0.8V (Vcc = 3.3V ±10%)
Output timing reference levels:
VOH = 2.0V, VOL = 0.8V (Vcc = 5V ±10%, 3.3V ±10%)


Similar Part No. - IS41C16100S-60TI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41C16100 ISSI-IS41C16100 Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16100 ISSI-IS41C16100 Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16100-50K ISSI-IS41C16100-50K Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16100-50K ISSI-IS41C16100-50K Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16100-50KI ISSI-IS41C16100-50KI Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results

Similar Description - IS41C16100S-60TI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41C16100 ISSI-IS41C16100_05 Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IC41C16100A ICSI-IC41C16100A Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100S ICSI-IC41C16100S Datasheet
672Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16100A ISSI-IS41LV16100A Datasheet
144Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16100 ISSI-IS41C16100 Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16100B ISSI-IS41LV16100B Datasheet
143Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
41LV16100B ISSI-41LV16100B Datasheet
145Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
AMIC Technology
A42U0616 AMICC-A42U0616 Datasheet
278Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L0616 AMICC-A42L0616 Datasheet
356Kb / 24P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A420616 AMICC-A420616 Datasheet
272Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com