Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC41LV16256-60KG Datasheet(PDF) 7 Page - Integrated Circuit Solution Inc

Part # IC41LV16256-60KG
Description  256Kx16 bit Dynamic RAM with EDO Page Mode
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC41LV16256-60KG Datasheet(HTML) 7 Page - Integrated Circuit Solution Inc

Back Button IC41LV16256-60KG Datasheet HTML 3Page - Integrated Circuit Solution Inc IC41LV16256-60KG Datasheet HTML 4Page - Integrated Circuit Solution Inc IC41LV16256-60KG Datasheet HTML 5Page - Integrated Circuit Solution Inc IC41LV16256-60KG Datasheet HTML 6Page - Integrated Circuit Solution Inc IC41LV16256-60KG Datasheet HTML 7Page - Integrated Circuit Solution Inc IC41LV16256-60KG Datasheet HTML 8Page - Integrated Circuit Solution Inc IC41LV16256-60KG Datasheet HTML 9Page - Integrated Circuit Solution Inc IC41LV16256-60KG Datasheet HTML 10Page - Integrated Circuit Solution Inc IC41LV16256-60KG Datasheet HTML 11Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
IC41C16256
IC41LV16256
Integrated Circuit Solution Inc.
7
DR018-0C 04/23/2004
ELECTRICAL CHARACTERISTICS(1)
(Recommended Operating Conditions unless otherwise noted.)
Symbol Parameter
Test Condition
Speed
Min.
Max.
Unit
IIL
Input Leakage Current
Any input 0V < VIN < Vcc
–10
10
µA
Other inputs not under test = 0V
IIO
Output Leakage Current
Output is disabled (Hi-Z)
–10
10
µA
0V < VOUT < Vcc
VOH
Output High Voltage Level
IOH = –2.5 mA
2.4
V
VOL
Output Low Voltage Level
IOL =+2.1mA
0.4
V
ICC1
Standby Current: TTL
RAS, LCAS, UCAS > VIH Commerical
5V
2
mA
Industrial
5V
3
Commerical 3.3V
1
Industrial
3.3V
2
ICC2
Standby Current: CMOS
RAS, LCAS, UCAS > VCC – 0.2V
5V
1
mA
3.3V
0.5
ICC3
Operating Current:
RAS, LCAS, UCAS,
-25
260
mA
Random Read/Write(2,3,4)
Address Cycling, tRC = tRC (min.)
-35
230
Average Power Supply Current
-50
180
-60
170
ICC4
Operating Current:
RAS = VIL, LCAS, UCAS,
-25
250
mA
EDO Page Mode(2,3,4)
Cycling tPC = tPC (min.)
-35
220
Average Power Supply Current
-50
170
-60
160
ICC5
Refresh Current:
RAS Cycling, LCAS, UCAS > VIH
-25
260
mA
RAS-Only(2,3)
tRC = tRC (min.)
-35
230
Average Power Supply Current
-50
180
-60
170
ICC6
Refresh Current:
RAS, LCAS, UCAS Cycling
-25
260
mA
CBR(2,3,5)
tRC = tRC (min.)
-35
230
Average Power Supply Current
-50
180
-60
170
Notes:
1. An initial pause of 200 µs is required after power-up followed by eight RAS refresh cycles (RAS-Only or CBR) before proper device
operation is assured. The eight RAS cycles wake-up should be repeated any time the tREF refresh requirement is exceeded.
2. Dependent on cycle rates.
3. Specified values are obtained with minimum cycle time and the output open.
4. Column-address is changed once each EDO page cycle.
5. Enables on-chip refresh and address counters.


Similar Part No. - IC41LV16256-60KG

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41LV16257 ICSI-IC41LV16257 Datasheet
760Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41LV16257-35K ICSI-IC41LV16257-35K Datasheet
760Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41LV16257-35KI ICSI-IC41LV16257-35KI Datasheet
760Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41LV16257-35T ICSI-IC41LV16257-35T Datasheet
760Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41LV16257-35TI ICSI-IC41LV16257-35TI Datasheet
760Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
More results

Similar Description - IC41LV16256-60KG

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C4400X ICSI-IC41C4400X Datasheet
236Kb / 20P
   4Mx4 bit Dynamic RAM with EDO Page Mode
IC41C4100 ICSI-IC41C4100 Datasheet
300Kb / 21P
   1Mx4 bit Dynamic RAM with EDO Page Mode
IC41C82002S ICSI-IC41C82002S Datasheet
493Kb / 19P
   2Mx8 bit Dynamic RAM with EDO Page Mode
IC41C1664 ICSI-IC41C1664 Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
IC41C8512 ICSI-IC41C8512 Datasheet
232Kb / 21P
   512K x 8 bit Dynamic RAM with EDO Page Mode
logo
Integrated Silicon Solu...
IS41LV16400 ISSI-IS41LV16400 Datasheet
143Kb / 19P
   4Mx16 (64-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Taiwan Memory Technolog...
T2316162A TMT-T2316162A Datasheet
139Kb / 13P
   1024K x 16 DYNAMIC RAM EDO PAGE MODE?
T2316405A TMT-T2316405A Datasheet
136Kb / 9P
   4M x 4 DYNAMIC RAM EDO PAGE MODE???
logo
OKI electronic componet...
MSM51V4265E OKI-MSM51V4265E Datasheet
208Kb / 15P
   262,144-Word 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
logo
Taiwan Memory Technolog...
T224162B TMT-T224162B Datasheet
143Kb / 9P
   256K x 16 DYNAMIC RAM EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com