Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS41LV16100S-50T Datasheet(PDF) 5 Page - Integrated Circuit Solution Inc

Part # IS41LV16100S-50T
Description  1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS41LV16100S-50T Datasheet(HTML) 5 Page - Integrated Circuit Solution Inc

  IS41LV16100S-50T Datasheet HTML 1Page - Integrated Circuit Solution Inc IS41LV16100S-50T Datasheet HTML 2Page - Integrated Circuit Solution Inc IS41LV16100S-50T Datasheet HTML 3Page - Integrated Circuit Solution Inc IS41LV16100S-50T Datasheet HTML 4Page - Integrated Circuit Solution Inc IS41LV16100S-50T Datasheet HTML 5Page - Integrated Circuit Solution Inc IS41LV16100S-50T Datasheet HTML 6Page - Integrated Circuit Solution Inc IS41LV16100S-50T Datasheet HTML 7Page - Integrated Circuit Solution Inc IS41LV16100S-50T Datasheet HTML 8Page - Integrated Circuit Solution Inc IS41LV16100S-50T Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
IS41C16100S
IS41LV16100S
Integrated Circuit Solution Inc.
5
DR004-0B
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameters
Rating
Unit
VT
Voltage on Any Pin Relative to GND
5V
–1.0 to +7.0
V
3.3V
–0.5 to +4.6
VCC
Supply Voltage
5V
–1.0 to +7.0
V
3.3V
–0.5 to +4.6
IOUT
Output Current
50
mA
PD
Power Dissipation
1
W
TA
Commercial Operation Temperature
0 to +70
°C
Industrial Operationg Temperature
–40 to +85
°C
TSTG
Storage Temperature
–55 to +125
°C
Note:
1.
Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at these
or any other conditions above those indicated in the operational sections of this specification is
not implied. Exposure to absolute maximum rating conditions for extended periods may affect
reliability.
RECOMMENDED OPERATING CONDITIONS
(Voltages are referenced to GND.)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
5V
4.5
5.0
5.5
V
3.3V
3.0
3.3
3.6
VIH
Input High Voltage
5V
2.4
VCC + 1.0
V
3.3V
2.0
VCC + 0.3
VIL
Input Low Voltage
5V
–1.0
0.8
V
3.3V
–0.3
0.8
TA
Commercial Ambient Temperature
0
70
°C
Industrial Ambient Temperature
–40
85
°C
CAPACITANCE(1,2)
Symbol
Parameter
Max.
Unit
CIN1
Input Capacitance: A0-A9
5
pF
CIN2
Input Capacitance:
RAS, UCAS, LCAS, WE, OE
7pF
CIO
Data Input/Output Capacitance: I/O0-I/O15
7
pF
Notes:
1.
Tested initially and after any design or process changes that may affect these parameters.
2.
Test conditions:
TA = 25°C, f = 1 MHz.


Similar Part No. - IS41LV16100S-50T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41LV16100 ISSI-IS41LV16100 Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16100-50K ISSI-IS41LV16100-50K Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16100-50KI ISSI-IS41LV16100-50KI Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16100-50KI ISSI-IS41LV16100-50KI Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16100-50T ISSI-IS41LV16100-50T Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results

Similar Description - IS41LV16100S-50T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41C16100 ISSI-IS41C16100_05 Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IC41C16100A ICSI-IC41C16100A Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100S ICSI-IC41C16100S Datasheet
672Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16100A ISSI-IS41LV16100A Datasheet
144Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16100 ISSI-IS41C16100 Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16100B ISSI-IS41LV16100B Datasheet
143Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
41LV16100B ISSI-41LV16100B Datasheet
145Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
AMIC Technology
A42U0616 AMICC-A42U0616 Datasheet
278Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L0616 AMICC-A42L0616 Datasheet
356Kb / 24P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A420616 AMICC-A420616 Datasheet
272Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com