Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HZ8.2CP Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HZ8.2CP
Description  Silicon Epitaxial Planar Zener Diodes for Voltage Controller & Voltage Limitter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HZ8.2CP Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HZ8.2CP Datasheet HTML 1Page - Hitachi Semiconductor HZ8.2CP Datasheet HTML 2Page - Hitachi Semiconductor HZ8.2CP Datasheet HTML 3Page - Hitachi Semiconductor HZ8.2CP Datasheet HTML 4Page - Hitachi Semiconductor HZ8.2CP Datasheet HTML 5Page - Hitachi Semiconductor HZ8.2CP Datasheet HTML 6Page - Hitachi Semiconductor HZ8.2CP Datasheet HTML 7Page - Hitachi Semiconductor HZ8.2CP Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
HZ-P Series
Rev.4, Sep. 2000, page 5 of 8
Main Characteristic
Zener Voltage V
Z (V)
5
10
15
20
25
30
35
40
10
-2
10
-3
10
-4
10
-5
10
-6
10
-7
10
-8
0
10
-1
45
1.0
0.8
0.6
0.4
0.2
200
150
100
50
0
Ambient Temperature Ta (
°C)
0
l=10mm
l=5mm
l=10mm
without heat sink
Infinite Heat Sink Plate
l=25mm
ll
Fig.1 Zener current Vs. Zener voltage
Fig.3 Power Dissipation Vs. Ambient Temperature
Zener Voltage V
(V)
Z
05
10
15 20 25
30 35 40
50
40
30
20
10
0
−10
−20
−30
−40
−50
%/
°C
mV/
°C
Fig.2 Temperature Coefficient Vs. Zener voltage
−0.06
−0.04
−0.02
0
0.02
0.04
0.06
0.08
0.10
−0.08
−0.10


Similar Part No. - HZ8.2CP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HZ8.2CP HITACHI-HZ8.2CP Datasheet
46Kb / 8P
   Silicon Epitaxial Planar Zener Diodes for Voltage Controller - Voltage Limitter
logo
Renesas Technology Corp
HZ8.2CP RENESAS-HZ8.2CP Datasheet
73Kb / 8P
   Silicon Epitaxial Planar Zener Diodes for Voltage Controller - Voltage Limitter
More results

Similar Description - HZ8.2CP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HZ-P HITACHI-HZ-P Datasheet
46Kb / 8P
   Silicon Epitaxial Planar Zener Diodes for Voltage Controller - Voltage Limitter
logo
Renesas Technology Corp
HZ-P RENESAS-HZ-P Datasheet
73Kb / 8P
   Silicon Epitaxial Planar Zener Diodes for Voltage Controller - Voltage Limitter
1N5223B RENESAS-1N5223B Datasheet
166Kb / 6P
   Silicon Epitaxial Planar Zener Diodes for Voltage Regulation
HZU10 RENESAS-HZU10 Datasheet
100Kb / 11P
   Silicon Epitaxial Planar Zener Diodes for Stabilizer
Rev.7 Dec. 2002
logo
SEMTECH ELECTRONICS LTD...
2V2BC SEMTECH_ELEC-2V2BC Datasheet
306Kb / 3P
   Silicon Epitaxial Planar Zener Diodes
logo
Nanjing International G...
ZMM1B DGNJDZ-ZMM1B Datasheet
167Kb / 8P
   Silicon Epitaxial Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
BTZS4678 SEMTECH_ELEC-BTZS4678 Datasheet
292Kb / 4P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZX83C SEMTECH_ELEC-BZX83C Datasheet
162Kb / 2P
   SILICON EPITAXIAL PLANAR ZENER DIODES
21/06/2007
logo
Semtech Corporation
ZM-PTZ10B SEMTECH-ZM-PTZ10B Datasheet
286Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX55T2V4 SEMTECH_ELEC-BZX55T2V4 Datasheet
255Kb / 4P
   SILICON EPITAXIAL PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com