Electronic Components Datasheet Search |
|
JR1AF-DC12V Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works) |
|
JR1AF-DC12V Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works) |
1 / 4 page 98 JR-RELAYS SLIM TYPE POWER RELAYS High contact capacity type mm inch 28.5 1.122 12.8 .504 28.6 1.126 TMP type TM type FEATURES • AC coil types and high capacity (16 A) types • Wide insulation distance: 8 mm .315 inch between coil and contact • High dielectric withstanding for transient protection: JR can withstand 10,000 V surge in µs between coil and contact. • High inrush current capability: 1 Form A: 111 A inrush (TV-5), • Slim package for tandem mounting: Header area is 28.6 mm × 12.8 mm 1.126×.504 inch • Molded materials: all 94 V-0 • "TM" and "TMP" types available • TÜV also approved SPECIFICATIONS Contact Coil Characteristics AC coil type High capacity type Arrangement 1 Form A Initial contact resistance max. (By voltage drop 6 V DC 1 A) 30 m Ω Contact material Silver alloy Rating (resistive) Nominal switching capacity 10 A 250 V AC 10 A 30 V DC 16 A 250 V AC 16 A 30 V DC Maximum switching power 2,500 VA, 300 W 4,000 VA, 480 W Maximum switching voltage 250 V AC, 30 V DC 250 V AC, 30 V DC Maximum switching current 10 A 16 A Expected life (min. operations) Mechanical (180 cpm) 5 ×106 Electrical (resistive) (20 cpm) 16 A 250 V AC —105 10 A 250 V AC 105 — Nominal operating power 1.1 VA/0.9 VA (at 50Hz/60Hz) 530mW AC coil type High capacity type Maximum operating speed 20 cpm Initial insulation resistance Min. 1,000 M Ω at 500 V DC Initial breakdown voltage*1 Between open contacts 1,000 Vrms for 1 min. Between contacts and coil 5,000 Vrms for 1 min. Initial surge voltage between coil and contact*2 Min. 10,000 V Operate time (at nominal voltage)(at 20 °C) Approx. 10 ms Release time (without diode) (at nominal voltage)(at 20 °C) Approx. 6 ms Approx. 2 ms Temperature rise*3 (at nominal voltage) Max. 60 °C (10 A, at 20°C) Max. 45 °C (16 A, at 20°C) Shock resistance Functional*4 Min. 98 m/s2 {10 G} Destructive*5 Min. 980 m/s2 {100 G} Vibration resistance Functional*6 88.2 m/s2 {9 G}, 10 to 55 Hz at double amplitude of 1.5 mm Destructive 117.6 m/s2 {12 G}, 10 to 55 Hz at double amplitude of 2.0 mm Conditions for operation, transport and storage*7 (Not freezing and condens- ing at low temperature) Ambient temp. –50 °C to +55°C –58 °F to +131°F –50 °C to +70°C –58 °F to +158°F Humidity 5 to 85% R.H. Unit weight Approx. 20 g .71 oz Remarks * Specifications will vary with foreign standards certification ratings. *1 Detection current: 10mA *2 Wave is standard shock voltage of ±1.2 × 50µs according to JEC-212-1981 *3 With nominal coil voltage and at maximum switching current *4 Half-wave pulse of sine wave: 11ms; detection time: 10 µs *5 Half-wave pulse of sine wave: 6ms *6 Detection time: 10 µs *7 Refer to 5. Conditions for operation, transport and storage mentioned in AMBIENT ENVIRONMENT (Page 24). TYPICAL APPLICATIONS • Microwave ovens • Refrigerators • Copiers • Facsimiles • Air conditioners • Stereo equipment • TV sets • Vending machines • Temperature controllers ORDERING INFORMATION 1a TM DC12V Ex. JR Contact arrangement Mounting method Coil voltage 1aF: High contact capacity (1 Form A) 1a: 1 Form A Nil: PCB terminal TM: Top mounting TMP: Solder and PC teminal DC 5, 6, 12, 24, 48 V Notes: 1. For UL/CSA recognized types, add suffix UL/CSA. Notes: 2. Standard packing: Carton: 100 pcs. Case: 500 pcs. Notes: 3. 18 V DC type are also available. Please consult us for details. TM: Top mounting AC 115 V |
Similar Part No. - JR1AF-DC12V |
|
Similar Description - JR1AF-DC12V |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |