Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KDD25-24T01 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # KDD25-24T01
Description  DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KDD25-24T01 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  KDD25-24T01 Datasheet HTML 1Page - List of Unclassifed Manufacturers KDD25-24T01 Datasheet HTML 2Page - List of Unclassifed Manufacturers KDD25-24T01 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DC-DC CONVERTER
KDD25 SERIES
26.5 ~ 27.2W TRIPLE OUTPUT
CHINFA ELECTRONICS IND., CO. LTD.
ISO 9001 Certified
www.chinfa.com
sales@chinfa.com
MECHANISM & PIN CONFIGURATION
mm [inch]
PHYSICAL CHARACTERISTICS
PIN ASSIGMENT
PIN NO.
1
2
3
4
5
6
7
TRIPLE
Vi+
Vi-
+5V OUT
com
Vo+
com
Vo-
Derating:
[TABLE 1]
0
100
NATURAL
CONVECTION
COOLING
Ambient Temperture [℃]
-25
70
85
60
CASE SIZE
70 x 100 x23mm
2.76 x 3.94 x 0.91inches
CASE MATERIAL
Metal
WEIGHT
270 g


Similar Part No. - KDD25-24T01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KDD25-24D01 ETC2-KDD25-24D01 Datasheet
141Kb / 3P
   DC-DC CONVERTER 21.5 ~ 25W
KDD25-24D02 ETC2-KDD25-24D02 Datasheet
141Kb / 3P
   DC-DC CONVERTER 21.5 ~ 25W
KDD25-24D03 ETC2-KDD25-24D03 Datasheet
141Kb / 3P
   DC-DC CONVERTER 21.5 ~ 25W
KDD25-24S01 ETC2-KDD25-24S01 Datasheet
141Kb / 3P
   DC-DC CONVERTER 21.5 ~ 25W
KDD25-24S02 ETC2-KDD25-24S02 Datasheet
141Kb / 3P
   DC-DC CONVERTER 21.5 ~ 25W
More results

Similar Description - KDD25-24T01

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com