Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JR1AF-TMP-DC24V Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part # JR1AF-TMP-DC24V
Description  SLIM TYPE POWER RELAYS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

JR1AF-TMP-DC24V Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  JR1AF-TMP-DC24V Datasheet HTML 1Page - Nais(Matsushita Electric Works) JR1AF-TMP-DC24V Datasheet HTML 2Page - Nais(Matsushita Electric Works) JR1AF-TMP-DC24V Datasheet HTML 3Page - Nais(Matsushita Electric Works) JR1AF-TMP-DC24V Datasheet HTML 4Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
JR
100
• JR1aF-TMP (DC)
0.8
.031
FASTON # 187
0.8
.031
0.5
.020
0.5
.020
12.8
.504
4.75
.187
28.6
1.126
20
.787
0.4
.016
1.45
.057
7.5
.295
5
.197
28.5
1.122
8.5
.335
2.15
±0.5
.085
±.020
5.2
±0.5
.205
±.020
0.5
.020
4
66
8
COM COM
N.O.
N.O.
1
4
Dimension :
General tolerance
Max. 1mm .039 inch
±0.1 ±.004
1 to 3mm .039 to .118 inch
±0.2 ±.008
Min. 3mm .118 inch
±0.3 ±.012
PC board pattern (Copper-side view)
Tolerance:
±0.1 ±.004
Schematic (BOTTOM VIEW)
7.5
.295
Relay outline
20
.787
5
.197
1.45
.057
28.6
1.126
12.8
.504
4-1.3 DIA.
4-.051 DIA.
Top view
FASTON # 187
4
6
6
COM
4
1
8
N.O.
• JR1aF-TM (DC) / JR1a-TM (AC)
FASTON # 187
4.75
.187
0.5
.020
5.2
±0.5
.205
±.020
2.15
±0.5
.085
±.020
17.5
±0.5
.689
±.020
8.5
.335
7.5
±0.5
.295
±.020
28.3
1.114
2.5
.098
3.8
.150
4.75
.187
3.75
.148
28.6
1.126
44.0
1.732
0.5
.020
12.8
.504
1
8
6
4
N.O.
COM
Dimension :
General tolerance
Max. 1mm .039 inch
±0.1 ±.004
1 to 3mm .039 to .118 inch
±0.2 ±.008
Min. 3mm .118 inch
±0.3 ±.012
Panel cutout
Schematic (BOTTOM VIEW)
2-M3 or 2-M3.5
2-M.118 or 2-M.138
38.0
1.496
18
Coil
COM
N.O.
6
4
* JR1a-TM-AC 100 V is not high contact capacity version
but has the same dimensions as JR1aF-TM.
mm inch


Similar Part No. - JR1AF-TMP-DC24V

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
JR100 KNOWLES-JR100 Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
logo
Wall Industries,Inc.
JR12D12-420 WALL-JR12D12-420 Datasheet
151Kb / 3P
   Single and Dual Outputs 10 Watt DC/DC Converter 2:1 Wide Input Voltage Range
JR12D12-420 WALL-JR12D12-420 Datasheet
348Kb / 5P
   10 Watt DC/DC Power Converters
JR12D12-420 WALL-JR12D12-420 Datasheet
531Kb / 8P
   10 Watt DC/DC Power Converters Single and Dual Outputs
JR12D15-330 WALL-JR12D15-330 Datasheet
151Kb / 3P
   Single and Dual Outputs 10 Watt DC/DC Converter 2:1 Wide Input Voltage Range
More results

Similar Description - JR1AF-TMP-DC24V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RJ1S-CL-D24 ETC2-RJ1S-CL-D24 Datasheet
722Kb / 10P
   RJ Series Slim Power Relays
logo
Nais(Matsushita Electri...
JK1APF-12V NAIS-JK1APF-12V Datasheet
54Kb / 3P
   SLIM TYPE POWER RELAY
logo
Panasonic Semiconductor
NC2EBD-JP-DC5V PANASONIC-NC2EBD-JP-DC5V Datasheet
269Kb / 10P
   Transistor drive 2c/4c 5A slim power relays
logo
Panasonic Battery Group
NC PANASONICBATTERY-NC Datasheet
269Kb / 10P
   Transistor drive 2c/4c 5A slim power relays
logo
Panasonic Semiconductor
NC2-PS PANASONIC-NC2-PS Datasheet
269Kb / 10P
   Transistor drive 2c/4c 5A slim power relays
APF10324 PANASONIC-APF10324 Datasheet
77Kb / 5P
   Compliant with European standards 1a/1c 6A Slim power relays
APF30224 PANASONIC-APF30224 Datasheet
77Kb / 5P
   Compliant with European standards 1a/1c 6A Slim power relays
logo
Panasonic Battery Group
PF PANASONICBATTERY-PF Datasheet
77Kb / 5P
   Compliant with European standards 1a/1c 6A Slim power relays
logo
Omron Electronics LLC
G7SA OMRON-G7SA Datasheet
2Mb / 16P
   Compact, Slim Relays Conforming to EN Standards
logo
FSP TECHNOLOGY INC.
FSP057-2FS01 FSP-FSP057-2FS01 Datasheet
178Kb / 1P
   Slim type power supply with LED Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com