Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX6035A Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SX6035A
Description  Quartz Crtstal
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SX6035A Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SX6035A Datasheet HTML 1Page - List of Unclassifed Manufacturers SX6035A Datasheet HTML 2Page - List of Unclassifed Manufacturers SX6035A Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
General Catalogue Ed. 2004 Rev. 01
2B Elettronica srl • Roma • Via Aurelia, 424 00165 • Tel +39-066622432 • Fax +39-066632956 • uff.roma@2belettronica.it
Milano• Ospiate di Bollate (MI) • Via Ghisalba, 13 20021 • Tel +39-0238303011 • Fax +39-0238303109 • uff.milano@2belettronica.it
www.2Belettronica.it
3/(3)
Quartz Crystal : SX6035 , SX6035A
Part numbering
1 : Case
SX6035
SX6035A
2 : Frequency (MHz)
.
10 digits included comma
3 : Oscillation Mode
F = Fundamental
X = 3
th Overtone
4 : Crystal blank Cut angle
AT
5 : Resonance Mode
S = serie
P20 = Parallel 20pF
P30 = Parallel 30pF
P16 = Parallele 16pF
and so on
6 : Freq. Tolerance (ppm)
A <
±30ppm @+25°C
B <
±25ppm @+25°C
C <
±20ppm @+25°C
D <
±15ppm @+25°C
E <
±10ppm @+25°C
F
<
±7.5ppm @+25°C
G <
±5.0ppm @+25°C
7 : Temperature Range
A
+0°C / +50°C
B
+0°C / +60°C
C
+0°C / +70°C
D
-10°C / +60°C
E
-10°C / +70°C
F
-20°C / +70°C
G
-30°C / +60°C
H
-30°C / +70°C
L
-30°C / +75°C
M
-20°C / +85°C
N
-40°C / +85°C
P
-40°C / +105°C
Q
-55°C / +105°C
R
-55°C / +125°C
8 : Freq. Temp. Stability (ppm)
A
<
±50ppm
B
<
±40ppm
C
<
±35ppm
D
<
±30ppm
E
<
±25ppm
F
<
±20ppm
G
<
±15ppm
H
<
±10ppm
L
<
±7.5ppm
M
<
±5.0ppm
N
<
±3.0ppm
Codes 6, 7,8 can be replaced by overall stability requirement and
expressed as it follows :
X999, where
X = temp. Range code (see 7 )
999 = 3 digits indicating stabiltiy in ppm
example :
F100 = 100ppm overall in –20°C/+70°C
N050 = 50ppm overall in –40°C/+85°C
9 : Packaging
TR
Taped in reel
SX6035 – 010.000000 F AT P20 A F A TR
1
2
3 4
5
6 7 8 9


Similar Part No. - SX6035A

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
SX6000 A-DATA-SX6000 Datasheet
294Kb / 2P
   NVMe 1.2 certified
More results

Similar Description - SX6035A

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
XG-2123CA EPSONTOYOCOM-XG-2123CA Datasheet
540Kb / 2P
   Crtstal Oscillator
SG-210SCH EPSONTOYOCOM-SG-210SCH Datasheet
590Kb / 2P
   Crtstal Oscillator
logo
ECS, Inc.
HC-49USX-DN ECS-HC-49USX-DN Datasheet
157Kb / 1P
   QUARTZ CRYSTAL
logo
auris-GmbH
HC49USSMD AURIS-HC49USSMD_1 Datasheet
200Kb / 1P
   Quartz SMD
HE1045 AURIS-HE1045_1 Datasheet
978Kb / 1P
   Quartz SMD
HE5032 AURIS-HE5032_1 Datasheet
500Kb / 1P
   Quartz SMD
HE7050 AURIS-HE7050_1 Datasheet
157Kb / 1P
   Quartz SMD
logo
Jauch Quartz Gmbh
JXE32 JAUCH-JXE32 Datasheet
65Kb / 2P
   Quartz Crystal
MQ1 JAUCH-MQ1 Datasheet
154Kb / 2P
   Quartz Crystal
JTX520 JAUCH-JTX520 Datasheet
134Kb / 2P
   Quartz Crystal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com