Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH1510AT Datasheet(PDF) 4 Page - Vishay Siliconix

Part # LH1510AT
Description  1 Form A Solid State Relay
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1510AT Datasheet(HTML) 4 Page - Vishay Siliconix

  LH1510AT Datasheet HTML 1Page - Vishay Siliconix LH1510AT Datasheet HTML 2Page - Vishay Siliconix LH1510AT Datasheet HTML 3Page - Vishay Siliconix LH1510AT Datasheet HTML 4Page - Vishay Siliconix LH1510AT Datasheet HTML 5Page - Vishay Siliconix LH1510AT Datasheet HTML 6Page - Vishay Siliconix LH1510AT Datasheet HTML 7Page - Vishay Siliconix LH1510AT Datasheet HTML 8Page - Vishay Siliconix LH1510AT Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.vishay.com
4
Document Number 83810
Rev. 1.3, 26-Oct-04
LH1510AAB/ AABTR/ AT
Vishay Semiconductors
Figure 5. LED Current vs. Load Voltage
Figure 6. LED Current for Switch Turn-on vs. Temperature
Figure 7. LED Dropout Voltage vs. Temperature
ilh1510at_04
LED Current (mA)
1
0
2
3
4
5
6
7
01
23
45
T=85°C
T=25°C
T=-40°C
ilh1510at_05
-40
-60
-20
0
20
40
60
80
-40
-20
020
40
60
80
Temperature (°C)
ilh1510at_06
1.08
1.04
1.12
1.16
1.2
1.24
-40
-20
0
Temperature (°C)
IL=100mA
20
40
60
80
Figure 8. DC Load Current vs. Load Voltage
Figure 9. DC Current Limit vs. Temperature
Figure 10. Current Limit vs. Temperature
ilh1510at_07
0
200
400
600
800
1000
01
23
4
5
Load Voltage (V)
T=-40°C
T=25°C
T=85°C
ilh1510at_08
-4 5
-30
-15
0
15
30
45
-40
-20
0
20
40
60
80
Temperature (°C)
IF=5 mA
T=5ms
VL=4V
ilh1510at_09
-30
-20
-10
0
10
20
30
-40
-20
0
20
40
60
80
Temperature (°C)
IF=5 mA
T=5ms
VL=5V


Similar Part No. - LH1510AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1510AT VISHAY-LH1510AT Datasheet
168Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.7, 25-Jul-11
LH1510AT VISHAY-LH1510AT Datasheet
197Kb / 10P
   1 Form A Solid-State Relay (Normally Open)
Rev. 1.8, 05-Jul-2018
LH1510AT VISHAY-LH1510AT Datasheet
196Kb / 10P
   1 Form A Solid-State Relay (Normally Open)
01-Jan-2022
LH1510AT VISHAY-LH1510AT Datasheet
197Kb / 10P
   1 Form A Solid-State Relay (Normally Open)
01-Jan-2023
More results

Similar Description - LH1510AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
   1 Form A Solid State Relay
Rev. 1.4, 26-Oct-04
logo
Solid State Optronic
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
   1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
   1 Form A Solid State Relay
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
   1 Form A Solid State Relay
logo
Vishay Siliconix
LH1540AAB VISHAY-LH1540AAB_11 Datasheet
158Kb / 8P
   1 Form A Solid-State Relay
Rev. 1.9, 25-Jul-11
VO14642AT VISHAY-VO14642AT_V02 Datasheet
185Kb / 10P
   1 Form A Solid-State Relay
01-Jan-2023
VOR1142B4 VISHAY-VOR1142B4_V01 Datasheet
120Kb / 8P
   1 Form A Solid-State Relay
01-Jan-2022
LH1500AAB VISHAY-LH1500AAB Datasheet
179Kb / 9P
   1 Form A Solid State Relay
Rev. 1.5, 26-Oct-04
logo
Solid State Optronic
S742-X SSOUSA-S742-X Datasheet
167Kb / 4P
   1 Form A Solid State Relay
AD8C111-L SSOUSA-AD8C111-L Datasheet
165Kb / 4P
   1 Form A Solid State Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com