Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE5045A Datasheet(PDF) 3 Page - NTE Electronics

Part # NTE5045A
Description  Zener Diode, 1/2 Watt 짹5% Tolerance
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE5045A Datasheet(HTML) 3 Page - NTE Electronics

  NTE5045A Datasheet HTML 1Page - NTE Electronics NTE5045A Datasheet HTML 2Page - NTE Electronics NTE5045A Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Electrical Characteristics (Cont’d): (TC = +25°C, unless otherwise specified)
Nominal
Zener
Maximum Dynamic
Impedance
Typical
Temperature
Maximum
NTE Type
Number
Zener Voltage
Vz @ Izt
(Note 1)
Test
Current
(Izt)
Zzt @ Izt
Zzk @
0.25mA (Izk)
Coefficient
(Note 2)
α
vz
Leakage
Current
IR @ VR
Volts
mA
Ohms
Ohms
%/
°C
µA
Volts
NTE5041A
51
2.5
125
1100
0.096
0.1
39
NTE5042A
56
2.2
150
1300
0.096
0.1
43
NTE5043A
60
2.1
170
1400
0.097
0.1
46
NTE5044A
62
2.0
185
1400
0.097
0.1
47
NTE5045A
68
1.8
230
1600
0.097
0.1
52
NTE5046A
75
1.7
270
1700
0.098
0.1
56
NTE5047A
82
1.5
330
2000
0.098
0.1
62
NTE5048A
87
1.4
370
2200
0.099
0.1
68
NTE5049A
91
1.4
400
2300
0.099
0.1
69
NTE5050A
100
1.3
500
2600
0.110
0.1
76
NTE5051A
110
1.1
750
3000
0.110
0.1
84
NTE5052A
120
1.0
900
4000
0.110
0.1
91
NTE5053A
130
0.95
1100
4500
0.110
0.1
00
NTE5054A
140
0.90
1300
4500
0.110
0.1
106
NTE5055A
150
0.85
1500
5000
0.110
0.1
114
NTE5056A
160
0.80
1700
5500
0.110
0.1
122
NTE5057A
170
0.74
1900
5500
0.110
0.1
129
NTE5058A
180
0.68
2200
6000
0.110
0.1
137
NTE5059A
190
0.66
2400
6500
0.110
0.1
144
NTE5060A
200
0.65
2500
7000
0.110
0.1
152
Note 1. The electrical characteristics are measured after allowing the device to stabilize for 90 seconds
with +30
°C lead temperature.
Note 2. Test conditions for temperature coefficient are as follows:
a.Izt = 7.5mA, T1 = +25°C, T2 = +125°C (NTE5000A thru NTE5021A)
b.Izt = Rated Izt, T1 = +25°C, T2 = +125°C (NTE5022A thru NTE5060A)
Device to be temperature stabilized with current applied prior to reading breakdown voltage
at the specified ambient temperature.
Color Band Denotes Cathode
1.000
(25.4)
Min
.200
(5.08)
Max
.090 (2.28)
Dia Max
.022 (.509) Dia Max


Similar Part No. - NTE5045A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE504 NTE-NTE504 Datasheet
17Kb / 2P
   High Voltage Selenium Rectifier for TV Applications
More results

Similar Description - NTE5045A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5061A NTE-NTE5061A Datasheet
30Kb / 3P
   Zener Diode, 1 Watt 짹5% Tolerance
NTE5174A NTE-NTE5174A Datasheet
30Kb / 4P
   Zener Diode, 10 Watt 짹5% Tolerance
NTE5111A NTE-NTE5111A Datasheet
32Kb / 3P
   Zener Diode, 5 Watt 짹5% Tolerance
NTE5198A NTE-NTE5198A Datasheet
32Kb / 4P
   Zener Diode, 10 Watt 짹5% Tolerance
NTE5240A NTE-NTE5240A Datasheet
31Kb / 3P
   50 Watt Zener Diodes 짹5% Tolerance
NTE5005SM NTE-NTE5005SM Datasheet
19Kb / 2P
   Zener Diode, 300mW 짹5% Tolerance
logo
Taiwan Semiconductor Co...
BZX55B2V4 TSC-BZX55B2V4_14 Datasheet
228Kb / 5P
   2% Tolerance Zener Diode
BZX585B2V4 TSC-BZX585B2V4 Datasheet
230Kb / 6P
   Zener Diode, 2% Tolerance
logo
Central Semiconductor C...
CMXTC935A CENTRAL-CMXTC935A Datasheet
524Kb / 2P
   SURFACE MOUNT TEMPERATURE COMPENSATED SILICON ZENER DIODE 짹5% TOLERANCE
CMZ5913BP CENTRAL-CMZ5913BP Datasheet
297Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 3.0 WATT, 3.3 THRU 200 VOLTS 짹5% TOLERANCE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com