Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS3L02DQ Datasheet(PDF) 8 Page - STMicroelectronics

Part # LIS3L02DQ
Description  INERTIAL SENSOR: 3Axis - 2g DIGITAL OUTPUT LINEAR ACCELEROMETER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3L02DQ Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LIS3L02DQ Datasheet HTML 4Page - STMicroelectronics LIS3L02DQ Datasheet HTML 5Page - STMicroelectronics LIS3L02DQ Datasheet HTML 6Page - STMicroelectronics LIS3L02DQ Datasheet HTML 7Page - STMicroelectronics LIS3L02DQ Datasheet HTML 8Page - STMicroelectronics LIS3L02DQ Datasheet HTML 9Page - STMicroelectronics LIS3L02DQ Datasheet HTML 10Page - STMicroelectronics LIS3L02DQ Datasheet HTML 11Page - STMicroelectronics LIS3L02DQ Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
LIS3L02DQ
8/19
Transfer when Master is writing multiple bytes to slave:
Transfer when Master is receiving (reading) one byte of data from slave:
Transfer when Master is receiving (reading) multiple bytes of data from slave
Data are transmitted in byte format. Each data transfer contains 8 bits. The number of bytes transferred
per transfer is unlimited. Data is transferred with the Most Significant Bit (MSB) first. If a receiver can’t re-
ceive another complete byte of data until it has performed some other function, it can hold the clock line,
SCL LOW to force the transmitter into a wait state. Data transfer only continues when the receiver is ready
for another byte and releases the data line. If a slave receiver doesn’t acknowledge the slave address (i.e.
it is not able to receive because it is performing some real time function) the data line must be left HIGH
by the slave. The Master can then abort the transfer. A LOW to HIGH transition on the SDA line while the
SCL line is HIGH is defined as a STOP condition. Each data transfer must be terminated by the generation
of a STOP condition.
In order to read multiple bytes, it is necessary to assert the most significant bit of the sub-address field. In
other words, SUB(7) must be equal to 1 while SUB(6-0) represents the address of first register to read.
4.2 SPI Bus Interface
The SPI interface present inside the LIS3L02DQ is a bus slave. The SPI allows to write and read the reg-
isters of the device. The Serial Interface interacts with the outside world with 4 wires: CS, SPC, SPDI and
SPDO.
4.2.1 Read & Write registers
Figure 5. Read & write protocol
Master
ST
SAD + W
SUB
DATA
DATA
SP
Slave
SAK
SAK
SAK
SAK
Master
ST
SAD + W
SUB
SR
SAD + R
NMAK
SP
Slave
SAK
SAK
SAK
DATA
Master
ST
SAD + W
SUB
SR
SAD + R
MAK
Slave
SAK
SAK
SAK
DATA
Master
SR
MAK
NMAK
SP
Slave
DATA
DATA
CS
SPC
SPDI
SPDO
RW
AD6 AD5 AD4 AD3 AD2 AD1 AD0
DI7DI6
DI5DI4
DI3DI2
DI1
DI0
DO7 DO6 DO5 DO4 DO3 DO2 DO1 DO0


Similar Part No. - LIS3L02DQ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS3L02AL STMICROELECTRONICS-LIS3L02AL Datasheet
211Kb / 17P
   MEMS INERTIAL SENSOR: 3-axis - /-2g ultracompact linear accelerometer
LIS3L02ALTR STMICROELECTRONICS-LIS3L02ALTR Datasheet
211Kb / 17P
   MEMS INERTIAL SENSOR: 3-axis - /-2g ultracompact linear accelerometer
LIS3L02AQ STMICROELECTRONICS-LIS3L02AQ Datasheet
126Kb / 7P
   INERTIAL SENSOR: 3Axis - 2g/6g LINEAR ACCELEROMETER
LIS3L02AQ STMICROELECTRONICS-LIS3L02AQ Datasheet
162Kb / 9P
   INERTIAL SENSOR: 3Axis - 2g/6g LINEAR ACCELEROMETER
November 2004 Rev. 4
LIS3L02AQ3 STMICROELECTRONICS-LIS3L02AQ3 Datasheet
258Kb / 13P
   MEMS INERTIAL SENSOR: 3-Axis - 짰g/짰g LINEAR ACCELEROMETER
More results

Similar Description - LIS3L02DQ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS3L02AQ STMICROELECTRONICS-LIS3L02AQ Datasheet
162Kb / 9P
   INERTIAL SENSOR: 3Axis - 2g/6g LINEAR ACCELEROMETER
November 2004 Rev. 4
LIS3L02AQ STMICROELECTRONICS-LIS3L02AQ Datasheet
126Kb / 7P
   INERTIAL SENSOR: 3Axis - 2g/6g LINEAR ACCELEROMETER
LIS3L02AS STMICROELECTRONICS-LIS3L02AS Datasheet
80Kb / 7P
   INERTIAL SENSOR: 3Axis - 2g/6g LINEAR ACCELEROMETER
LIS2L02AS STMICROELECTRONICS-LIS2L02AS Datasheet
84Kb / 6P
   INERTIAL SENSOR: 2Axis - 2g/6g LINEAR ACCELEROMETER
LIS2L02AQ STMICROELECTRONICS-LIS2L02AQ_04 Datasheet
168Kb / 9P
   INERTIAL SENSOR-2Axis - 2g/6g LINEAR ACCELEROMETER
LIS2L02AQ STMICROELECTRONICS-LIS2L02AQ Datasheet
120Kb / 6P
   INERTIAL SENSOR: 2Axis - 2g/6g LINEAR ACCELEROMETER
LIS3LV02DQ STMICROELECTRONICS-LIS3LV02DQ Datasheet
379Kb / 42P
   MEMS INERTIAL SENSOR 3-Axis - -2g/-6g Digital Output Low Voltage Linear Accelerometer
LIS2L02AL STMICROELECTRONICS-LIS2L02AL_06 Datasheet
198Kb / 17P
   MEMS INERTIAL SENSOR:2-axis - /-2g ultracompact linear accelerometer
LIS2L02AL STMICROELECTRONICS-LIS2L02AL Datasheet
181Kb / 17P
   MEMS INERTIAL SENSOR: 2-axis - /-2g ULTRACOMPACT LINEAR ACCELEROMETER
LIS3L02AL STMICROELECTRONICS-LIS3L02AL Datasheet
211Kb / 17P
   MEMS INERTIAL SENSOR: 3-axis - /-2g ultracompact linear accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com