Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2717 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2717
Description  Dual Step-down DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2717 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM2717 Datasheet HTML 3Page - National Semiconductor (TI) LM2717 Datasheet HTML 4Page - National Semiconductor (TI) LM2717 Datasheet HTML 5Page - National Semiconductor (TI) LM2717 Datasheet HTML 6Page - National Semiconductor (TI) LM2717 Datasheet HTML 7Page - National Semiconductor (TI) LM2717 Datasheet HTML 8Page - National Semiconductor (TI) LM2717 Datasheet HTML 9Page - National Semiconductor (TI) LM2717 Datasheet HTML 10Page - National Semiconductor (TI) LM2717 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Typical Performance Characteristics
Shutdown I
Q vs. Input Voltage
Switching I
Q vs. Input Voltage
(F
SW = 300kHz)
20078560
20078561
Switching Frequency vs. Input Voltage
(F
SW = 300kHz)
Fixed Buck R
DS(ON) vs. Input Voltage
20078562
20078563
Adjustable Buck R
DS(ON) vs. Input Voltage
Fixed Buck Efficiency vs. Load Current
20078564
20078565
www.national.com
7


Similar Part No. - LM2717

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2717 NSC-LM2717 Datasheet
324Kb / 14P
   Dual Step-Down DC/DC Converter
logo
Texas Instruments
LM2717 TI-LM2717 Datasheet
957Kb / 17P
[Old version datasheet]   LM2717 Dual Step-Down DC/DC Converter
logo
National Semiconductor ...
LM2717-ADJ NSC-LM2717-ADJ Datasheet
812Kb / 16P
   Dual Step-Down DC/DC Converter
LM2717-ADJ NSC-LM2717-ADJ Datasheet
395Kb / 16P
   Dual Step-Down DC/DC Converter
logo
Texas Instruments
LM2717-ADJ TI-LM2717-ADJ Datasheet
1Mb / 24P
[Old version datasheet]   LM2717-ADJ Dual Step-Down DC/DC Converter
More results

Similar Description - LM2717

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2717-ADJ NSC-LM2717-ADJ Datasheet
812Kb / 16P
   Dual Step-Down DC/DC Converter
LM2717 NSC-LM2717_08 Datasheet
324Kb / 14P
   Dual Step-Down DC/DC Converter
LM2717-ADJ NSC-LM2717-ADJ_08 Datasheet
395Kb / 16P
   Dual Step-Down DC/DC Converter
logo
Texas Instruments
LM2717 TI-LM2717_15 Datasheet
957Kb / 17P
[Old version datasheet]   LM2717 Dual Step-Down DC/DC Converter
LM3370 TI1-LM3370_15 Datasheet
4Mb / 33P
[Old version datasheet]   Dual Synchronous Step-Down DC-DC Converter
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com