Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5526 Datasheet(PDF) 8 Page - Linear Technology

Part # LT5526
Description  High Linearity, Low Power Downconverting Mixer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5526 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT5526 Datasheet HTML 4Page - Linear Technology LT5526 Datasheet HTML 5Page - Linear Technology LT5526 Datasheet HTML 6Page - Linear Technology LT5526 Datasheet HTML 7Page - Linear Technology LT5526 Datasheet HTML 8Page - Linear Technology LT5526 Datasheet HTML 9Page - Linear Technology LT5526 Datasheet HTML 10Page - Linear Technology LT5526 Datasheet HTML 11Page - Linear Technology LT5526 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT5526
5526f
TEST CIRCUITS
IFOUT
140MHz
5526 F01
16
15
14
13
56
7
8
12
11
10
9
NC
NC
GND
GND
EN
EN
VCC1 VCC2
RF
+
RF–
LO
+
LO–
NC
17
1
2
3
4
NC
NC
IF
+
IF–
C1
TL1
TL2
T1
2
1
4
6
3
RFIN
900MHz
LOIN
760MHz
15
4
3
2
C4
L3
L2
C3
C2
C6
C5
C8
VCC
LT5526
RF
GND
GND
DC
ER = 4.4
0.018"
0.018"
0.062"
1900MHz INPUT MATCHING:
C1: 1.5pF
T1: LDB311G9010C-440
T2
REF DES
VALUE
SIZE
PART NUMBER
REF DES
VALUE
SIZE
PART NUMBER
C1
2.7pF
0402
AVX 04025A2R7CAT
L2, L3
150nH
1608
Toko LL1608-FSR15J
C2
0.01µF
0402
AVX 04023C103JAT
T1
1:1
1206
Murata LDB31900M05C-417
C3
1.2pF
0402
AVX 04025A1R2BAT
T2
4:1
SM-22
M/A-COM ETC4-1-2
C4, C5, C6
100pF
0402
AVX 04025A101JAT
TL1, TL2
ZO = 80
L = 1.25mm
C8
1µF
0603
Taiyo Yuden LMK107BJ105MA
Figure 1. Test Schematic for 900MHz Application. For 1900MHz or Other Applications,
Component Values Are as Indicated in Figure 1 and in Applications Section
REF DES
VALUE
SIZE
PART NUMBER
REF DES
VALUE
SIZE
PART NUMBER
C2
0.01pF
0402
AVX 04023C103JAT
L1, L4
15nH
1005
Toko LL1005-FH15NJ
C3
3.9pF
0402
AVX 04025A3R9BAT
L2, L3
270nH
1608
Toko LL1608-FSR27J
C4, C5, C6
100pF
0402
AVX 04025A101JAT
L5
100nH
1005
Toko LL1005-FHR10J
C8
1µF
0603
Taiyo Yuden LMK107BJ105MA
T2
4:1
SM-22
M/A-COM ETC4-1-2
C7, C9
10pF
0402
AVX 04025A100JAT
Figure 2. Test Schematic for 350MHz Applications
IFOUT
70MHz
5526 F02
16
15
14
13
56
7
8
12
11
10
9
NC
NC
GND
GND
EN
EN
VCC1 VCC2
RF
+
RF–
LO
+
LO–
NC
17
1
2
3
4
NC
NC
IF
+
IF–
C9
C7
L4
L1
L5
RFIN
350MHz
LOIN
420MHz
15
4
3
2
C4
L3
L2
C3
C2
C6
C5
C8
VCC
LT5526
RF
GND
GND
DC
ER = 4.4
0.018"
0.018"
0.062"
T2


Similar Part No. - LT5526

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5526 LINER-LT5526 Datasheet
307Kb / 16P
   800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LT5526 LINER-LT5526_15 Datasheet
234Kb / 16P
   High Linearity, Low Power Downconverting Mixer
More results

Similar Description - LT5526

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5525 LINER-LT5525 Datasheet
195Kb / 12P
   High Linearity, Low Power Downconverting Mixer
LT5526 LINER-LT5526_15 Datasheet
234Kb / 16P
   High Linearity, Low Power Downconverting Mixer
LT5525 LINER-LT5525_15 Datasheet
201Kb / 12P
   High Linearity, Low Power Downconverting Mixer
logo
M/A-COM Technology Solu...
MAMX-011021 MA-COM-MAMX-011021 Datasheet
987Kb / 8P
   High Linearity Mixer
logo
Asahi Kasei Microsystem...
AK1221 AKM-AK1221 Datasheet
529Kb / 21P
   3500MHz High Linearity Mixer
AK1220 AKM-AK1220 Datasheet
623Kb / 27P
   900MHz High Linearity Mixer
AK1223 AKM-AK1223 Datasheet
543Kb / 18P
   8500MHz High Linearity Mixer
AK1220 AKM-AK1220_17 Datasheet
1,001Kb / 33P
   900Mhz High Linearity Mixer
logo
Linear Technology
LTC5542 LINER-LTC5542_15 Datasheet
263Kb / 16P
   1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
LTC5543 LINER-LTC5543 Datasheet
56Kb / 1P
   2.3GHz to 4GHz High Dynamic Range Downconverting Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com