Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1955EUH Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1955EUH
Description  Dual Smart Card Interface with Serial Control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1955EUH Datasheet(HTML) 1 Page - Linear Technology

  LTC1955EUH Datasheet HTML 1Page - Linear Technology LTC1955EUH Datasheet HTML 2Page - Linear Technology LTC1955EUH Datasheet HTML 3Page - Linear Technology LTC1955EUH Datasheet HTML 4Page - Linear Technology LTC1955EUH Datasheet HTML 5Page - Linear Technology LTC1955EUH Datasheet HTML 6Page - Linear Technology LTC1955EUH Datasheet HTML 7Page - Linear Technology LTC1955EUH Datasheet HTML 8Page - Linear Technology LTC1955EUH Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC1955
1
sn1955 1955fs
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
The LTC
®1955 provides all necessary supervisory and
power control functions for two smart cards, two S.A.M.
cards or a combination of S.A.M. and smart cards. It
provides a charge pump for battery powered applications
as well as all necessary level shifting circuitry.
The card voltages can be independently set to 1.8V, 3V or
5V. Both card interfaces include a card detection channel
with automatic debounce circuitry. To reduce wiring costs,
the LTC1955 interfaces to a microcontroller via a simple
4-wire serial interface. Multiple devices may be connected
in daisy-chain fashion so that the number of wires to the
card socket board is independent of the number of sock-
ets. Status data is returned over the same interface.
Extensive security features ensure proper deactivation
sequencing in the event of a supply fault or a smart card
electrical fault. The smart card pins can withstand greater
than 10kV ESD in-situ with no additional components.
The LTC1955 is available in a small 5mm
× 5mm QFN
package.
s
Handheld Payment Terminals
s
Pay Telephones
s
ATM Machines
s
POS Terminals
s
Computer Keyboards
s
Multiple S.A.M. Sockets
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Compatible with ISO7816-3 and EMV Electrical
Specifications
s
Power Management and Control for Two Smart
Cards
s
Control/Status Serial Port May be Daisy-Chained
for Multicard Applications
s
Automatic Shutdown on Electrical Faults
s
Buck/Boost Charge Pump Generates 5V, 3V or 1.8V
Outputs (Smart Card Classes A, B and C)*
s
Independent 5V/3V/1.8V Level Control for Both Cards
s
Automatic Level Translation
s
Supervisory Functions Prevent Smart Card Faults
s
Low Operating Current: 250
µA Typical
s
Ultralow Shutdown Current
s
>10kV ESD on Smart Card Pins
s
Small 32-Pin 5mm
× 5mm QFN Package
Dual Smart Card Interface
with Serial Control
4-WIRE
COMMAND
INTERFACE
4-WIRE
CARD
INTERFACE
SMART CARD
VENDOR CARD
C8A
C4A
I/O A
RST A
CLK A
VCCA
PRES B
3
4
5
6
7
8
21
2
CARD
DETECT
23
20
19
18
17
15
11
14
24
1
12,13
9, 10
29
30
32
31
22
27
28
26
25
I/O B
RST B
CLK B
VCCB
DVCC
VBATT
GND
FAULT
DIN
DOUT
SCLK
LD
DATA
RIN
SYNC
ASYNC
NC/NO
PRES A
UNDERV
240k
LTC1955
1
µF
1
µF
4.7
µF
1955 TA01
1
µF
4.7
µF
0.1
µF
C+
C
CPO
180k
INPUT
POWER
RST A
5V/DIV
10
µs/DIV
1955 G11.eps
Deactivation Sequence
I/O A
5V/DIV
VCCA
5V/DIV
CLK A
5V/DIV
*U.S. Patent No. 6,411,531


Similar Part No. - LTC1955EUH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1955 LINER-LTC1955_15 Datasheet
372Kb / 22P
   Dual Smart Card Interface with Serial Control
More results

Similar Description - LTC1955EUH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1955 LINER-LTC1955_15 Datasheet
372Kb / 22P
   Dual Smart Card Interface with Serial Control
LTC4556 LINER-LTC4556 Datasheet
242Kb / 20P
   Smart Card Interface with Serial Control
LTC4556 LINER-LTC4556_15 Datasheet
269Kb / 22P
   Smart Card Interface with Serial Control
logo
NXP Semiconductors
TDA8020HL PHILIPS-TDA8020HL Datasheet
114Kb / 24P
   Dual smart card interface
2001 Aug 15
logo
ON Semiconductor
NCN6804 ONSEMI-NCN6804 Datasheet
330Kb / 25P
   Dual Smart Card Interface IC with SPI Programming Interface
December, 2008 ??Rev. 1
logo
Dallas Semiconductor
DS8007 DALLAS-DS8007 Datasheet
350Kb / 41P
   Multiprotocol Dual Smart Card Interface
logo
Maxim Integrated Produc...
DS8007A MAXIM-DS8007A Datasheet
410Kb / 41P
   Multiprotocol Dual Smart Card Interface
Rev 0; 4/08
logo
ON Semiconductor
NCN6804 ONSEMI-NCN6804 Datasheet
341Kb / 25P
   Dual Smart Card Interface IC
December, 2008 ??Rev. 1
logo
Semtech Corporation
SC606 SEMTECH-SC606 Datasheet
373Kb / 18P
   Low Noise Smart LED Driver with Serial Interface
logo
STMicroelectronics
L6605 STMICROELECTRONICS-L6605 Datasheet
202Kb / 10P
   SMART CARD INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com