Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-M59 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # IC-M59
Description  VHF MARINE TRANSCEIVER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IC-M59 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button IC-M59 Datasheet HTML 3Page - List of Unclassifed Manufacturers IC-M59 Datasheet HTML 4Page - List of Unclassifed Manufacturers IC-M59 Datasheet HTML 5Page - List of Unclassifed Manufacturers IC-M59 Datasheet HTML 6Page - List of Unclassifed Manufacturers IC-M59 Datasheet HTML 7Page - List of Unclassifed Manufacturers IC-M59 Datasheet HTML 8Page - List of Unclassifed Manufacturers IC-M59 Datasheet HTML 9Page - List of Unclassifed Manufacturers IC-M59 Datasheet HTML 10Page - List of Unclassifed Manufacturers IC-M59 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
I Microphone
HI/LO
–
—
2
PANEL DESCRIPTION
3
• Push and hold for 1 sec. to activate tri-watch for checking
channel 16 and the call channel.
› CALL CHANNEL SWITCH [9•ALL/IND]
• Selects the call channel—the call channel is programma-
ble, channel 9 being the default. (p. 11)
• Push and hold for 1 sec. to enter the standby condition of
a DSC call. (When an optional UX-120 is installed).
(pgs. 14, 15)
➠ Both “All ships call” and “Individual call” are selectable.
œ CHANNEL 16 SWITCH [16•EMER]
• Selects channel 16. (p. 6)
• Push and hold to enter the standby condition for a dis-
tress call transmission using the DSC function (when an
optional UX-120 is installed). (p. 13)
 SQUELCH CONTROL [SQUELCH]
• Rotate clockwise to eliminate audio noise. (p. 8)
• Activates the built-in attenuator when rotated deep clock-
wise. (p. 8)
ž POWER/VOLUME CONTROL [PWR/VOL]
Turns power ON and OFF and adjusts the audio output
level. (p. 6)
– CHANNEL UP/DOWN SWITCHES [M]/[L]
• Select an operating channel in the selected channel
group.
➠ These switches can be used instead of the transceiver’s
channel selector.
— HIGH/LOW POWER SWITCH [HI/LO]
The same function as the transceiver’s front panel.
• Toggles between high and low output powers. (p. 9)
• While pushing, push the [
M]/[L] switches to adjust the display
and control/switch backlighting intensity. (p. 11)


Similar Part No. - IC-M59

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MA ICHAUS-IC-MA Datasheet
302Kb / 18P
   ANGULAR HALL SENSOR / ENCODER
IC-MA ICHAUS-IC-MA Datasheet
363Kb / 19P
   8-BIT ANGULAR HALL SENSOR / ENCODER
IC-MA3 ICHAUS-IC-MA3 Datasheet
610Kb / 19P
   ANGULAR HALL SENSOR
IC-MACHIP ICHAUS-IC-MACHIP Datasheet
302Kb / 18P
   ANGULAR HALL SENSOR / ENCODER
IC-MADFN10 ICHAUS-IC-MADFN10 Datasheet
302Kb / 18P
   ANGULAR HALL SENSOR / ENCODER
More results

Similar Description - IC-M59

ManufacturerPart #DatasheetDescription
logo
Yaesu USA.
HX40 STANDARDHORIZON-HX40 Datasheet
5Mb / 52P
   VHF FM Marine Transceiver
logo
Toshiba Semiconductor
S-AV35 TOSHIBA-S-AV35 Datasheet
165Kb / 5P
   FM RF POWER AMPLIFIER MODULE for VHF MARINE BAND
logo
Radiometrix Ltd
SHX1 RADIOMETRIX-SHX1 Datasheet
545Kb / 7P
   500mW Multichannel VHF transceiver
logo
List of Unclassifed Man...
EN300220-3 ETC2-EN300220-3 Datasheet
286Kb / 15P
   VHF Narrow Band FM transceiver
logo
Radiometrix Ltd
BIM1 RADIOMETRIX-BIM1 Datasheet
286Kb / 15P
   VHF Narrow Band FM transceiver
logo
List of Unclassifed Man...
SMX1-173-5 ETC2-SMX1-173-5 Datasheet
236Kb / 8P
   Small Multi-channel VHF Transceiver
logo
Radiometrix Ltd
UHX1-144-5 RADIOMETRIX-UHX1-144-5 Datasheet
370Kb / 7P
   NBFM Multichannel 500mW VHF Transceiver
logo
Dorji Industrial Group ...
DRA818V DORJI-DRA818V Datasheet
355Kb / 10P
   VHF Band Voice Transceiver Module
logo
Radiometrix Ltd
SMX1-173-5 RADIOMETRIX-SMX1-173-5 Datasheet
236Kb / 8P
   Small Multi-channel VHF Transceiver
ENX1 RADIOMETRIX-ENX1 Datasheet
264Kb / 11P
   VHF 12.5kHz channel NBFM TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com