Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M61110GP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # M61110GP
Description  Coil-less VIF/SIF
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61110GP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button M61110GP Datasheet HTML 6Page - Renesas Technology Corp M61110GP Datasheet HTML 7Page - Renesas Technology Corp M61110GP Datasheet HTML 8Page - Renesas Technology Corp M61110GP Datasheet HTML 9Page - Renesas Technology Corp M61110GP Datasheet HTML 10Page - Renesas Technology Corp M61110GP Datasheet HTML 11Page - Renesas Technology Corp M61110GP Datasheet HTML 12Page - Renesas Technology Corp M61110GP Datasheet HTML 13Page - Renesas Technology Corp M61110GP Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
M61110FP/GP
Rev.2.0, Mar.12.2004, page 10 of 19
11. Inter modulation: IM
1. Input SG11 to VIF IN, and measure video output TP9 with an oscilloscope.
2. Adjust AGC filter voltage V8 so that the minimum DC level of the output waveform is 1.5V.
3. At that time, measure TP1A with a spectrum analyzer .
The inter modulation is defined as a difference between 0.92MHz and 3.58 MHz frequency components.
12. Limiting Sensitivity: LIM
1. Input SG17 to LIM IN, and measure the 400Hz component level of AF output TP14.
2. Input SG20 to LIM IN, and measure the noise level of AF output TP14 .
3. The input limiting sensitivity is defined as the input level when the difference between each 400Hz components
of audio output (TP14) is 30dB, as shown below.
30dB
Audio output while SG17 is input.
(dB
µ)
(mVrms)
Audio Output
Audio output while SG20 is input.
LIM Input level
13. AM Rejection: AMR
1. Input SG18 to LIM IN, and measure the output level of Audio output (TP14).
This level is named VAM.
2. AMR is;
VoAF (mVrms)
AMR = 20log
(——————— )
VAM (mVrms)
[dB]
14. AF S/N: AF S/N
1. Input SG19 to LIM IN, and measure the output noise level of Audio output (TP14).
This level is named VN.
2. S/N is;
VoAF (mVrms)
S/N = 20log
( ——————— )
VN (mVrms)
[dB]


Similar Part No. - M61110GP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
M61111FP HITACHI-M61111FP Datasheet
271Kb / 20P
   Coil-less VIF/SIF
logo
Renesas Technology Corp
M61111FP RENESAS-M61111FP Datasheet
393Kb / 20P
   Coil-less VIF/SIF
logo
MTRONPTI
M61111GFCN MTRONPTI-M61111GFCN Datasheet
877Kb / 7P
   M611x Series 5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVTCXO
M61111GFSN MTRONPTI-M61111GFSN Datasheet
877Kb / 7P
   M611x Series 5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVTCXO
M61111GTCN MTRONPTI-M61111GTCN Datasheet
877Kb / 7P
   M611x Series 5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVTCXO
More results

Similar Description - M61110GP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
M61111FP HITACHI-M61111FP Datasheet
271Kb / 20P
   Coil-less VIF/SIF
logo
Renesas Technology Corp
M61113FP RENESAS-M61113FP Datasheet
283Kb / 17P
   Coil-less VIF/SIF
M61112FP RENESAS-M61112FP Datasheet
339Kb / 19P
   Coil-less VIF/SIF
M61111FP RENESAS-M61111FP Datasheet
393Kb / 20P
   Coil-less VIF/SIF
M51496P RENESAS-M51496P Datasheet
4Mb / 15P
   VIF/SIF
logo
Sanyo Semicon Device
N6804 SANYO-N6804 Datasheet
1Mb / 15P
   VIF/SI SIF
logo
New Japan Radio
NJM2542 NJRC-NJM2542 Datasheet
97Kb / 6P
   VIF/ SIF DEMODULATOR
logo
Rohm
BA7358S ROHM-BA7358S Datasheet
250Kb / 15P
   VIF/SIF signal processor
logo
Mitsubishi Electric Sem...
M52313SP MITSUBISHI-M52313SP Datasheet
413Kb / 7P
   STANDARD PLL VIF/SIF
logo
Rohm
BA7356 ROHM-BA7356 Datasheet
197Kb / 9P
   VIF/SIF SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com