Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1162 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1162
Description  16-Bit, 5V, 200ksps ADC with 10關A Shutdown
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1162 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1162 Datasheet HTML 1Page - Maxim Integrated Products MAX1162 Datasheet HTML 2Page - Maxim Integrated Products MAX1162 Datasheet HTML 3Page - Maxim Integrated Products MAX1162 Datasheet HTML 4Page - Maxim Integrated Products MAX1162 Datasheet HTML 5Page - Maxim Integrated Products MAX1162 Datasheet HTML 6Page - Maxim Integrated Products MAX1162 Datasheet HTML 7Page - Maxim Integrated Products MAX1162 Datasheet HTML 8Page - Maxim Integrated Products MAX1162 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
General Description
The MAX1162 low-power, 16-bit analog-to-digital con-
verter (ADC) features a successive-approximation ADC,
automatic power-down, fast 1.1µs wakeup, and a high-
speed SPI™/QSPI™/MICROWIRE™-compatible inter-
face. The MAX1162 operates with a single +5V analog
supply and features a separate digital supply, allowing
direct interfacing with +2.7V to +5.25V digital logic.
At the maximum sampling rate of 200ksps, the
MAX1162 consumes only 2.5mA. Power consumption is
only 12.5mW (AVDD = DVDD = +5V) at a 200ksps (max)
sampling rate. AutoShutdown™ reduces supply current
to 130µA at 10ksps and to less than 10µA at reduced
sampling rates.
Excellent dynamic performance and low power, com-
bined with ease of use and small package size (10-pin
µMAX and 10-pin DFN) make the MAX1162 ideal for
battery-powered and data-acquisition applications or
for other circuits with demanding power consumption
and space requirements.
Applications
Motor Control
Industrial Process Control
Industrial I/O Modules
Data-Acquisition Systems
Thermocouple Measurements
Accelerometer Measurements
Portable- and Battery-Powered Equipment
Features
o 16-Bit Resolution, No Missing Codes
o +5V Single-Supply Operation
o Adjustable Logic Level (+2.7V to +5.25V)
o Input Voltage Range: 0 to VREF
o Internal Track/Hold, 4MHz Input Bandwidth
o SPI/QSPI/MICROWIRE-Compatible Serial Interface
o Small 10-Pin µMAX or 10-Pin DFN Package
o Low Power
2.5mA at 200ksps
130µA at 10ksps
0.1µA in Power-Down Mode
16-Bit, +5V, 200ksps ADC with 10µA Shutdown
________________________________________________________________ Maxim Integrated Products
1
1
2
3
4
5
10
9
8
7
6
AIN
AGND
DVDD
DGND
CS
AGND
AVDD
REF
MAX1162
µMAX/DFN
TOP VIEW
DOUT
SCLK
Pin Configuration
Ordering Information
19-2525; Rev 0; 7/02
Functional Diagram appears at end of data sheet.
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP
RANGE
PIN-
PACKAGE
INL
(LSB)
MAX1162ACUB
0°C to +70
°C
10 µMAX
±2
MAX1162AC_B*
0°C to +70
°C
10 DFN
±2
MAX1162BCUB
0
°C to +70°C
10 µMAX
±2
MAX1162BC_B*
0
°C to +70°C
10 DFN
±2
MAX1162CCUB
0
°C to +70°C
10 µMAX
±4
MAX1162CC_B*
0
°C to +70°C
10 DFN
±4
MAX1162AEUB
-40
°C to +85°C
10 µMAX
±2
MAX1162AE_B*
-40
°C to +85°C
10 DFN
±2
MAX1162BEUB
-40
°C to +85°C
10 µMAX
±2
MAX1162BE_B*
-40
°C to +85°C
10 DFN
±2
MAX1162CEUB
-40
°C to +85°C
10 µMAX
±4
MAX1162CE_B*
-40
°C to +85°C
10 DFN
±4
SPI and QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corp.
AutoShutdown is a trademark of Maxim Integrated Products, Inc.
*Future product—contact factory for DFN package availability.


Similar Part No. - MAX1162

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1162 MAXIM-MAX1162 Datasheet
228Kb / 18P
   16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 4/10
MAX1162 MAXIM-MAX1162 Datasheet
232Kb / 8P
   Fully Assembled and Tested
Rev 1; 12/06
MAX11620EEE+T MAXIM-MAX11620EEE+T Datasheet
1Mb / 21P
   10-Bit, 300ksps ADCs with FIFO and Internal Reference
19-5961; Rev 1; 9/11
MAX11621EEE+T MAXIM-MAX11621EEE+T Datasheet
1Mb / 21P
   10-Bit, 300ksps ADCs with FIFO and Internal Reference
19-5961; Rev 1; 9/11
MAX11624 MAXIM-MAX11624 Datasheet
5Mb / 40P
   Windows XP-, Windows Vista-, and Windows 7-Compatible Software
Rev 1; 4/12
More results

Similar Description - MAX1162

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1062 MAXIM-MAX1062_09 Datasheet
266Kb / 18P
   14-Bit, 5V, 200ksps ADC with 10關A Shutdown
Rev 1; 5/09
MAX11100 MAXIM-MAX11100 Datasheet
3Mb / 19P
   16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
MAX1162 MAXIM-MAX1162_10 Datasheet
228Kb / 18P
   16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 4/10
MAX1062 MAXIM-MAX1062 Datasheet
377Kb / 17P
   14-Bit, %V, 200ksps ADC with 10關A Shutdown
19-2203; Rev 0; 10/01
MAX11101 MAXIM-MAX11101 Datasheet
3Mb / 19P
   14-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
MAX1132 MAXIM-MAX1132 Datasheet
388Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2083; Rev 0; 8/01
MAX1132ACAP MAXIM-MAX1132ACAP Datasheet
252Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
Rev 0; 8/01
logo
Linear Technology
LTC1401 LINER-LTC1401 Datasheet
352Kb / 20P
   Complete SO-8, 12-Bit, 200ksps ADC with Shutdown
LTC1401 LINER-LTC1401_15 Datasheet
253Kb / 20P
   Complete SO-8, 12-Bit, 200ksps ADC with Shutdown
logo
Maxim Integrated Produc...
MAX1142 MAXIM-MAX1142 Datasheet
1Mb / 20P
   14-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2037; Rev 0; 5/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com