Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1162BCUB Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1162BCUB
Description  16-Bit, 5V, 200ksps ADC with 10關A Shutdown
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1162BCUB Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1162BCUB Datasheet HTML 1Page - Maxim Integrated Products MAX1162BCUB Datasheet HTML 2Page - Maxim Integrated Products MAX1162BCUB Datasheet HTML 3Page - Maxim Integrated Products MAX1162BCUB Datasheet HTML 4Page - Maxim Integrated Products MAX1162BCUB Datasheet HTML 5Page - Maxim Integrated Products MAX1162BCUB Datasheet HTML 6Page - Maxim Integrated Products MAX1162BCUB Datasheet HTML 7Page - Maxim Integrated Products MAX1162BCUB Datasheet HTML 8Page - Maxim Integrated Products MAX1162BCUB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
16-Bit, +5V, 200ksps ADC with 10µA Shutdown
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = DVDD = +4.75V to +5.25V, fSCLK = 4.8MHz (50% duty cycle), 24 clocks/conversion (200ksps), VREF = +4.096V, CREF = 4.7µF,
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ANALOG INPUT (AIN)
Input Range
VAIN
0
VREF
V
Input Capacitance
CAIN
40
pF
EXTERNAL REFERENCE
Input Voltage Range
VREF
3.8
AVDD
V
VREF = +4.096V, fSCLK = 4.8MHz
100
VREF = +4.096V, SCLK idle
0.01
Input Current
IREF
CS = DVDD, SCLK idle
0.01
µA
DIGITAL INPUTS (SCLK, CS)
Input High Voltage
VIH
DVDD = +2.7V to +5.25V
0.7 x
DVDD
V
Input Low Voltage
VIL
DVDD = +2.7V to +5.25V
0.3 x
DVDD
V
Input Leakage Current
IIN
VIN = 0 to DVDD
±0.1
±1
µA
Input Hysteresis
VHYST
0.2
V
Input Capacitance
CIN
15
pF
DIGITAL OUTPUT (DOUT)
Output High Voltage
VOH
ISOURCE = 0.5mA, DVDD = +2.7V to +5.25V
DVDD -
0.25V
V
ISINK = 10mA, DVDD = +4.75V to +5.25V
0.7
Output Low Voltage
VOL
ISINK = 1.6mA, DVDD = +2.7V to +5.25V
0.4
V
Three-State Output Leakage
Current
IL
CS = DVDD
±0.1
±10
µA
Three-State Output Capacitance
COUT
CS = DVDD
15
pF
POWER SUPPLIES
Analog Supply
AVDD
4.75
5.25
V
Digital Supply
DVDD
2.7
5.25
V
200ksps
2.0
2.5
100ksps
1.0
10ksps
0.1
Analog Supply Current
IAVDD
CS = DGND
1ksps
0.01
mA
200ksps
0.6
1.0
100ksps
0.3
10ksps
0.03
Digital Supply Current
IDVDD
CS = DGND,
DOUT = all
zeros
1ksps
0.003
mA


Similar Part No. - MAX1162BCUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1162BCUB++ MAXIM-MAX1162BCUB+ Datasheet
228Kb / 18P
   16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 4/10
More results

Similar Description - MAX1162BCUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1062 MAXIM-MAX1062_09 Datasheet
266Kb / 18P
   14-Bit, 5V, 200ksps ADC with 10關A Shutdown
Rev 1; 5/09
MAX11100 MAXIM-MAX11100 Datasheet
3Mb / 19P
   16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
MAX1162 MAXIM-MAX1162_10 Datasheet
228Kb / 18P
   16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 4/10
MAX1062 MAXIM-MAX1062 Datasheet
377Kb / 17P
   14-Bit, %V, 200ksps ADC with 10關A Shutdown
19-2203; Rev 0; 10/01
MAX11101 MAXIM-MAX11101 Datasheet
3Mb / 19P
   14-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
MAX1132 MAXIM-MAX1132 Datasheet
388Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2083; Rev 0; 8/01
MAX1132ACAP MAXIM-MAX1132ACAP Datasheet
252Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
Rev 0; 8/01
logo
Linear Technology
LTC1401 LINER-LTC1401 Datasheet
352Kb / 20P
   Complete SO-8, 12-Bit, 200ksps ADC with Shutdown
LTC1401 LINER-LTC1401_15 Datasheet
253Kb / 20P
   Complete SO-8, 12-Bit, 200ksps ADC with Shutdown
logo
Maxim Integrated Produc...
MAX1142 MAXIM-MAX1142 Datasheet
1Mb / 20P
   14-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2037; Rev 0; 5/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com