Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1162BE_B Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1162BE_B
Description  16-Bit, 5V, 200ksps ADC with 10關A Shutdown
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1162BE_B Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1162BE_B Datasheet HTML 3Page - Maxim Integrated Products MAX1162BE_B Datasheet HTML 4Page - Maxim Integrated Products MAX1162BE_B Datasheet HTML 5Page - Maxim Integrated Products MAX1162BE_B Datasheet HTML 6Page - Maxim Integrated Products MAX1162BE_B Datasheet HTML 7Page - Maxim Integrated Products MAX1162BE_B Datasheet HTML 8Page - Maxim Integrated Products MAX1162BE_B Datasheet HTML 9Page - Maxim Integrated Products MAX1162BE_B Datasheet HTML 10Page - Maxim Integrated Products MAX1162BE_B Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Detailed Description
The MAX1162 includes an input track-and-hold (T/H)
and successive-approximation register (SAR) circuitry
to convert an analog input signal to a digital 16-bit out-
put. Figure 4 shows the MAX1162 in its simplest config-
uration. The serial interface requires only three digital
lines (SCLK, CS, and DOUT) and provides an easy
interface to microprocessors (µPs).
The MAX1162 has two power modes: normal and shut-
down. Driving CS high places the MAX1162 in shut-
down, reducing the supply current to 0.1µA (typ), while
pulling CS low places the MAX1162 in normal operating
mode. Falling edges on CS initiate conversions that are
driven by SCLK. The conversion result is available at
DOUT in unipolar serial format. The serial data stream
consists of eight zeros followed by the data bits (MSB
first). Figure 3 shows the interface timing diagram.
Analog Input
Figure 5 illustrates the input sampling architecture of
the ADC. The voltage applied at REF sets the full-scale
input voltage.
Track-and-Hold (T/H)
In track mode, the analog signal is acquired on the
internal hold capacitor. In hold mode, the T/H switches
open and the capacitive DAC samples the analog input.
During the acquisition, the analog input (AIN) charges
capacitor CDAC. The acquisition interval ends on the
falling edge of the sixth clock cycle (Figure 6). At this
instant, the T/H switches open. The retained charge on
CDAC represents a sample of the input.
In hold mode, the capacitive digital-to-analog converter
(DAC) adjusts during the remainder of the conversion
cycle to restore node ZERO to zero within the limits of
16-bit resolution. At the end of the conversion, force CS
high and then low to reset the input side of the CDAC
switches back to AIN, and charge CDAC to the input
signal again.
The time required for the T/H to acquire an input signal
is a function of how quickly its input capacitance is
charged. If the input signal’s source impedance is high,
the acquisition time lengthens and more time must be
allowed between conversions. The acquisition time
(tACQ) is the maximum time the device takes to acquire
the signal. Use the following formula to calculate acqui-
sition time:
tACQ = 13(RS + RIN) x 35pF
where RIN = 800
Ω, RS = the input signal’s source
impedance, and tACQ is never less than 1.1µs. A
source impedance less than 1k
Ω does not significantly
affect the ADC’s performance.
To improve the input signal bandwidth under AC condi-
tions, drive AIN with a wideband buffer (>4MHz) that can
drive the ADC’s input capacitance and settle quickly.
16-Bit, +5V, 200ksps ADC with 10µA Shutdown
_______________________________________________________________________________________
7
Pin Description
PIN
NAME
FUNCTION
1
REF
External Reference Voltage Input. Sets the analog voltage range. Bypass to AGND with a 4.7µF
capacitor.
2AVDD
Analog +5V Supply Voltage. Bypass to AGND (pin 3) with a 0.1µF capacitor.
3, 9
AGND
Analog Ground. Connect pins 3 and 9 together. Place star ground at pin 3.
4
CS
Active-Low Chip-Select Input. Forcing CS high places the MAX1162 in shutdown with a typical
current of 0.1µA. A high-to-low transition on CS activates normal operating mode and initiates a
conversion.
5
SCLK
Serial Clock Input. SCLK drives the conversion process and clocks out data at data rates up to
4.8MHz.
6
DOUT
Serial Data Output. Data changes state on SCLK’s falling edge. DOUT is high impedance when CS
is high.
7
DGND
Digital Ground
8DVDD
Digital Supply Voltage. Bypass to DGND with a 0.1µF capacitor.
10
AIN
Analog Input


Similar Part No. - MAX1162BE_B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1162BEUB++ MAXIM-MAX1162BEUB+ Datasheet
228Kb / 18P
   16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 4/10
MAX1162BE_B MAXIM-MAX1162BE_B Datasheet
228Kb / 18P
   16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 4/10
More results

Similar Description - MAX1162BE_B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1062 MAXIM-MAX1062_09 Datasheet
266Kb / 18P
   14-Bit, 5V, 200ksps ADC with 10關A Shutdown
Rev 1; 5/09
MAX11100 MAXIM-MAX11100 Datasheet
3Mb / 19P
   16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
MAX1162 MAXIM-MAX1162_10 Datasheet
228Kb / 18P
   16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 4/10
MAX1062 MAXIM-MAX1062 Datasheet
377Kb / 17P
   14-Bit, %V, 200ksps ADC with 10關A Shutdown
19-2203; Rev 0; 10/01
MAX11101 MAXIM-MAX11101 Datasheet
3Mb / 19P
   14-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
MAX1132 MAXIM-MAX1132 Datasheet
388Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2083; Rev 0; 8/01
MAX1132ACAP MAXIM-MAX1132ACAP Datasheet
252Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
Rev 0; 8/01
logo
Linear Technology
LTC1401 LINER-LTC1401 Datasheet
352Kb / 20P
   Complete SO-8, 12-Bit, 200ksps ADC with Shutdown
LTC1401 LINER-LTC1401_15 Datasheet
253Kb / 20P
   Complete SO-8, 12-Bit, 200ksps ADC with Shutdown
logo
Maxim Integrated Produc...
MAX1142 MAXIM-MAX1142 Datasheet
1Mb / 20P
   14-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2037; Rev 0; 5/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com