Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1806EUA25 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1806EUA25
Description  500mA, Low-Voltage Linear Regulator in UMAX
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1806EUA25 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1806EUA25 Datasheet HTML 1Page - Maxim Integrated Products MAX1806EUA25 Datasheet HTML 2Page - Maxim Integrated Products MAX1806EUA25 Datasheet HTML 3Page - Maxim Integrated Products MAX1806EUA25 Datasheet HTML 4Page - Maxim Integrated Products MAX1806EUA25 Datasheet HTML 5Page - Maxim Integrated Products MAX1806EUA25 Datasheet HTML 6Page - Maxim Integrated Products MAX1806EUA25 Datasheet HTML 7Page - Maxim Integrated Products MAX1806EUA25 Datasheet HTML 8Page - Maxim Integrated Products MAX1806EUA25 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
General Description
The MAX1806 low-dropout linear regulator operates
from a +2.25V to +5.5V supply and delivers a guaran-
teed 500mA load current with low 175mV dropout. The
high-accuracy (±1%) output voltage is preset at an
internally trimmed voltage (see Selector Guide) or can
be adjusted from +0.8V to +4.5V with an external resis-
tive-divider.
An internal PMOS pass transistor allows low 210µA
supply current, making this device ideal for portable
equipment such as personal digital assistants (PDAs),
cellular phones, cordless phones, and other equip-
ment, including base stations and docking stations.
Other features include an active-low, power-OK output
that indicates when the output is out of regulation, a
0.02µA shutdown mode, short-circuit protection, and
thermal shutdown protection. The MAX1806 comes in a
miniature 1.3W, 8-pin power-µMAX package with a
metal pad on the underside of the package.
Applications
Notebook Computers
Cellular and Cordless Telephones
PDAs
Palmtop Computers
Base Stations
USB Hubs
Docking Stations
Features
o Guaranteed 500mA Output Current
o Output Down to 0.8V
o Low 175mV Dropout at 500mA
o ±1% Output Voltage Accuracy
Preset at 0.8V, 1.5V, 1.8V, 2.5V, or 3.3V
Adjustable from 0.8V to 4.5V
o Power-OK Output
o Low 210µA Ground Current
o 0.02µA Shutdown Current
o Thermal Overload Protection
o Output Current Limit
o Tiny 1.3W, 8-Pin Power-µMAX Package
500mA, Low-Voltage Linear Regulator in µMAX
________________________________________________________________ Maxim Integrated Products
1
SET
GND
SHDN
1
2
8
7
OUT
OUT
IN
POK
IN
µMAX
TOP VIEW
3
4
6
5
MAX1806
Pin Configuration
Ordering Information
NC
MAX1806
IN
CIN
1
µF
COUT
10
µF
RPOK
100k
VIN
+2.25V TO +5.5V
ON
OFF
SHDN
OUT
VOUT
0.8V TO 4.5V
POK
GND
SET
TO
µC
Typical Operating Circuit
19-2018; Rev 0; 4/01
PART
TEMP. RANGE
PIN-PACKAGE
MAX1806EUA_ _
-40
°C to +85°C
8 Power-
µMAX
Selector Guide
PART AND SUFFIX
VOUT (V)
TOP MARK
MAX1806EUA33
3.3
AAAG
MAX1806EUA25
2.5
AAAH
MAX1806EUA18
1.8
AAAI
MAX1806EUA15
1.5
AAAJ
MAX1806EUA08
0.8
AAAK
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX1806EUA25

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX18066 MAXIM-MAX18066 Datasheet
1Mb / 22P
   High-Efficiency, 4A, Step-Down DC-DC Regulators with Internal Power Switches
19-100202; Rev 0; 11/17
MAX18066EWE++ MAXIM-MAX18066EWE+ Datasheet
1Mb / 22P
   High-Efficiency, 4A, Step-Down DC-DC Regulators with Internal Power Switches
19-100202; Rev 0; 11/17
More results

Similar Description - MAX1806EUA25

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1792 MAXIM-MAX1792 Datasheet
414Kb / 10P
   500mA Low-Dropout Linear Regulator in uMAX
Rev 0; 9/00
MAX1792 MAXIM-MAX1792_11 Datasheet
472Kb / 10P
   500mA Low-Dropout Linear Regulator in uMAX
Rev 2; 11/11
logo
Unisonic Technologies
LR1125 UTC-LR1125 Datasheet
334Kb / 7P
   500mA, LOW-VOLTAGE LINEAR REGULATOR
logo
Maxim Integrated Produc...
MAX1935 MAXIM-MAX1935 Datasheet
245Kb / 10P
   500mA, Low-Voltage Linear Regulator in Tiny QFN
Rev 0; 10/02
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
   500mA Low Dropout Linear Voltage Regulator
logo
Monolithic Power System...
MP2002 MPS-MP2002 Datasheet
368Kb / 11P
   Low Input Voltage 500mA Linear Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
   500mA, Low-Dropout Linear Voltage Regulator
logo
Maxim Integrated Produc...
MAX1818 MAXIM-MAX1818 Datasheet
262Kb / 9P
   500mA Low-Dropout Linear Regulator in SOT23
19-1860; Rev 1; 3/01
MAX1819 MAXIM-MAX1819 Datasheet
639Kb / 9P
   500mA Low-Dropout Linear Regulator in UCSP
19-2072; Rev 0; 1/02
logo
Richtek Technology Corp...
RT9161 RICHTEK-RT9161 Datasheet
260Kb / 10P
   300/500mA Low Dropout Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com