Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9320A Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9320A
Description  1:2 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9320A Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9320A Datasheet HTML 1Page - Maxim Integrated Products MAX9320A Datasheet HTML 2Page - Maxim Integrated Products MAX9320A Datasheet HTML 3Page - Maxim Integrated Products MAX9320A Datasheet HTML 4Page - Maxim Integrated Products MAX9320A Datasheet HTML 5Page - Maxim Integrated Products MAX9320A Datasheet HTML 6Page - Maxim Integrated Products MAX9320A Datasheet HTML 7Page - Maxim Integrated Products MAX9320A Datasheet HTML 8Page - Maxim Integrated Products MAX9320A Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
For pricing delivery, and ordering information please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
General Description
The MAX9320/MAX9320A are low-skew, 1-to-2 differen-
tial drivers designed for clock and data distribution. The
input is reproduced at two differential outputs. The dif-
ferential input can be adapted to accept single-ended
inputs by applying an external reference voltage.
The MAX9320/MAX9320A feature ultra-low propagation
delay (208ps), part-to-part skew (20ps), and output-to-
output skew (6ps) with 30mA maximum supply current,
making these devices ideal for clock distribution. For
interfacing to differential HSTL and LVPECL signals,
these devices operate over a +2.25V to +3.8V supply
range, allowing high-performance clock or data distrib-
ution in systems with a nominal +2.5V or +3.3V supply.
For differential LVECL operation, these devices operate
from a -2.25V to -3.8V supply.
The pinout is the only difference between the MAX9320
and MAX9320A. Multiple pinouts are provided to simplify
routing across a backplane to either side of a double-
sided board.
These devices are offered in space-saving 8-pin SOT23*
and industry-standard TSSOP* and SO packages.
Applications
Precision Clock Distribution
Low-Jitter Data Repeater
Protection Switching
Features
o Improved Second Source of the MC10LVEP11
(MAX9320)
o +2.25V to +3.8V Differential HSTL/LVPECL
Operation
o -2.25V to -3.8V LVECL Operation
o Low 22mA (typ) Supply Current
o 20ps (typ) Part-to-Part Skew
o 6ps (typ) Output-to-Output Skew
o 208ps (typ) Propagation Delay
o Minimum 300mV Output at 3GHz
o Outputs Low for Open Input
o ESD Protection >2kV (Human Body Model)
o Available in Thermally Enhanced Exposed-Pad
SO Package
1:2 Differential LVPECL/LVECL/HSTL
Clock and Data Drivers
________________________________________________________________ Maxim Integrated Products
1
6
SOT23*
D
VCC
D
1
2
3
4
8
Q1
5 Q1
7 Q0
VEE
Q0
MAX9320A
60k
100k
100k
100k
60k
100k
VCC
VEE
6
TSSOP*/SO
Q0
Q1
1
2
3
4
8
D
5 VEE
7 D
VCC
MAX9320
Q1
Q0
6
SOT23*
D
VCC
D
1
2
3
4
8
Q1
5 Q1
7 Q0
VEE
Q0
MAX9320
60k
100k
100k
VCC
VEE
Pin Configurations
19-2201; Rev 0; 8/01
Ordering Information
*Future product—contact factory for availability.
**EP-Exposed pad.
PART
TEMP.
RANGE
PIN-
PACKAGE
TOP
MARK
MAX9320EKA-T*
-40°C to +85°C
8 SOT23
MAX9320ESA
-40°C to +85°C
8 SO-EP**
MAX9320EUA*
-40°C to +85°C
8 TSSOP
MAX9320AEKA*
-40°C to +85°C
8 SOT23
AAIW


Similar Part No. - MAX9320A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9320A MAXIM-MAX9320A Datasheet
620Kb / 10P
   1:2 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
2004
MAX9320AEKA-T MAXIM-MAX9320AEKA-T Datasheet
620Kb / 10P
   1:2 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
2004
More results

Similar Description - MAX9320A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9320 MAXIM-MAX9320_V01 Datasheet
620Kb / 10P
   1:2 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
2004
MAX9311 MAXIM-MAX9311 Datasheet
377Kb / 12P
   1:10 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 2; 10/02
MAX9312 MAXIM-MAX9312 Datasheet
112Kb / 9P
   Dual 1:5 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 2; 4/09
MAX9316 MAXIM-MAX9316 Datasheet
214Kb / 12P
   1:5 Differential LVPECL/LVECL/HSTL Clock and Data Driver
19-2237; Rev 0; 10/01
MAX9316A MAXIM-MAX9316A Datasheet
183Kb / 11P
   1:5 Differential LVPECL/LVECL/ HSTL Clock and Data Driver
19-2648; Rev 0; 10/02
MAX9326 MAXIM-MAX9326 Datasheet
316Kb / 12P
   1:9 Differential LVPECL/LVECL/HSTL Clock and Data Driver
Rev 2; 10/02
MAX9315 MAXIM-MAX9315 Datasheet
125Kb / 11P
   1:5 Differential LVPECL/LVECL/HSTL Clock and Data Driver
Rev 1; 11/04
MAX9321 MAXIM-MAX9321 Datasheet
178Kb / 9P
   Differential LVPECL/LVECL/HSTL Receiver/Drivers
19-2152; Rev 2; 11/02
MAX9320B MAXIM-MAX9320B Datasheet
120Kb / 7P
   1:2 Differential PECL/ECL/LVPECL/LVECL Clock and Data Driver
Rev 1; 11/03
logo
Micrel Semiconductor
SY100EP111U MICREL-SY100EP111U_11 Datasheet
104Kb / 9P
   2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com