Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10H125L Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC10H125L
Description  Quad MECL-to-TTL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H125L Datasheet(HTML) 2 Page - ON Semiconductor

  MC10H125L Datasheet HTML 1Page - ON Semiconductor MC10H125L Datasheet HTML 2Page - ON Semiconductor MC10H125L Datasheet HTML 3Page - ON Semiconductor MC10H125L Datasheet HTML 4Page - ON Semiconductor MC10H125L Datasheet HTML 5Page - ON Semiconductor MC10H125L Datasheet HTML 6Page - ON Semiconductor MC10H125L Datasheet HTML 7Page - ON Semiconductor MC10H125L Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC10H125
http://onsemi.com
2
LOGIC DIAGRAM
PIN ASSIGNMENT
VBB
Ain
Ain
Aout
Bout
Bin
Bin
VEE
GND
Din
Din
Dout
Cout
Cin
Cin
VCC
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
4
3
2
5
7
6
12
11
10
13
15
14
1
GND = Pin 16
VCC ( +5.0 Vdc) = Pin 9
VEE ( -5.2 Vdc) = Pin 8
*VBB to be used to supply bias to the MC10H125
only and bypassed (when used) with 0.01
mF to
0.1
mF capacitor to ground (0 V). VBB can source <
1.0 mA.
VBB*
Pin assignment is for Dual-in-Line Package.
For PLCC pin assignment, see the Pin Conversion
Tables.
DIP CONVERSION TABLES
16-Pin DIL to 20-Pin PLCC
16 PIN DIL
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
20 PIN PLCC
2
3
4
5
7
8
9
10
12
13
14
15
17
18
19
20
20-Pin DIL to 20-Pin PLCC
20 PIN DIL
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
20 PIN PLCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20


Similar Part No. - MC10H125L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H125L ONSEMI-MC10H125L Datasheet
156Kb / 8P
   Quad MECL?뭪o?뭈TL Translator
February, 2006 ??Rev. 12
More results

Similar Description - MC10H125L

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC10524 MOTOROLA-MC10524 Datasheet
656Kb / 10P
   Quad TTL-to-MECL Translator
logo
ON Semiconductor
MC10125 ONSEMI-MC10125 Datasheet
118Kb / 8P
   Quad MECL to TTL Translator
January, 2002 ??Rev. 7
logo
Motorola, Inc
MC10525 MOTOROLA-MC10525 Datasheet
872Kb / 12P
   Quad MECL-to-TTL Translator
logo
ON Semiconductor
MC10124 ONSEMI-MC10124 Datasheet
125Kb / 7P
   Quad TTL to MECL Translator
1996 REV 5
MC10124 ONSEMI-MC10124_02 Datasheet
121Kb / 8P
   Quad TTL to MECL Translator
January, 2002 ??Rev. 7
MC10H124 ONSEMI-MC10H124 Datasheet
79Kb / 6P
   Quad TTL-to-MECL Translator With TTL Strobe Input
September, 2004 ??Rev. 8
logo
Motorola, Inc
MC10125 MOTOROLA-MC10125 Datasheet
127Kb / 7P
   Quad MECL to TTL Transistor
logo
ON Semiconductor
MC10H125 ONSEMI-MC10H125_06 Datasheet
156Kb / 8P
   Quad MECL?뭪o?뭈TL Translator
February, 2006 ??Rev. 12
MC10H125 ONSEMI-MC10H125_16 Datasheet
149Kb / 6P
   Quad MECL?릘o?륳TL Translator
August, 2016 ??Rev. 14
logo
NXP Semiconductors
10129 PHILIPS-10129 Datasheet
412Kb / 9P
   Quad TTL-to-ECL Translator
June 14 1990
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com