Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3301-CI-SN Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP3301-CI-SN
Description  13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3301-CI-SN Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP3301-CI-SN Datasheet HTML 3Page - Microchip Technology MCP3301-CI-SN Datasheet HTML 4Page - Microchip Technology MCP3301-CI-SN Datasheet HTML 5Page - Microchip Technology MCP3301-CI-SN Datasheet HTML 6Page - Microchip Technology MCP3301-CI-SN Datasheet HTML 7Page - Microchip Technology MCP3301-CI-SN Datasheet HTML 8Page - Microchip Technology MCP3301-CI-SN Datasheet HTML 9Page - Microchip Technology MCP3301-CI-SN Datasheet HTML 10Page - Microchip Technology MCP3301-CI-SN Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
 2002 Microchip Technology Inc.
DS21700B-page 7
MCP3301
Note:
Unless otherwise indicated, VDD = VREF = 5V, Full differential input configuration, VSS = 0V,
fSAMPLE = 100 ksps, fCLK = 17*fSAMPLE, TA = 25°C.
FIGURE 2-7:
Integral Nonlinearity (INL)
vs. Temperature.
FIGURE 2-8:
Differential Nonlinearity
(DNL) vs. Sample Rate.
FIGURE 2-9:
Differential Nonlinearity
(DNL) vs. V
REF.
FIGURE 2-10:
Integral Nonlinearity (INL)
vs. Temperature (V
DD = 2.7V).
FIGURE 2-11:
Differential Nonlinearity
(DNL) vs. Sample Rate (V
DD = 2.7V).
FIGURE 2-12:
Differential Nonlinearity
(DNL) vs. V
REF (VDD = 2.7V).
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
-50
-25
0
25
50
75
100
125
150
Temperature(°C)
Positive INL
Negative INL
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
50
100
150
200
Sample Rate(ksps)
Positive INL
Negative INL
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
01
2345
6
VREF (V)
Positive INL
Negative INL
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
-50
0
50
100
150
Temperature (°C)
VDD=VREF=2.7V
FSAMPLE = 50 ksps
Negative INL
Positive INL
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
10
2030
40506070
Sample Rate (ksps)
VDD=VREF=2.7V
FSAMPLE = 50 ksps
Negative INL
Positive INL
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
00.511.522.5
3
VREF (V)
Positive DNL
Negative DNL
VDD=2.7V
FSAMPLE = 50 ksps


Similar Part No. - MCP3301-CI-SN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3301-CI/MS MICROCHIP-MCP3301-CI/MS Datasheet
758Kb / 32P
   13-Bit Differential Input, Low Power A/D Converter with SPI??Serial Interface
2007
MCP3301-CI/P MICROCHIP-MCP3301-CI/P Datasheet
758Kb / 32P
   13-Bit Differential Input, Low Power A/D Converter with SPI??Serial Interface
2007
MCP3301-CI/SN MICROCHIP-MCP3301-CI/SN Datasheet
758Kb / 32P
   13-Bit Differential Input, Low Power A/D Converter with SPI??Serial Interface
2007
More results

Similar Description - MCP3301-CI-SN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3301 MICROCHIP-MCP3301_07 Datasheet
758Kb / 32P
   13-Bit Differential Input, Low Power A/D Converter with SPI??Serial Interface
2007
MCP3304 MICROCHIP-MCP3304 Datasheet
666Kb / 40P
   13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
2002
MCP3302 MICROCHIP-MCP3302_07 Datasheet
769Kb / 40P
   13-Bit Differential Input, Low Power A/D Converter with SPI??Serial Interface
2007
MCP3302 MICROCHIP-MCP3302 Datasheet
812Kb / 40P
   13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
2002
MCP3302 MICROCHIP-MCP3302_08 Datasheet
887Kb / 46P
   13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
2008
MCP3301 MICROCHIP-MCP3301_11 Datasheet
647Kb / 38P
   13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
2011
MCP3302 MICROCHIP-MCP3302_11 Datasheet
1Mb / 48P
   13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
2011
MCP3201 MICROCHIP-MCP3201_07 Datasheet
489Kb / 28P
   2.7V 12-Bit A/D Converter with SPI Serial Interface
2007
MCP3001 MICROCHIP-MCP3001_07 Datasheet
453Kb / 28P
   2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2007
MCP3201 MICROCHIP-MCP3201_08 Datasheet
713Kb / 36P
   2.7V 12-Bit A/D Converter with SPI Serial Interface
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com