Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MG400J2YS60A Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # MG400J2YS60A
Description  TOSHIBA IGBT Module Silicon N Channel IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MG400J2YS60A Datasheet(HTML) 2 Page - Toshiba Semiconductor

  MG400J2YS60A Datasheet HTML 1Page - Toshiba Semiconductor MG400J2YS60A Datasheet HTML 2Page - Toshiba Semiconductor MG400J2YS60A Datasheet HTML 3Page - Toshiba Semiconductor MG400J2YS60A Datasheet HTML 4Page - Toshiba Semiconductor MG400J2YS60A Datasheet HTML 5Page - Toshiba Semiconductor MG400J2YS60A Datasheet HTML 6Page - Toshiba Semiconductor MG400J2YS60A Datasheet HTML 7Page - Toshiba Semiconductor MG400J2YS60A Datasheet HTML 8Page - Toshiba Semiconductor MG400J2YS60A Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MG400J2YS60A
2002-09-06
2
Package Dimensions: 2-123C1B
1.
G (L)
2.
FO (L)
3.
E (L)
4.
VD
5.
G (H)
6.
FO (H)
7.
E (H)
8.
Open
Signal Terminal Layout
1.
G (L)
2.
FO (L)
3.
E (L)
4.
VD
5.
G (H)
6.
FO (H)
7.
E (H)
8.
Open
Weight: 375 g
2.54
8
6
7
5
4
2
3
1


Similar Part No. - MG400J2YS60A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MG400J2YS61A MITSUBISHI-MG400J2YS61A Datasheet
214Kb / 13P
   High Power Switching Applications Motor Control Applications
logo
Powerex Power Semicondu...
MG400J2YS61A POWEREX-MG400J2YS61A Datasheet
320Kb / 6P
   Compact IGBT Series Module
More results

Similar Description - MG400J2YS60A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MG400Q2YS60A TOSHIBA-MG400Q2YS60A Datasheet
200Kb / 9P
   TOSHIBA IGBT Module Silicon N Channel IGBT
MG100Q2YS65H TOSHIBA-MG100Q2YS65H Datasheet
164Kb / 6P
   TOSHIBA IGBT Module Silicon N Channel IGBT
MG600Q1US61 TOSHIBA-MG600Q1US61 Datasheet
234Kb / 8P
   TOSHIBA IGBT Module Silicon N Channel IGBT
MG600J2YS60A TOSHIBA-MG600J2YS60A Datasheet
191Kb / 9P
   TOSHIBA IGBT Module Silicon N Channel IGBT
MG300Q2YS65H TOSHIBA-MG300Q2YS65H Datasheet
168Kb / 6P
   TOSHIBA IGBT Module Silicon N Channel IGBT
MG1200V1US51 TOSHIBA-MG1200V1US51 Datasheet
96Kb / 4P
   TOSHIBA GTR MODULE SILICON N-CHANNEL IGBT
MG200J6ES60 TOSHIBA-MG200J6ES60 Datasheet
102Kb / 5P
   TOSHIBA GTR Module Silicon N Channel IGBT
MG150J2YS50 TOSHIBA-MG150J2YS50 Datasheet
225Kb / 5P
   TOSHIBA GTR Module Silicon N Channel IGBT
MP6759 TOSHIBA-MP6759 Datasheet
150Kb / 6P
   TOSHIBA GTR Module Silicon N Channel IGBT
MG150J7KS50 TOSHIBA-MG150J7KS50 Datasheet
119Kb / 6P
   TOSHIBA GTR Module Silicon N Channel IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com