Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2550AYML Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2550AYML
Description  Universal Serial Bus Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2550AYML Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2550AYML Datasheet HTML 1Page - Micrel Semiconductor MIC2550AYML Datasheet HTML 2Page - Micrel Semiconductor MIC2550AYML Datasheet HTML 3Page - Micrel Semiconductor MIC2550AYML Datasheet HTML 4Page - Micrel Semiconductor MIC2550AYML Datasheet HTML 5Page - Micrel Semiconductor MIC2550AYML Datasheet HTML 6Page - Micrel Semiconductor MIC2550AYML Datasheet HTML 7Page - Micrel Semiconductor MIC2550AYML Datasheet HTML 8Page - Micrel Semiconductor MIC2550AYML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
March 2005
5
M9999-031805
MIC2550A
Micrel, Inc.
V
M
V
P
V
P/VM
t
PVZ
t
PZV
V
OE#
H
L
t
PZD
V
D+/VD–
V
D–
V
D+
Figure 1. Enable and Disable Times
10%
V
D–
V
D+
Differential
Data
Lines
90%
t
R
t
F
VCRS
Figure 2. Rise and Fall Times
V
D–
V
D+
Differential
Data
Lines
t
PLH
t
PHL
Output
V
OH
V
OL
V
SS
Figure 3. Receiver Propagation Delay D+/D– to RCV, V
P, and VM
V
D–
V
D+
Differential
Data
Lines
t
PLH
t
PHL
Input
V
OI
V
OL
V
SS
Figure 4. Driver Propagation Delay V
P and VM to D+/D–
Timing Diagrams


Similar Part No. - MIC2550AYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2550A MICREL-MIC2550A Datasheet
127Kb / 11P
   Universal Serial Bus Transceiver
MIC2550ABML MICREL-MIC2550ABML Datasheet
127Kb / 11P
   Universal Serial Bus Transceiver
MIC2550ABTS MICREL-MIC2550ABTS Datasheet
127Kb / 11P
   Universal Serial Bus Transceiver
MIC2550A MICREL-MIC2550A_11 Datasheet
127Kb / 11P
   Universal Serial Bus Transceiver
More results

Similar Description - MIC2550AYML

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDIUSBP11A PHILIPS-PDIUSBP11A Datasheet
120Kb / 12P
   Universal Serial Bus Transceiver
1999 Jun 04
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20 Datasheet
700Kb / 9P
   Universal Serial Bus Transceiver
USB1T11A FAIRCHILD-USB1T11A Datasheet
558Kb / 11P
   Universal Serial Bus Transceiver
logo
Sipex Corporation
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
   Universal Serial Bus Transceiver
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
   Universal Serial Bus Transceiver
logo
Micrel Semiconductor
MIC2550 MICREL-MIC2550_11 Datasheet
127Kb / 11P
   Universal Serial Bus Transceiver
MIC2550A MICREL-MIC2550A_11 Datasheet
127Kb / 11P
   Universal Serial Bus Transceiver
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20_08 Datasheet
275Kb / 9P
   Universal Serial Bus Transceiver
logo
NXP Semiconductors
PDIUSBP11 PHILIPS-PDIUSBP11 Datasheet
111Kb / 10P
   Universal Serial Bus transceiver
1997 Sep 16
ISP1103 PHILIPS-ISP1103 Datasheet
484Kb / 17P
   Universal Serial Bus transceiver
Rev. 01 - 4 October 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com