Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM1177B Datasheet(PDF) 2 Page - Mitsumi Electronics, Corp.

Part # MM1177B
Description  Charge and discharge control for coin-type lithium batteries and manganese dioxide lithium batteries
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1177B Datasheet(HTML) 2 Page - Mitsumi Electronics, Corp.

  MM1177B Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1177B Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1177B Datasheet HTML 3Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MITSUMI
Charge and discharge control for coin-type lithium batteries and manganese dioxide lithium batteries MM1177
Block Diagram
Absolute Maximum Ratings
Item
Symbol
Rating
Units
Storage temperature
TSTG
-40~+125
°C
Operating temperature
TOPR
-20~+70
°C
input voltage
VIN max.
18
V
Charging voltage
VBAT max.
3.5
V
Allowable power dissipation
PD
300
mW
Charging current
IBATT
10
mA
Discharging current
IL
1mA
Electrical Characteristics (Unless otherwise specified Ta=25°C, VIN=12.0V)
Item
Symbol
Measurement Conditions
Min
Typ. Max. Units
Input voltage operation range
VINOPR
4.0
15.0
V
Current consumption 1
IIN1
during charging (constant voltage charge)
100
180
µA
Current consumption 2
IIN2
charging off
30
45
µA
Charging current (limiter current)
IBATT
VIN=4V~15V, VBATT=2V
4.0
4.5
5.0
mA
Limiter mode off
1177AF
VICOFF
IBATT=4mA
3.00
V
1177BF
2.70
Charging OFF voltage
1177AF
VCHOFF
IBATT=0mA, Ta=-20~+70°C
3.20 3.275 3.35
V
1177BF
2.93
3.00
3.07
V
Current consumption (battery)
IBA1IL=100µA, VBATT=3V
5
8
µA
Leak current when discharging
IBA2
VIN=0V or open
is prohibited
VBATT=3.35V
0.1
µA
Voltage when discharging is prohibited
VOOFF
after VIN=0FF
1.60
1.75
1.90
V
Voltage drop between battery
VCEOUT
IL=100µA, VBATT=3V
75
100
mV
and output
OUT2 pin voltage
VOUT2VCELL=3V
2.85
2.92
3.00
V
Note : Do not connect the OUT2 pin to the load; it does not have current supply capability.
To delay discharge prohibition, or suppress discharge prohibition caused by noise, connect a capacitor
between the OUT2 pin and GND.


Similar Part No. - MM1177B

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1174 MITSUMI-MM1174 Datasheet
63Kb / 6P
   System Reset (with battery back-up) Monolithic IC
More results

Similar Description - MM1177B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CR1616 ETC-CR1616 Datasheet
267Kb / 1P
   Manganese Dioxide Lithium Coin Batteries
CR2025 ETC-CR2025 Datasheet
238Kb / 1P
   Manganese Dioxide Lithium Coin Batteries
CR2354 ETC-CR2354 Datasheet
270Kb / 1P
   Manganese Dioxide Lithium Coin Batteries
logo
Panasonic Battery Group
ML920 PANASONICBATTERY-ML920 Datasheet
38Kb / 1P
   Manganese Lithium Coin Batteries
CR2025 PANASONICBATTERY-CR2025 Datasheet
47Kb / 1P
   Manganese Dioxide Lithium Coin Batteries: Individual Specifications
CR1616 PANASONICBATTERY-CR1616 Datasheet
52Kb / 1P
   Manganese Dioxide Lithium Coin Batteries: Individual Specifications
CR2354 PANASONICBATTERY-CR2354 Datasheet
63Kb / 1P
   Manganese Dioxide Lithium Coin Batteries: Individual Specifications
logo
Panasonic Semiconductor
CR2032 PANASONIC-CR2032 Datasheet
62Kb / 1P
   Manganese Dioxide Lithium Coin Batteries : Individual Specifications
logo
Panasonic Battery Group
CR1216 PANASONICBATTERY-CR1216 Datasheet
54Kb / 1P
   Manganese Dioxide Lithium Coin Batteries: Individual Specifications
CR1632 PANASONICBATTERY-CR1632 Datasheet
47Kb / 1P
   Manganese Dioxide Lithium Coin Batteries: Individual Specifications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com