Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67041-S4029 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # Q67041-S4029
Description  SIPMOS Small-Signal-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67041-S4029 Datasheet(HTML) 4 Page - Infineon Technologies AG

  Q67041-S4029 Datasheet HTML 1Page - Infineon Technologies AG Q67041-S4029 Datasheet HTML 2Page - Infineon Technologies AG Q67041-S4029 Datasheet HTML 3Page - Infineon Technologies AG Q67041-S4029 Datasheet HTML 4Page - Infineon Technologies AG Q67041-S4029 Datasheet HTML 5Page - Infineon Technologies AG Q67041-S4029 Datasheet HTML 6Page - Infineon Technologies AG Q67041-S4029 Datasheet HTML 7Page - Infineon Technologies AG Q67041-S4029 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BSO 302SN
Data Sheet
4
05.99
Electrical Characteristics, at
Tj = 25 ˚C, unless otherwise specified
Parameter
Symbol
Values
Unit
at
Tj = 25 ˚C, unless otherwise specified
min.
typ.
max.
Dynamic Characteristics
Gate charge at threshold
VDD = 24 V, ID≥0,1 A, VGS = 0 to 1 V
QG(th)
-
2
3
nC
Gate charge at
Vgs=5V
VDD = 24 V, ID = 9.8 A , VGS = 0 to 5 V
Qg(5)
-
37
55
Gate charge total
VDD = 15 V, ID = 9.8 A, VGS = 0 to 10 V
Qg
-
60
90
nC
Gate plateau voltage
VDD = 24 V, ID = 9.8 A
V(plateau)
-
2.95
-
V
Reverse Diode
Inverse diode continuous forward current
TC = 25 ˚C
IS
-
-
9.8
A
Inverse diode direct current,pulsed
TC = 25 ˚C
ISM
-
-
39.2
Inverse diode forward voltage
VGS = 0 V, IF = 19.6 A
VSD
-
0.9
1.6
V
Reverse recovery time
VR = 15 V, IF=IS , diF/dt = 100 A/µs
trr
-
70
105
ns
Reverse recovery charge
VR = 15 V, IF=lS , diF/dt = 100 A/µs
Qrr
-
80
120
µC


Similar Part No. - Q67041-S4029

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67041-S4024 INFINEON-Q67041-S4024 Datasheet
161Kb / 13P
   SIPMOS Small-Signal-Transistor
1999-10-28
Q67041-S4025 INFINEON-Q67041-S4025 Datasheet
158Kb / 13P
   SIPMOS Small-Signal-Transistor
1999-09-22
Q67041-S4028 INFINEON-Q67041-S4028 Datasheet
393Kb / 8P
   SIPMOS Small-Signal-Transistor
05.99
More results

Similar Description - Q67041-S4029

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP15P06P INFINEON-SPP15P06P Datasheet
112Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.2 2005-02-11
BSS87 INFINEON-BSS87 Datasheet
189Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.3 2006-12-05
BSP88 INFINEON-BSP88 Datasheet
188Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-11-12
BSP92P INFINEON-BSP92P Datasheet
78Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-07-25
BSP170P INFINEON-BSP170P Datasheet
82Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-01-16
SPP15P10P INFINEON-SPP15P10P Datasheet
83Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-07-26
BSS98 INFINEON-BSS98 Datasheet
108Kb / 7P
   SIPMOS Small-Signal Transistor
05.99
BSP298 INFINEON-BSP298_07 Datasheet
3Mb / 9P
   SIPMOS Small-Signal Transistor
2007-02-26
BSO304SN INFINEON-BSO304SN Datasheet
367Kb / 8P
   SIPMOS??Small-Signal-Transistor
05.99
BSP171P-L6327 INFINEON-BSP171P-L6327 Datasheet
621Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev 2.6 2012-11-26
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com