Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC1202Y2RHHT Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # MSC1202Y2RHHT
Description  Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

MSC1202Y2RHHT Datasheet(HTML) 4 Page - Burr-Brown (TI)

  MSC1202Y2RHHT Datasheet HTML 1Page - Burr-Brown (TI) MSC1202Y2RHHT Datasheet HTML 2Page - Burr-Brown (TI) MSC1202Y2RHHT Datasheet HTML 3Page - Burr-Brown (TI) MSC1202Y2RHHT Datasheet HTML 4Page - Burr-Brown (TI) MSC1202Y2RHHT Datasheet HTML 5Page - Burr-Brown (TI) MSC1202Y2RHHT Datasheet HTML 6Page - Burr-Brown (TI) MSC1202Y2RHHT Datasheet HTML 7Page - Burr-Brown (TI) MSC1202Y2RHHT Datasheet HTML 8Page - Burr-Brown (TI) MSC1202Y2RHHT Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 78 page
background image
MSC1201
MSC1202
SBAS317B − APRIL 2004 − REVISED JANUARY 2005
www.ti.com
4
ELECTRICAL CHARACTERISTICS: AVDD = 5V (continued)
All specifications
from TMIN to TMAX, DVDD = +2.7V to +5.25V, fMOD = 15.625kHz, PGA = 1, Buffer ON, fDATA = 10Hz, Bipolar, and
VREF ≡ (REF IN+) − (REF IN−) = +2.5V, unless otherwise noted.
MSC1201Yx, MSC1202Yx
PARAMETER
UNITS
MAX
TYP
MIN
CONDITION
Voltage Reference Input
Reference Input Range
REF IN+, REF IN−
AGND
AVDD(3)
V
ADC VREF
VREF ≡ (REFIN+) − (REFIN−)
0.1
2.5
AVDD
V
VREF Common-Mode Rejection
At DC
115
dB
Input Current
VREF = 2.5V, PGA = 1
1
µA
On-Chip Voltage Reference
Output Voltage
VREFH = 1 at +25
°C
2.5
V
Output Voltage
VREFH = 0
1.25
V
Short-Circuit Current Source
8
mA
Short-Circuit Current Sink
50
mA
Short-Circuit Duration
Sink or Source
Indefinite
Startup Time from Power ON
CREFOUT = 0.1µF
8
ms
Temperature Sensor
Temperature Sensor Voltage
T = +25
°C
115
mV
Temperature Sensor Coefficient
345
µV/°C
IDAC Output Characteristics
IDAC Resolution
8
Bits
Full-Scale Output Current
1
mA
Maximum Short-Circuit Current Duration
Indefinite
Compliance Voltage
AVDD − 1.5
V
Analog Power-Supply Requirements
Analog Power-Supply Voltage
AVDD
4.75
5.0
5.25
V
Analog Current
BOR OFF, External Clock Mode, Analog OFF,
ALVD OFF, PDADC = PDIDAC = 1
< 1
nA
PGA = 1, Buffer OFF
170
µA
Analog
ADC Current
PGA = 128, Buffer OFF
430
µA
Analog
Power-Supply
ADC Current
(IADC)
PGA = 1, Buffer ON
230
µA
Power-Supply
Current
ADC
PGA = 128, Buffer ON
770
µA
Current
VREF Supply Current
(IVREF)
ADC ON
360
µA
IDAC Supply Current
(IIDAC)
IDAC = 00h
230
µA
(1) The input impedance for PGA = 128 is the same as that for PGA = 64 (that is, 7MΩ/64).
(2) Calibration can minimize these errors.
(3) The gain calibration cannot have a REF IN+ of more than AV
DD −1.5V with Buffer ON. To calibrate gain, turn Buffer OFF.
(4) ∆VOUT is change in digital result.


Similar Part No. - MSC1202Y2RHHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1202Y2RHHT TI1-MSC1202Y2RHHT Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
MSC1202Y2RHHT TI-MSC1202Y2RHHT Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog -to-Digital Converter
MSC1202Y2RHHT TI1-MSC1202Y2RHHT Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
MSC1202Y2RHHTG4 TI1-MSC1202Y2RHHTG4 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
MSC1202Y2RHHTG4 TI-MSC1202Y2RHHTG4 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog -to-Digital Converter
More results

Similar Description - MSC1202Y2RHHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1200 TI-MSC1200 Datasheet
802Kb / 60P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
MSC1210 TI-MSC1210_08 Datasheet
910Kb / 94P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1210 TI1-MSC1210_14 Datasheet
909Kb / 95P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1210 TI-MSC1210 Datasheet
652Kb / 83P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1211 TI-MSC1211 Datasheet
920Kb / 105P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs) with 8051 Microcontroller and Flash Memory
MSC1200 TI1-MSC1200_06 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
MSC1211 TI1-MSC1211_07 Datasheet
1Mb / 111P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
MSC1202Y3RHHTG4 TI1-MSC1202Y3RHHTG4 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
logo
Burr-Brown (TI)
MSC1212Y2 BURR-BROWN-MSC1212Y2 Datasheet
1Mb / 69P
   Precision Analog-to-Digital Converter (ADC)
logo
Analog Devices
AD9652 AD-AD9652_17 Datasheet
1Mb / 37P
   Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com