Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6244CR Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6244CR
Description  ISL6244EVAL1 Multi-phase Evaluation Board Setup Procedure
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6244CR Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6244CR Datasheet HTML 6Page - Intersil Corporation ISL6244CR Datasheet HTML 7Page - Intersil Corporation ISL6244CR Datasheet HTML 8Page - Intersil Corporation ISL6244CR Datasheet HTML 9Page - Intersil Corporation ISL6244CR Datasheet HTML 10Page - Intersil Corporation ISL6244CR Datasheet HTML 11Page - Intersil Corporation ISL6244CR Datasheet HTML 12Page - Intersil Corporation ISL6244CR Datasheet HTML 13Page - Intersil Corporation ISL6244CR Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Application Note 1077
TABLE 1. BILL OF MATERIALS
ITEM
QTY
REFERENCE
VALUE
TYPE
FOOTPRINT
VOLTAGE*
1
1
CR1
Dual LED2
DIGIKEY 67-1372-1-ND
smdp_led_gw
-
2
18
C3, C59, C60, C61, C14-C18, Q2, Q6,
Q10, Q14, C25-C29, R25, R26, R27,
R37, R38, R39, R40, R42, R17
nopop
-
-
-
3
1
C4
7.4nF
-
-
-
4
1
C2
12nF
-
0805
10V
5
7
C5, C7, C9, C11, C56, C58, C13
1
µF
-
0805
16V
6
4
C32, C33, C42, C43
nopop
-
1210
10V
71
C62
1
µF
-
1206
16V
8
4
C1, C6, C8, C10, C12
0.1
µF
-
0805
10V
9
16
C19, C20, C21, C22, C23, C24
330
µF
Panasonic EEFSE0E331R
7343
-
10
12
C30, C31, C34-C41, C44, C45
22
µF
Panasonic: ECJ3YB0J226M
1206
6.3V
11
14
C46, C47, C48, C49, C50, C51, C52,
C53, C54, C55, C57, C65, C66, C67
10
µF
Taiyo Yuden TMK325F106ZH
1210
25V
12
1
C63
10
µF
Taiyo Yuden TMK325F106ZH
1812
25V
13
1
C64
1n
-
0805
10V
14
2
D1, D2
BAV99LT1
BAV99LT1
SOT23
-
15
1
JP1
Jumper - 5Pos
BERG 2x5 100MIL Header
jumper10
-
16
1
J1
VOUT
BURNDY KPA8CTP
kpa8ctp
-
17
1
J2
GND
BURNDY KPA8CTP
kpa8ctp
-
18
1
J3
+VDC
NEWARK 111-0702-001 RED
pad-170
-
19
1
J4
GND
NEWARK 111-0703-001 BLK
pad-170
-
20
1
J5
+5V
DIGIKEY 1514-2K-ND
tp-150c100p
-
21
1
J6
+12V
DIGIKEY 1514-2K-ND
tp-150c100p
-
22
2
J7, J8
GND
DIGIKEY 1514-2K-ND
tp-150c100p
-
23
3
L1, L2, L3, L4
0.56
µH
Panasonic PCC-M104L Series
pcc-nx1_nx2_j
-
24
4
Q1, Q5, Q9, Q13
IRF7811W
-
pwrpak_so8_single
-
25
8
Q3, Q4, Q7, Q8, Q11, Q12, Q15
SI4362
-
pwrpak_so8_single
-
Q16
-
-
-
-
26
2
Q18, Q17
HUF76129D3S
-
TO-252AA
-
27
3
Q19, Q20, Q21
2N7002
-
SOT23
-
28
1
R1
90K
-
0603
-
29
4
R2, R30, R34, R36
10K
-
0603
-
30
1
R3
107K
-
0603
-
31
1
R4
2.5K
-
0603
-
32
1
R5
2.43K
-
0603
-
33
1
R6
710
-
0603
-
34
1
R7
20
-
0603
-
35
1
R8
603
-
-
-
36
1
R9
10
-
0603
-


Similar Part No. - ISL6244CR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6244CR INTERSIL-ISL6244CR Datasheet
845Kb / 25P
   Multi-Phase PWM Controller
logo
Renesas Technology Corp
ISL6244CR RENESAS-ISL6244CR Datasheet
1Mb / 25P
   Multi-Phase PWM Controller
logo
Intersil Corporation
ISL6244CR-T INTERSIL-ISL6244CR-T Datasheet
845Kb / 25P
   Multi-Phase PWM Controller
ISL6244CRZ INTERSIL-ISL6244CRZ Datasheet
845Kb / 25P
   Multi-Phase PWM Controller
logo
Renesas Technology Corp
ISL6244CRZ RENESAS-ISL6244CRZ Datasheet
1Mb / 25P
   Multi-Phase PWM Controller
More results

Similar Description - ISL6244CR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8225MEVAL2Z INTERSIL-ISL8225MEVAL2Z Datasheet
4Mb / 12P
   ISL8225MEVAL2Z 6-Phase, 90A Evaluation Board Setup Procedure
ISL8225MEVAL3Z INTERSIL-ISL8225MEVAL3Z Datasheet
1Mb / 7P
   ISL8225MEVAL3Z 30A, Single Output Evaluation Board Setup Procedure
ISL8225MEVAL4Z INTERSIL-ISL8225MEVAL4Z Datasheet
2Mb / 9P
   ISL8225MEVAL4Z Dual 15A/Optional 30A Cascadable Evaluation Board Setup Procedure
logo
Silicon Laboratories
AN651 SILABS-AN651 Datasheet
1,014Kb / 60P
   EVALUATION BOARD TEST PROCEDURE
AN646 SILABS-AN646 Datasheet
1Mb / 46P
   Si477X EVALUATION BOARD TEST PROCEDURE
logo
ON Semiconductor
NCP1521BEVB ONSEMI-NCP1521BEVB Datasheet
148Kb / 1P
   Test Procedure for the NCP1521B Evaluation Board
5/31/2007
logo
Sanyo Semicon Device
LV8804FVGEVB SANYO-LV8804FVGEVB Datasheet
147Kb / 4P
   Test Procedure for the LV8804FVGEVB Evaluation Board
3/26/2012
logo
Silicon Laboratories
AN388 SILABS-AN388 Datasheet
2Mb / 68P
   Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
logo
STMicroelectronics
AN1778 STMICROELECTRONICS-AN1778 Datasheet
27Kb / 2P
   STR7 ARM MULTI-ICE SETUP
EVAL-L9026-YO STMICROELECTRONICS-EVAL-L9026-YO Datasheet
3Mb / 10P
   L9026 configurable multi-channel driver evaluation board
Rev 1 - August 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com