Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38026E7 Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # M38026E7
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38026E7 Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button M38026E7 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M38026E7 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M38026E7 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M38026E7 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M38026E7 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M38026E7 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M38026E7 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M38026E7 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M38026E7 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
MITSUBISHI MICROCOMPUTERS
3802 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
6
GROUP EXPANSION
(Extended operating temperature version)
Mitsubishi plans to expand the 3802 group (extended operating
temperature version) as follows:
(1) Support for mask ROM One Time PROM, and EPROM ver-
sions
ROM/PROM capacity ................................... 8 K to 32 K bytes
RAM capacity .............................................. 384 to 1024 bytes
(2) Packages
64P4B ............................................ Shrink plastic molded DIP
64P6N-A ................................................... Plastic molded QFP
Memory Expansion Plan (Extended operating temperature version)
Currently supported products are listed below.
As of May 1996
RAM size (bytes)
384
384
1024
8192
(8062)
16384
(16254)
32768
(32638)
Remarks
Mask ROM version
Mask ROM version
Mask ROM version
Mask ROM version
Mask ROM version
One Time PROM version
One Time PROM version (blank)
Mask ROM version
One Time PROM version
One Time PROM version (blank)
Package
64P4B
64P6N-A
64P4B
64P6N-A
64P4B
64P6N-A
Product
M38022M2DXXXSP
M38022M2DXXXFP
M38022M4DXXXSP
M38022M4DXXXFP
M38027M8DXXXSP
M38027E8DXXXSP
M38027E8DSP
M38027M8DXXXFP
M38027E8DXXXFP
M38027E8DFP
(P) ROM size (bytes)
M38022M2D
M38022M4D
M38027M8D/E8D
Mass product
Mass product
Mass product
ROM size (bytes)
32K
28K
24K
20K
16K
12K
8K
4K
192 256
384
512
640
768
896
1024
RAM size (bytes)


Similar Part No. - M38026E7

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M38026E7-896FP MITSUBISHI-M38026E7-896FP Datasheet
2Mb / 207P
   8-BIT SINGLE-CHIP MICROCOMPUTER
M38026E7-896FS MITSUBISHI-M38026E7-896FS Datasheet
2Mb / 207P
   8-BIT SINGLE-CHIP MICROCOMPUTER
M38026E7-896SP MITSUBISHI-M38026E7-896SP Datasheet
2Mb / 207P
   8-BIT SINGLE-CHIP MICROCOMPUTER
M38026E7-896SS MITSUBISHI-M38026E7-896SS Datasheet
2Mb / 207P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
M38026E7-XXXFP RENESAS-M38026E7-XXXFP Datasheet
1Mb / 208P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
More results

Similar Description - M38026E7

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com