Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1085SCN252 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CM1085SCN252
Description  3.0 AMP POSITIVE VOLTAGE REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM1085SCN252 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CM1085SCN252 Datasheet HTML 1Page - List of Unclassifed Manufacturers CM1085SCN252 Datasheet HTML 2Page - List of Unclassifed Manufacturers CM1085SCN252 Datasheet HTML 3Page - List of Unclassifed Manufacturers CM1085SCN252 Datasheet HTML 4Page - List of Unclassifed Manufacturers CM1085SCN252 Datasheet HTML 5Page - List of Unclassifed Manufacturers CM1085SCN252 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CM1085
3.0 AMP POSITIVE VOLTAGE REGULATOR
2003/05/14
Preliminary Rev. 0.2
Champion Microelectronic Corporation
Page 2
BLOCK DIAGRAM
ORDERING INFORMATION
Package Type
TO-252
Operating Temperature Range (TA)
Output Voltage
CM1085KCN252
0℃ ~ +70℃
2.5V
CM1085SCN252
0℃ ~ +70℃
3.3V
CM1085CN252
0℃ ~ +70℃
ADJ.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Maximum
Units
Input Supply Voltage
VIN
7
V
Power Dissipation
PD
Internally
Limited.
W
Thermal Resistance Junction to Case
TO-263
θJC
2.5
℃/W
Thermal Resistance Junction to Ambient
TO-252
θJA
80
℃/W
Operating Junction Temperature Range
TJ
0 to 125
Storage Temperature Range
TSTG
-65 to 150
Lead Temperature(Soldering)10 Sec
TLEAD
260
S.O.A
CURRENT
LIMITING
AMPLIFIER
THERMAL
OVERLOAD
SENSE
Limit
VOLTAGE
REGULATION
AMPLIFIER
VREF
OUTPUT
ADJ/COM
INPUT


Similar Part No. - CM1085SCN252

ManufacturerPart #DatasheetDescription
logo
C-Media Electronics
CM108 CMEDIA-CM108 Datasheet
500Kb / 29P
   USB Audio I/O Controller
logo
Chicago Miniature Lamp,...
CM1080 CML-CM1080 Datasheet
218Kb / 1P
   S-8 Double Contact Bayonet Base
logo
Visual Communications C...
CM1080 VCC-CM1080 Datasheet
31Kb / 1P
   Double Contact Bayonet Base
logo
List of Unclassifed Man...
CM1084 ETC-CM1084 Datasheet
191Kb / 7P
   5.0 AMP POSITIVE VOLTAGE REGULATOR
CM1084CN220 ETC-CM1084CN220 Datasheet
191Kb / 7P
   5.0 AMP POSITIVE VOLTAGE REGULATOR
More results

Similar Description - CM1085SCN252

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ1085 SEMTECH-EZ1085 Datasheet
100Kb / 4P
   3.0 AMP POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
OM7637SM ETC2-OM7637SM Datasheet
19Kb / 2P
   SURFACE MOUNT POSITIVE ADJUSTABLE 3.0 AMP VOLTAGE REGULATOR
logo
Sensitron
SHD526154 SENSITRON-SHD526154 Datasheet
53Kb / 3P
   POSITIVE FIXED 3.3 VOLT 3.0 AMP VOLTAGE REGULATOR
logo
Seme LAB
LT1085GMD SEME-LAB-LT1085GMD Datasheet
31Kb / 3P
   3 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1082 SEMTECH-EZ1082 Datasheet
66Kb / 4P
   10.0 AMP POSITIVE VOLTAGE REGULATOR
EZ1084 SEMTECH-EZ1084 Datasheet
76Kb / 4P
   5.0 AMP POSITIVE VOLTAGE REGULATOR
logo
Seme LAB
LT1084M SEME-LAB-LT1084M Datasheet
32Kb / 3P
   5 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1085CM-TR SEMTECH-EZ1085CM-TR Datasheet
168Kb / 6P
   3 Amp Positive Voltage Regulator
logo
Seme LAB
LM1085M SEME-LAB-LM1085M Datasheet
38Kb / 3P
   3 AMP POSITIVE VOLTAGE REGULATOR
IP140A SEME-LAB-IP140A Datasheet
55Kb / 5P
   1 AMP POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com