Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC1611 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LC1611
Description  16 characters x 1 line
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LC1611 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LC1611 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DD
0.4
3.0
DD
0.6
Max.
Input Voltage
V
-0.3
+ 0.3
V
ELECTRICAL CHARACTERISTICS
V
Symbol
Controller
LCD
KS0066
or Eqv.
LED Backlight
V
DB7
LEDK
LEDA
RS
R/W
DB0
E
LSI
Storage Temp.
Operating Temp.
LCD Driving Voltage
Supply Current
Output High Voltage
Output Low Voltage
Input Low Voltage
Input High Voltage
BLOCK DIAGRAM
O
DD
SS
V
V
Item
40 SEG
= 1.2mA
= - 0.2mA
-20
( V
-30
OL
V
IOL
V
16 COM
- V
DD
DD
I
O
Ta=25

= 5.0V
DD
C
OH
IL
V
V
OH
IH
V
I
T
T
stg
opr
I
Condition
Test
--
--
0
--
LCD PANEL
8 Characters x 1 Line
--
--
4.6
1.2
--
=5V
â0.25V )
2.2
2.4
- 0.3
Min.
DD
--
--
--
Typ.
V
V
70
80
DD
ABSOLUTE MAXIMUM RATINGS
Supply Voltage(LCD)
Supply Voltage(Logic)
Item
LC1611
-0.3
-0.3
Min.
Symbol
DD
DD
V
V
- V
- V
O
SS
13.0
7.0
Max.
16 characters x 1 line
Character Size ( W x H )
V
3.07 x 6.56
mm
LED BACKLIGHT SPECIFICATIONS (Ta=25

In 8-bit bus mode, used as high
order bidirectional data bus.
In 4-bit bus mode, used as both
high and low order data bus.
Power supply for LED backlight
In 8-bit bus mode, used as low
order bidirectional data bus.
In 4-bit bus mode, open these
pins.
Operating voltage for LCD
L : Write
Enable signal
L : Instruction code
Power supply for logic
H : Data
H : Read
Approx. 26 / 36
0.55 x 0.75
DB6
Forward Voltage
Emission Wave Length
Forward Current
DB7
LEDA
LEDK
Item
15
16
13
14
f
I
λp
+5V
0V
H/L
H/L
Symbol
Vf
DB4
DB5
SS
R/W
DB1
DB2
DB3
DB0
RS
O
DD
Weight (Reflective/LED)
Dot Size ( W x H )
PIN CONNECTIONS
Symbol
V
mA
V
7
10
11
12
8
9
5
6
4
E
V
V
V
Unit
C
C
2
3
1
Pin
V
V
V
>L
_
H/L
H/L
H/L
H/L
H/L
H/L
H/L
H,H
H/L
+5V
Level
0V
--
GND
V
nm
mA
Unit
120
--
568
--
4.1
Typ.
Max.
4.3
C)
mm
Function
g
80.0 x 36.0 x 9.5/14.0
Nominal Dimensions
64.6 x 16.0
MECHANICAL DATA
Viewing Area ( W x H )
Module Size ( W x H x T )
V
Unit
V
Item
mm
mm
Unit


Similar Part No. - LC1611

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LC161 SEOUL-LC161 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LC161 SEOUL-LC161 Datasheet
360Kb / 13P
   CYAN LAMP LED
LC161 SEOUL-LC161 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC161 SEOUL-LC161 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC161 SEOUL-LC161 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Similar Description - LC1611

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GMD1610F ETC1-GMD1610F Datasheet
90Kb / 1P
   16 CHARACTERS X 1 LINE 1/16 DUTY
logo
ILLUMINANT CO., LTD
IB1601N-6YYD-211A ILLUMINANT-IB1601N-6YYD-211A Datasheet
43Kb / 1P
   Display Format: 16 Characters X 1 line
IB1601N-6GBL-211 ILLUMINANT-IB1601N-6GBL-211 Datasheet
39Kb / 1P
   Display Format: 16 Characters X 1 line
logo
Hantronix,Inc
HDM16116H-L HANTRONIX-HDM16116H-L Datasheet
25Kb / 1P
   16 Character x 1 Line Very Large Characters
logo
List of Unclassifed Man...
AND671GST ETC2-AND671GST Datasheet
40Kb / 2P
   1 Line x 16 Characters Intelligent Character Display
logo
ILLUMINANT CO., LTD
IB1602N-6GYD-172A ILLUMINANT-IB1602N-6GYD-172A Datasheet
47Kb / 1P
   Display Format: 16 Characters X 2 line
IB1602N-7GBL-176 ILLUMINANT-IB1602N-7GBL-176 Datasheet
47Kb / 1P
   Display Format: 16 Characters X 2 line
IB1601N-6GYD-213 ILLUMINANT-IB1601N-6GYD-213 Datasheet
40Kb / 1P
   Display Format: 16 Characters X 2 line
IB1602N-7GBL-172 ILLUMINANT-IB1602N-7GBL-172 Datasheet
45Kb / 1P
   Display Format: 16 Characters X 2 line
IB1602N-7FBL-176A ILLUMINANT-IB1602N-7FBL-176A Datasheet
44Kb / 1P
   Display Format: 16 Characters X 2 line
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com