Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBSG16BAR2 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NBSG16BAR2
Description  2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG16BAR2 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NBSG16BAR2 Datasheet HTML 2Page - ON Semiconductor NBSG16BAR2 Datasheet HTML 3Page - ON Semiconductor NBSG16BAR2 Datasheet HTML 4Page - ON Semiconductor NBSG16BAR2 Datasheet HTML 5Page - ON Semiconductor NBSG16BAR2 Datasheet HTML 6Page - ON Semiconductor NBSG16BAR2 Datasheet HTML 7Page - ON Semiconductor NBSG16BAR2 Datasheet HTML 8Page - ON Semiconductor NBSG16BAR2 Datasheet HTML 9Page - ON Semiconductor NBSG16BAR2 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
NBSG16
http://onsemi.com
8
Figure 5. 10.709 Gb/s Diagram (3.0 V, 25
5C)
X = 17ps/Div
Y = 70 mV/Div
Figure 6. AC Reference Measurement
D
D
Q
Q
tPHL
tPLH
VINPP = VIH(D) - VIL(D)
VOUTPP = VOH(Q) - VOL(Q)
Driver
Device
Receiver
Device
QD
Figure 7. Typical Termination for Output Driver and Device Evaluation
(Refer to Application Note AND8020 - Termination of ECL Logic Devices)
Q
D
VTT
VTT = VCC - 2.0 V
50
W
50
W


Similar Part No. - NBSG16BAR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG16BAR2 ONSEMI-NBSG16BAR2 Datasheet
138Kb / 12P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
July, 2006 ??Rev. 14
More results

Similar Description - NBSG16BAR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG16 ONSEMI-NBSG16 Datasheet
138Kb / 12P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
July, 2006 ??Rev. 14
NBSG16VS ONSEMI-NBSG16VS Datasheet
192Kb / 14P
   2.5V/3.3V SiGe Differential Receiver/Driver with Variable Output Swing
July, 2006 ??Rev. 7
NB100LVEP17 ONSEMI-NB100LVEP17 Datasheet
147Kb / 10P
   2.5V / 3.3V Quad Differential Driver/Receiver
November, 2006 ??Rev. 7
MC10LVEP16 ONSEMI-MC10LVEP16_06 Datasheet
167Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
December, 2006 ??Rev. 10
MC10LVEP16 ONSEMI-MC10LVEP16 Datasheet
137Kb / 10P
   2.5V / 3.3V ECL Differential Receiver/Driver
February, 2005 ??Rev. 6
NBSG16 ONSEMI-NBSG16_14 Datasheet
160Kb / 12P
   SiGe Differential Receiver/Driver
June, 2014 ??Rev. 20
NBSG11 ONSEMI-NBSG11 Datasheet
81Kb / 10P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL* Outputs
April, 2003 - Rev. 6
NBSG11 ONSEMI-NBSG11_06 Datasheet
117Kb / 12P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL Outputs
July, 2006 ??Rev. 8
NBSG111 ONSEMI-NBSG111 Datasheet
174Kb / 11P
   2.5V/3.3V SiGe Differential 1:10 Clock/Data Driver with RSECL Outputs
January, 2007 ??Rev. 8
NBSG14 ONSEMI-NBSG14 Datasheet
354Kb / 12P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
August, 2003 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com