Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBSG72A Datasheet(PDF) 4 Page - ON Semiconductor

Part # NBSG72A
Description  2.5V/3.3V SiGe Differential 2 X 2 Crosspoint Switch with Output Level Select
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG72A Datasheet(HTML) 4 Page - ON Semiconductor

  NBSG72A Datasheet HTML 1Page - ON Semiconductor NBSG72A Datasheet HTML 2Page - ON Semiconductor NBSG72A Datasheet HTML 3Page - ON Semiconductor NBSG72A Datasheet HTML 4Page - ON Semiconductor NBSG72A Datasheet HTML 5Page - ON Semiconductor NBSG72A Datasheet HTML 6Page - ON Semiconductor NBSG72A Datasheet HTML 7Page - ON Semiconductor NBSG72A Datasheet HTML 8Page - ON Semiconductor NBSG72A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
NBSG72A
http://onsemi.com
4
Table 5. ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor (SELA, SELB)
75 k
W
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 2 kV
> 50 V
> 1 kV
Moisture Sensitivity (Note 1)
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
436
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.
Table 6. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Units
VCC
Positive Power Supply
VEE = 0 V
3.6
V
VEE
Negative Power Supply
VCC = 0 V
−3.6
V
VI
Positive Input
Negative Input
VEE = 0 V
VCC = 0 V
VI  VCC
VI  VEE
3.6
−3.6
V
V
VINPP
Differential Input Voltage |DX − DX|
VEE − VCC w 2.8 V
VEE − VCC t 2.8 V
2.8
|VCC − VEE|
V
Iout
Output Current
Continuous
Surge
25
50
mA
mA
IIN
Input Current Through RT (50 W Resistor)
Static
Surge
45
80
mA
mA
TA
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction−to−Ambient)
(Note 2)
0 lfpm
500 lfpm
QFN−16
QFN−16
42
35
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
(Note 2)
QFN−16
4
°C/W
Tsol
Wave Solder
< 15 sec
225
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
2. JEDEC standard multilayer board − 1S2P (1 signal, 2 power).


Similar Part No. - NBSG72A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG72A ONSEMI-NBSG72A Datasheet
671Kb / 14P
   2.5V/3.3V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
November, 2006 ??Rev. 5
NBSG72AMN ONSEMI-NBSG72AMN Datasheet
671Kb / 14P
   2.5V/3.3V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
November, 2006 ??Rev. 5
NBSG72AMN ONSEMI-NBSG72AMN Datasheet
658Kb / 16P
   2.5 V/3.3 V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Selec
June, 2014 ??Rev. 8
NBSG72AMNEVB ONSEMI-NBSG72AMNEVB Datasheet
671Kb / 14P
   2.5V/3.3V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
November, 2006 ??Rev. 5
NBSG72AMNEVB ONSEMI-NBSG72AMNEVB Datasheet
658Kb / 16P
   2.5 V/3.3 V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
June, 2014 ??Rev. 8
More results

Similar Description - NBSG72A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG72A ONSEMI-NBSG72A_06 Datasheet
671Kb / 14P
   2.5V/3.3V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
November, 2006 ??Rev. 5
NBSG72AMNEVB ONSEMI-NBSG72AMNEVB Datasheet
658Kb / 16P
   2.5 V/3.3 V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
June, 2014 ??Rev. 8
NB6L72 ONSEMI-NB6L72_09 Datasheet
140Kb / 11P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with LVPECL Outputs
April, 2008 - Rev. 4
NB6L72M ONSEMI-NB6L72M Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
December, 2006 ??Rev. 0
NB6L72M ONSEMI-NB6L72M_07 Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
January, 2007 ??Rev. 1
NBSG86A ONSEMI-NBSG86A_06 Datasheet
143Kb / 14P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
July, 2006 ??Rev. 10
NB6L72 ONSEMI-NB6L72 Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with LVPECL Outputs
December, 2006 ??Rev. 0
NBSG86ABA ONSEMI-NBSG86ABA Datasheet
113Kb / 14P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
May, 2004 ??Rev. 8
NBSG86A ONSEMI-NBSG86A_14 Datasheet
137Kb / 17P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
June, 2014 ??Rev. 19
NBSG72AMN ONSEMI-NBSG72AMN_14 Datasheet
658Kb / 16P
   2.5 V/3.3 V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Selec
June, 2014 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com