Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE97733 Datasheet(PDF) 3 Page - NEC

Part # NE97733
Description  PNP SILICON HIGH FREQUENCY TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE97733 Datasheet(HTML) 3 Page - NEC

  NE97733 Datasheet HTML 1Page - NEC NE97733 Datasheet HTML 2Page - NEC NE97733 Datasheet HTML 3Page - NEC NE97733 Datasheet HTML 4Page - NEC NE97733 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TYPICAL PERFORMANCE CURVES (TA = 25°C)
NE97733
DC CURRENT GAIN VS.
COLLECTOR CURRENT
OUTPUT CAPACITANCE VS.
COLLECTOR TO BASE VOLTAGE
Collector Current, IC (mA)
Collector to Base Voltage, VCB (V)
VIN
RS
VOUT
RL1
RC1
RC2
RL2
VBB (-)
50
VCC (-)
VEE (+)
RE
Sampling
Oscilloscope
VOUT
VIN
20 ns
tOFF (delay)
tON (delay)
tr
tf
Parameter
Symbol
Vin = 1 V
Unit
TYP
Turn-on Delay Time
tON (delay)
1.08
ns
Rise Time
tr
0.66
ns
Turn-off Delay Time
tOFF (delay)
0.32
ns
Fall Time
tf
0.78
ns
SWITCHING CHARACTERISTICS
VIN = 1 v, VBB = -0.5 V, RC1 = RC2
RS
RC
RL1
RL2
RE
VEE
VCC
(
Ω)(Ω)(Ω)(Ω)(Ω)
(V)
(V)
160
1 K
200
250
2.7 K
27
26.3
SWITCHING TIME MEASUREMENT CIRCUIT
-0.1
-1.0
-10
-100
-1000
1.0
10
20
30
40
50
100
VCE = -3 V
VCE = -2 V
VCE = -1 V
f = 1 MHz
1.5
1
0.5
0
-1
-10
-100


Similar Part No. - NE97733

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE97733 CEL-NE97733 Datasheet
477Kb / 5P
   PNP SILICON HIGH FREQUENCY TRANSISTOR
NE97733-T1B-A CEL-NE97733-T1B-A Datasheet
477Kb / 5P
   PNP SILICON HIGH FREQUENCY TRANSISTOR
More results

Similar Description - NE97733

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS264 ADMOS-AMS264 Datasheet
22Kb / 3P
   PNP SILICON HIGH FREQUENCY TRANSISTOR
logo
Motorola, Inc
MMBR4957LT1 MOTOROLA-MMBR4957LT1 Datasheet
66Kb / 4P
   PNP Silicon High-Frequency Transistor
MM4019 MOTOROLA-MM4019 Datasheet
62Kb / 2P
   HIGH FREQUENCY TRANSISTOR PNP SILICON
logo
Central Semiconductor C...
CM5160 CENTRAL-CM5160 Datasheet
76Kb / 2P
   PNP HIGH FREQUENCY SILICON TRANSISTOR
logo
California Eastern Labs
NE97733 CEL-NE97733 Datasheet
477Kb / 5P
   PNP SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
MRF545 ASI-MRF545 Datasheet
32Kb / 1P
   PNP SILICON HIGH FREQUENCY TRANSISTOR
logo
Central Semiconductor C...
CM4957 CENTRAL-CM4957_15 Datasheet
112Kb / 2P
   PNP HIGH FREQUENCY SILICON TRANSISTOR
CM4957 CENTRAL-CM4957 Datasheet
108Kb / 2P
   PNP HIGH FREQUENCY SILICON TRANSISTOR
logo
California Eastern Labs
NE97833 CEL-NE97833 Datasheet
170Kb / 6P
   PNP SILICON HIGH FREQUENCY TRANSISTOR
logo
Central Semiconductor C...
CM5583 CENTRAL-CM5583 Datasheet
67Kb / 2P
   PNP HIGH FREQUENCY SILICON TRANSISTOR
logo
NEC
NE97833 NEC-NE97833 Datasheet
43Kb / 5P
   PNP SILICON HIGH FREQUENCY TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com