Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NESG2031M05-T1 Datasheet(PDF) 2 Page - NEC

Part # NESG2031M05-T1
Description  NECs NPN SiGe HIGH FREQUENCY TRAN SIS TOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NESG2031M05-T1 Datasheet(HTML) 2 Page - NEC

  NESG2031M05-T1 Datasheet HTML 1Page - NEC NESG2031M05-T1 Datasheet HTML 2Page - NEC NESG2031M05-T1 Datasheet HTML 3Page - NEC NESG2031M05-T1 Datasheet HTML 4Page - NEC NESG2031M05-T1 Datasheet HTML 5Page - NEC NESG2031M05-T1 Datasheet HTML 6Page - NEC NESG2031M05-T1 Datasheet HTML 7Page - NEC NESG2031M05-T1 Datasheet HTML 8Page - NEC NESG2031M05-T1 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Note:
1. Operation in excess of any one of these parameters may result
in permanent damage.
2. Mounted on 1.08 cm2 x 1.0 mm (t) glass epoxy PCB.
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCBO
Collector to Base Voltage
V
13.0
VCEO
Collector to Emitter Voltage
V
5.0
VEBO
Emitter to Base Voltage
V
1.5
IC
Collector Current
mA
35
PT2
Total Power Dissipation
mW
175
TJ
Junction Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to +150
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
Rth j-c
Junction to Case Resistance
°C/W
TBD
THERMAL RESISTANCE
NESG2031M05
PART NUMBER
QUANTITY
SUPPLYING FORM
NESG2031M05-T1 3 kpcs/reel
• Pin 3 (Collector), Pin 4 (Emitter)
face the perforation
side of the tape
• 8 mm wide embossed taping
ORDERING INFORMATION
Collector to Base Voltage, VCB (V)
TYPICAL PERFORMANCE CURVES (TA = 25°C)
Base to Emitter Voltage, VBE (V)
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
REVERSE TRANSFER CAPACITANCE
vs. COLLECTOR TO BASE VOLTAGE
Ambient Temperature, TA (°C)
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
Base to Emitter Voltage, VBE (V)
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
Mounted on Glass Epoxy PCB
(1.08 cm
2 × 1.0 mm (t) )
250
200
150
175
100
50
0
25
50
75
100
125
150
f = 1 MHz
0.3
0.2
0.1
02
4
6
8
10
VCE = 1 V
100
10
1
0.01
0.001
0.1
0.0001
0.7
0.5
0.6
0.4
0.8
0.9
1.0
VCE = 2 V
100
10
1
0.01
0.001
0.1
0.0001
0.7
0.5
0.6
0.4
0.8
0.9
1.0


Similar Part No. - NESG2031M05-T1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NESG2031M05-T1 CEL-NESG2031M05-T1 Datasheet
790Kb / 13P
   NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
Renesas Technology Corp
NESG2031M05-T1 RENESAS-NESG2031M05-T1 Datasheet
158Kb / 14P
   NPN SiGe RF Transistor for Low Noise, High-Gain Amplification
logo
California Eastern Labs
NESG2031M05-T1-A CEL-NESG2031M05-T1-A Datasheet
790Kb / 13P
   NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
Renesas Technology Corp
NESG2031M05-T1-A RENESAS-NESG2031M05-T1-A Datasheet
158Kb / 14P
   NPN SiGe RF Transistor for Low Noise, High-Gain Amplification
More results

Similar Description - NESG2031M05-T1

ManufacturerPart #DatasheetDescription
logo
NEC
NESG2101M16 NEC-NESG2101M16 Datasheet
83Kb / 2P
   NECs NPN SiGe HIGH FREQUENCY TRAN SIS TOR
NESG3031M05 NEC-NESG3031M05 Datasheet
100Kb / 3P
   NECs NPN SiGe HIGH FREQUENCY TRAN SIS TOR
NESG3031M14 NEC-NESG3031M14 Datasheet
99Kb / 3P
   NECs NPN SiGe HIGH FREQUENCY TRAN SIS TOR
NESG2101M05 NEC-NESG2101M05 Datasheet
172Kb / 14P
   NECs NPN SiGe HIGH FREQUENCY TRAN SIS TOR
logo
OPTEK Technologies
OP793 OPTEK-OP793 Datasheet
258Kb / 3P
   NPN Pho to tran sis tor with Base- Emitter Resistor
logo
California Eastern Labs
NESG2021M05 CEL-NESG2021M05 Datasheet
729Kb / 14P
   NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
California Micro Device...
NESG2021M16 CALMIRCO-NESG2021M16 Datasheet
224Kb / 3P
   NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
NEC
NE856 NEC-NE856 Datasheet
257Kb / 25P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE66719 CEL-NE66719 Datasheet
105Kb / 8P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NESG2030M04 NEC-NESG2030M04 Datasheet
151Kb / 9P
   NPN SiGe HIGH FREQUENCY TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com