Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NIS3001 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NIS3001
Description  Integrated Driver and MOSFET Power Chip for Synchronous Buck Controllers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NIS3001 Datasheet(HTML) 3 Page - ON Semiconductor

  NIS3001 Datasheet HTML 1Page - ON Semiconductor NIS3001 Datasheet HTML 2Page - ON Semiconductor NIS3001 Datasheet HTML 3Page - ON Semiconductor NIS3001 Datasheet HTML 4Page - ON Semiconductor NIS3001 Datasheet HTML 5Page - ON Semiconductor NIS3001 Datasheet HTML 6Page - ON Semiconductor NIS3001 Datasheet HTML 7Page - ON Semiconductor NIS3001 Datasheet HTML 8Page - ON Semiconductor NIS3001 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
NIS3001
http://onsemi.com
3
MAXIMUM RATINGS*
Rating
Value
Unit
Operating Junction Temperature, TJ
125
°C
Output DC Current
25
A
Package Thermal Resistance:
Junction to Ambient, RqJ−A (4 layer PCB with vias, no air flow)
Junction to Ambient, RqJ−A (4 layer PCB with vias, 200lfm air flow)
Junction to PCB, RqJ−PCB (4 layer PCB with vias)
26
13
8.0
°C/W
Storage Temperature Range, TS
−65 to 150
°C
ESD Susceptibility (Human Body Model)
500
V
Lead Temperature Soldering:
Reflow: (SMD styles only) (Note 1)
230 peak
°C
JEDEC Moisture Sensitivity Level
3
MSL
Pin Symbol
Pin Name
MAX
MIN
ISOURCE
ISINK
VS
Driver Supply Voltage
6.3 V
−0.3 V
NA
4.0 A Peak (< 100
ms)
250 mA DC
BST
Bootstrap Supply Voltage
Input
25 V wrt/PGND
6.3 V wrt/DRN
−0.3 V wrt/DRN
NA
4.0 A Peak (< 100
ms)
250 mA DC
DRN
Switching Node
(Bootstrap Supply Return)
25 V
−1.0 V DC
−5.0 V for 20 ns
−6.0 V for 20 ns
4.0 A Peak (< 100
ms)
250 mA DC
NA
TG
High Side Driver Output
(Top Gate)
25 V wrt/PGND
6.3 V wrt/DRN
−0.3 V wrt/DRN
4.0 A Peak (< 100
ms)
250 mA DC
4.0 A Peak (< 100
ms)
250 mA DC
BG
Low Side Driver Output
(Bottom Gate)
6.3 V
−0.3 V
4.0 A Peak (< 100
ms)
250 mA DC
4.0 A Peak (< 100
ms)
250 mA DC
CO
TG & BG Control Input
6.3 V
−0.3 V
1.0 mA
1.0 mA
EN
Enable Input
6.3 V
−0.3 V
1.0 mA
1.0 mA
PGND
Ground
0 V
0 V
4.0 A Peak (< 100
ms)
250 mA DC
NA
VIN
Input Supply Voltage
14 V
NOTE:
All voltages are with respect to PGND except where noted.
1. 60 seconds maximum above 183
°C.
*The maximum package power dissipation must be observed.


Similar Part No. - NIS3001

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIS3071 ONSEMI-NIS3071 Datasheet
2Mb / 13P
   eFuse, 4 Channel, 60 V, 2.5 A
August, 2023 - Rev. P7
NIS3071 ONSEMI-NIS3071 Datasheet
2Mb / 13P
   eFuse, 4 Channel, 60 V, 2.5 A
August, 2023 - Rev. 0
NIS3071MT3TWG ONSEMI-NIS3071MT3TWG Datasheet
2Mb / 13P
   eFuse, 4 Channel, 60 V, 2.5 A
August, 2023 - Rev. P7
NIS3071MT3TWG ONSEMI-NIS3071MT3TWG Datasheet
2Mb / 13P
   eFuse, 4 Channel, 60 V, 2.5 A
August, 2023 - Rev. 0
NIS3071MT4TWG ONSEMI-NIS3071MT4TWG Datasheet
2Mb / 13P
   eFuse, 4 Channel, 60 V, 2.5 A
August, 2023 - Rev. P7
More results

Similar Description - NIS3001

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7058 ANPEC-APW7058 Datasheet
174Kb / 13P
   Synchronous Buck PWM and Linear Controllers
logo
Microchip Technology
MCP14628 MICROCHIP-MCP14628 Datasheet
435Kb / 24P
   2A Synchronous Buck Power MOSFET Driver
2008
logo
IXYS Corporation
IXS839 IXYS-IXS839 Datasheet
318Kb / 11P
   Synchronous Buck MOSFET Driver
logo
ON Semiconductor
NCP81158 ONSEMI-NCP81158 Datasheet
83Kb / 8P
   Synchronous Buck MOSFET Driver
August, 2016 ??Rev. 0
NCP81258 ONSEMI-NCP81258 Datasheet
89Kb / 9P
   Synchronous Buck MOSFET Driver
June, 2017 ??Rev. P0
NCP81158D ONSEMI-NCP81158D Datasheet
81Kb / 8P
   Synchronous Buck MOSFET Driver
April, 2017 ??Rev. 1
NCP5351 ONSEMI-NCP5351 Datasheet
184Kb / 14P
   4 A Synchronous Buck Power MOSFET Driver
June, 2004 ??Rev. 9
NCP5355 ONSEMI-NCP5355 Datasheet
102Kb / 12P
   12 V Synchronous Buck Power MOSFET Driver
June, 2004 ??Rev. 6
NCP5351DR2G ONSEMI-NCP5351DR2G Datasheet
225Kb / 14P
   4 A Synchronous Buck Power MOSFET Driver
February, 2010 ??Rev. 13
logo
Richtek Technology Corp...
RT9612A RICHTEK-RT9612A Datasheet
213Kb / 15P
   Synchronous-Rectified Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com