Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2705V Datasheet(PDF) 4 Page - New Japan Radio

Part # NJM2705V
Description  Surround Audio Processor for Mobile Applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2705V Datasheet(HTML) 4 Page - New Japan Radio

  NJM2705V Datasheet HTML 1Page - New Japan Radio NJM2705V Datasheet HTML 2Page - New Japan Radio NJM2705V Datasheet HTML 3Page - New Japan Radio NJM2705V Datasheet HTML 4Page - New Japan Radio NJM2705V Datasheet HTML 5Page - New Japan Radio NJM2705V Datasheet HTML 6Page - New Japan Radio NJM2705V Datasheet HTML 7Page - New Japan Radio NJM2705V Datasheet HTML 8Page - New Japan Radio NJM2705V Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
NJM2705
- 4 -
qAC CHARACTERISTICS
(V
+=3V, Ta=25
°C, V
IN=-20dBV(100mVrms), f=1kHz, RL=10k
Ω, unless otherwise specified)
TEST CONDITION
INPUT
PARAMETER
SYMBOL
L
R
OUT
PUT
MODE
SP
VR
HP
VR
MIN
TYP
MAX
UNIT
THD1
f=1kHz
VIN
0
0
VIN
L
R
Bypass
-
-
-
0.02
0.05
THD2
f=1kHz
VIN
0
0
VIN
L
R
2SP
MAX
-
-
0.1
0.5
THD3
f=1kHz
VIN
0
0
VIN
L
R
HP
-
MAX
-
0.1
0.5
Total Harmonic
Distortion
THD4
f=1kHz
VIN
0
0
VIN
L
R
1SP
MAX
-
-
0.1
0.5
%
BYPASS Gain
GVBYP
f=1kHz
VIN
0
0
VIN
L
R
Bypass
-
-
-1.0
0.0
1.0
dB
GVSUR1
f=100Hz
VIN
0
0
VIN
L
R
2SP
MAX
-
12.5
14.5
16.5
GVSUR2
f=100Hz
VIN
0
0
VIN
L
R
2SP
MIN
-
0.5
2.5
4.5
GVSUR3
f=100Hz
VIN
0
0
VIN
L
R
HP
-
MAX
12.5
14.5
16.5
GVSUR4
f=100Hz
VIN
0
0
VIN
L
R
HP
-
MIN
0.5
2.5
4.5
GVSUR5
f=100Hz
VIN
0
L
1SP
MAX
-
6.5
8.5
10.5
GVSUR6
f=100Hz
0
VIN
L
1SP
MAX
-
2.0
4.0
6.0
GVSUR7
f=100Hz
VIN
0
L
1SP
MIN
-
-5.5
-3.5
-1.5
Surround Gain
GVSUR8
f=100Hz
0
VIN
L
1SP
MIN
-
-12.0
-10.0
-8.0
dB
q
q
q
qCONTROL CHARACTERISTICS (V
+=3V, Ta=25
°C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
VIN=High Level
1.2
-
V
+
MODE Select
Control Voltage
VMODE
VIN=Low Level
0.0
-
0.3
V
s
s
s
sSWITCH FUNCTION
SURROUND FUNCTION SW
MODE
SW1
SW2
NOTES
Bypass
L, OPEN
L, OPEN
Input Through
2SP mode
L, OPEN
H
Surround mode for narrow space two speakers
HP mode
H
L, OPEN
Surround mode for Headphone
1SP mode
H
H
Surround mode for monaural speaker (Surround signal from LOUT)
STANDBY SW
MODE
STBY
NOTES
Standby
L, open
IC is non-active
Active
H
IC is active


Similar Part No. - NJM2705V

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2700 NJRC-NJM2700 Datasheet
211Kb / 19P
   SRS WOW AUDIO PROCESSOR
NJM2700FJ1 NJRC-NJM2700FJ1 Datasheet
211Kb / 19P
   SRS WOW AUDIO PROCESSOR
NJM2700G NJRC-NJM2700G Datasheet
211Kb / 19P
   SRS WOW AUDIO PROCESSOR
NJM2700L NJRC-NJM2700L Datasheet
211Kb / 19P
   SRS WOW AUDIO PROCESSOR
NJM2701 NJRC-NJM2701 Datasheet
212Kb / 11P
   3D SURROUND AUDIO PROCESSOR
More results

Similar Description - NJM2705V

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2704 NJRC-NJM2704 Datasheet
178Kb / 11P
   3D SURROUND AUDIO PROCESSOR FOR HEADPHONE
NJM2701 NJRC-NJM2701 Datasheet
212Kb / 11P
   3D SURROUND AUDIO PROCESSOR
NJM2702 NJRC-NJM2702 Datasheet
152Kb / 10P
   3D SURROUND AUDIO PROCESSOR
NJM2703 NJRC-NJM2703 Datasheet
178Kb / 10P
   3D SURROUND AUDIO PROCESSOR FOR HEADPHONE
logo
List of Unclassifed Man...
YSS215 ETC-YSS215 Datasheet
714Kb / 7P
   AUDIO & VISUAL SURROUND PROCESSOR
logo
Rohm
BU9262AFS ROHM-BU9262AFS Datasheet
259Kb / 6P
   Digital surround / echo processor for audio application
logo
Mitsubishi Electric Sem...
M61519FP MITSUBISHI-M61519FP Datasheet
382Kb / 19P
   AUDIO SIGNAL PROCESSOR WITH SURROUND
logo
New Japan Radio
NJM2179 NJRC-NJM2179 Datasheet
219Kb / 8P
   SRS 3D SURROUND AUDIO PROCESSOR?
logo
Renesas Technology Corp
M61529FP RENESAS-M61529FP Datasheet
426Kb / 24P
   Audio Signal Processor with Surround
logo
New Japan Radio
NJM2199 NJRC-NJM2199 Datasheet
63Kb / 10P
   SRS 3D SURROUND AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com