Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2740M Datasheet(PDF) 4 Page - New Japan Radio

Part # NJM2740M
Description  DUAL OPERATIONAL AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2740M Datasheet(HTML) 4 Page - New Japan Radio

  NJM2740M Datasheet HTML 1Page - New Japan Radio NJM2740M Datasheet HTML 2Page - New Japan Radio NJM2740M Datasheet HTML 3Page - New Japan Radio NJM2740M Datasheet HTML 4Page - New Japan Radio NJM2740M Datasheet HTML 5Page - New Japan Radio NJM2740M Datasheet HTML 6Page - New Japan Radio NJM2740M Datasheet HTML 7Page - New Japan Radio NJM2740M Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NJM2740
- 4 -
Ver.2003/12/04
Input Bias Current vs. Temperature
-200
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
-50
-25
0
25
50
75
100 125
Temperature[°C]
V+/V-=±2.5V
V+/V-=±1.1V
V+/V-=±3.5V
Input Offset Current vs. Temperature
-40
-30
-20
-10
0
10
20
30
40
-50
-25
0
255075
100 125
Temperature[°C]
V+/V-=±3.5V
V+/V-=±2.5V
V+/V-=±1.1V
Input Offset Voltage
vs. Input Common Mode Voltage
0
1
2
3
4
5
6
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
Input Common Mode Voltage [V]
Ta=-40°C
V+/V-=±2.5V
Ta=+25°C
Ta=+85°C
Input Offset Voltage
vs. Input Common Mode Voltage
0
1
2
3
4
5
6
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
Input Common Mode Voltage[V]
Ta=-40°C
V+/V-=±1.2V
Ta=+25°C
Ta=+85°C
Input Offset Voltage
vs. Input Common Mode Voltage
0
1
2
3
4
5
6
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
Input Common Mode Voltage[V]
Ta=-40°C
V+/V-=±1.1V
Ta=+25°C
Ta=+85°C


Similar Part No. - NJM2740M

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2741 NJRC-NJM2741 Datasheet
98Kb / 2P
   Single Supply Single Operational Amplifier with Full Swing Output
NJM2741F NJRC-NJM2741F Datasheet
98Kb / 2P
   Single Supply Single Operational Amplifier with Full Swing Output
NJM2741F3 NJRC-NJM2741F3 Datasheet
98Kb / 2P
   Single Supply Single Operational Amplifier with Full Swing Output
NJM2742 NJRC-NJM2742 Datasheet
291Kb / 10P
   HIGH SPEED SINGLE SUPPLY OPERATIONAL AMPLIFIER
NJM2742D NJRC-NJM2742D Datasheet
291Kb / 10P
   HIGH SPEED SINGLE SUPPLY OPERATIONAL AMPLIFIER
More results

Similar Description - NJM2740M

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
LM2904 FAIRCHILD-LM2904 Datasheet
137Kb / 12P
   Dual Operational Amplifier
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
   Dual operational amplifier
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
   DUAL OPERATIONAL AMPLIFIER
logo
Motorola, Inc
LM833 MOTOROLA-LM833 Datasheet
133Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM4560 NJRC-NJM4560 Datasheet
226Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM4562 NJRC-NJM4562 Datasheet
258Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM2100 NJRC-NJM2100 Datasheet
201Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
   Dual Operational Amplifier
logo
NXP Semiconductors
MA747C PHILIPS-MA747C Datasheet
94Kb / 5P
   Dual operational amplifier
August 31, 1994
logo
Renesas Technology Corp
HA17904A RENESAS-HA17904A_15 Datasheet
129Kb / 10P
   Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com