Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU6050 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJU6050
Description  High Efficiency White LED Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6050 Datasheet(HTML) 5 Page - New Japan Radio

  NJU6050 Datasheet HTML 1Page - New Japan Radio NJU6050 Datasheet HTML 2Page - New Japan Radio NJU6050 Datasheet HTML 3Page - New Japan Radio NJU6050 Datasheet HTML 4Page - New Japan Radio NJU6050 Datasheet HTML 5Page - New Japan Radio NJU6050 Datasheet HTML 6Page - New Japan Radio NJU6050 Datasheet HTML 7Page - New Japan Radio NJU6050 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
-5 -
NJU6050
Ver.2004-02-25
TYPICAL PERFORMANCE
(VDD=3.6V, VSHDNb=3.6V, VSS=0V, L=10
µH, Ta=25°C)
Output Voltage vs. Input Voltage
Output Voltage vs. Load Current
Efficiency vs. Load Current
Quiescent Current vs. Temperature
VDS(ON) vs. Temperature
Feedback Voltage vs. Temperature


Similar Part No. - NJU6050

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6051 NJRC-NJU6051 Datasheet
192Kb / 20P
   White LED Driver with Automatic Dimming Control
NJU6051KM1 NJRC-NJU6051KM1 Datasheet
192Kb / 20P
   White LED Driver with Automatic Dimming Control
NJU6051V NJRC-NJU6051V Datasheet
192Kb / 20P
   White LED Driver with Automatic Dimming Control
NJU6052 NJRC-NJU6052 Datasheet
209Kb / 23P
   White LED Driver with Automatic Dimming Control
NJU6052KN1 NJRC-NJU6052KN1 Datasheet
209Kb / 23P
   White LED Driver with Automatic Dimming Control
More results

Similar Description - NJU6050

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5604A ONSEMI-NCP5604A Datasheet
359Kb / 15P
   High Efficiency White LED Driver
March, 2006 ??Rev. 0
logo
New Japan Radio
NJU6048 NJRC-NJU6048 Datasheet
163Kb / 13P
   High Efficiency White LED Driver
logo
ON Semiconductor
NCP5680 ONSEMI-NCP5680 Datasheet
985Kb / 27P
   High Efficiency White LED Driver
May, 2009 ??Rev. 0
logo
Texas Instruments
LM3530 TI1-LM3530 Datasheet
7Mb / 50P
[Old version datasheet]   High-Efficiency White-LED Driver
logo
List of Unclassifed Man...
MP1521_R2.7W ETC-MP1521_R2.7W Datasheet
171Kb / 2P
   High Efficiency White LED Driver
logo
Texas Instruments
LM3699 TI1-LM3699 Datasheet
1Mb / 25P
[Old version datasheet]   High-Efficiency White LED Driver
logo
Monolithic Power System...
MP1521 MPS-MP1521 Datasheet
170Kb / 8P
   High Efficiency White LED Driver
logo
Diodes Incorporated
AP3154A DIODES-AP3154A_15 Datasheet
1Mb / 14P
   120mA HIGH EFFICIENCY WHITE LED DRIVER
AP3152FG-7 DIODES-AP3152FG-7 Datasheet
601Kb / 13P
   120mA HIGH EFFICIENCY WHITE LED DRIVER
AP3154 DIODES-AP3154 Datasheet
611Kb / 13P
   120mA HIGH EFFICIENCY WHITE LED DRIVER
AP3154 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com