|
| NJU7211 |
|
||
|
NJRC |
|
4 page
NJ U7211 Series MEMO [CAUTION] The specifications on this databook are only given for information , without any guarantee as regards either mistakes or omissions. The application circuits in this databook are described only to show representative usages of the product and not intended for the guarantee or permission of any right including the industrial rights. |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| NTE1917 | Integrated Circuit Negative 3 Terminal Voltage Regulator -5V 100mA | 1 2 | NTE Electronics |
| OM1325SMM | Three Terminal Precision Adjustable Negative Voltage Regulator In Hermetic Style Packages | 1 2 3 4 | List of Unclassifed Manufacturers |
| NTE1919 | Integrated Circuit Negative 3 Terminal Voltage Regulator -15V 1.5A | 1 2 | NTE Electronics |
| NTE1923 | 3 Terminal Negative Voltage Regulator -18V 1.5A | 1 2 | NTE Electronics |
| NTE1925 | 3 Terminal Negative Voltage Regulator -18V 1.5A | 1 2 | NTE Electronics |
| NJU7221 | HIGH PRECISION C MOS 3 TERMINAL VOLTAGE REGULATOR | 1 2 3 4 5 | New Japan Radio |
| UTCLM79XX | 3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR | 1 2 3 4 5 More | Unisonic Technologies |
| UPC7900A | THREE TERMINAL NEGATIVE VOLTAGE REGULATOR | 1 2 3 4 5 More | NEC |
| LM79XX | 3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |