Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJW1140 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJW1140
Description  AUDIO PROCESSOR with SRS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1140 Datasheet(HTML) 3 Page - New Japan Radio

  NJW1140 Datasheet HTML 1Page - New Japan Radio NJW1140 Datasheet HTML 2Page - New Japan Radio NJW1140 Datasheet HTML 3Page - New Japan Radio NJW1140 Datasheet HTML 4Page - New Japan Radio NJW1140 Datasheet HTML 5Page - New Japan Radio NJW1140 Datasheet HTML 6Page - New Japan Radio NJW1140 Datasheet HTML 7Page - New Japan Radio NJW1140 Datasheet HTML 8Page - New Japan Radio NJW1140 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
NJW1140
-3 -
s
s
s
s ABSOLUTE MAXIMUM RATINGS (Ta=25
°C)
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
V
+
15
V
Power Dissipation
PD
700
mW
Operating Temperature Range
Topr
-20 to +75
°C
Storage Temperature Range
Tstg
-40 to +125
°C
s
s
s
s ELECTRICAL CHARACTERISTICS ( Ta=25
°C, V+=9V, Rg=600Ω, R
L=47k
Ω, Vin=100mVrms/1kHz)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Operating Voltage
V
+
8.0
9.0
13.0
V
Supply Current
ICC
No Signal
-
13
25
mA
Reference Voltage
VREF
No Signal
4.0
4.5
5.0
V
Maximum Input Voltage
VIM
VOL=-20dB, THD=1%
2.8
3.0
-
Vrms
Maximum Output Voltage1
VOM1
OUTPUT
VOL=0dB, THD=1%
-
2.5
-
Vrms
Maximum Output Voltage2
VOM2
LINEOUT
VOL=0dB, THD=1%
-
2.5
-
Vrms
MON OUT Gain
GVMON
MON OUT
-
-2.0
-
dB
LINEOUT Gain
GVLINE
LINEOUT, VOL=0dB
2.5
4.5
6.5
dB
Maximum Gain
GVMAX
VOL=0dB
-2.0
0.0
2.0
dB
Minimum Gain
GVMIN
VOL=Mute, Vin=1Vrms
BW=400Hz to 30kHz
-
-
-70
dB
Channel Balance
GCB
VOL=0dB
-1.5
0.0
1.5
dB
Balance Level A-A
BALAA
Full panning to Ach, OUTa
-2.0
0.0
2.0
dB
Balance Level A-B
BALAB
Full panning to Ach, OUTb
Vin=1Vrms
BW=400Hz to 30kHz
-
-
-70
dB
Balance Level B-B
BALBB
Full panning to Bch, OUTb
-2.0
0.0
2.0
dB
Balance Level B-A
BALBA
Full panning to Bch, OUTa
Vin=1Vrms
BW=400Hz to 30kHz
-
-
-70
dB
Total Harmonic Distortion
THD
Vo=0.5Vrms
BW=400Hz to 30kHz
-
-
0.5
%
Input Selector Cross Talk
CT
Vin=1Vrms
BW=400Hz to 30kHz
-
-
-70
dB
Channel Separation
CS
Vin=1Vrms
BW=400Hz to 30kHz
-
-
-70
dB
Output Noise 1
VNO1
VOL=0dB
BW=400Hz to 30kHz
-
-
-90
(31.6)
-85
(56.2)
dBV
(
µVrms)
Output Noise 2
VNO2
VOL=Mute
BW=400Hz to 30kHz
-
-
-106
(5.0)
-96
(15.8)
dBV
(
µVrms)
Output Noise 3
VNO3
LINEOUT, VOL=0dB
BW=400Hz to 30kHz
-
-
-85
(56.2)
-80
(100)
dBV
(
µVrms)
Output Noise 4
VNO4
LINEOUT, VOL=Mute
BW=400Hz to 30kHz
-
-
-101
(8.9)
-91
(28.2)
dBV
(
µVrms)


Similar Part No. - NJW1140

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1141 NJRC-NJW1141 Datasheet
287Kb / 20P
   AUDIO PROCESSOR
NJW1141L NJRC-NJW1141L Datasheet
287Kb / 20P
   AUDIO PROCESSOR
NJW1141M NJRC-NJW1141M Datasheet
287Kb / 20P
   AUDIO PROCESSOR
NJW1142 NJRC-NJW1142 Datasheet
123Kb / 14P
   AUDIO PROCESSOR
NJW1143 NJRC-NJW1143 Datasheet
160Kb / 17P
   AUDIO PROCESSOR
More results

Similar Description - NJW1140

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1180 NJRC-NJW1180 Datasheet
344Kb / 15P
   Audio Processor with SRS WOW
NJW1161 NJRC-NJW1161 Datasheet
554Kb / 25P
   AUDIO PROCESSOR with SRS 3D STEREO
NJM2700 NJRC-NJM2700 Datasheet
211Kb / 19P
   SRS WOW AUDIO PROCESSOR
NJM2193 NJRC-NJM2193 Datasheet
67Kb / 8P
   FOCUS & SRS AUDIO PROCESSOR
NJM2195 NJRC-NJM2195 Datasheet
344Kb / 17P
   SRS WOW AUDIO PROCESSOR
NJM2178 NJRC-NJM2178 Datasheet
288Kb / 10P
   SRS 3D SURROUND AUDIO PROCESSOR
NJM2191 NJRC-NJM2191 Datasheet
89Kb / 7P
   SRS 3D Stereo & SRS HEADPHONE AUDIO PROCESSOR
NJM2179 NJRC-NJM2179 Datasheet
219Kb / 8P
   SRS 3D SURROUND AUDIO PROCESSOR?
NJM2199 NJRC-NJM2199 Datasheet
63Kb / 10P
   SRS 3D SURROUND AUDIO PROCESSOR
NJM2198 NJRC-NJM2198 Datasheet
84Kb / 13P
   SRS 3D SURROUND AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com