Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJW1146 Datasheet(PDF) 6 Page - New Japan Radio

Part # NJW1146
Description  Audio Processor with BBE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1146 Datasheet(HTML) 6 Page - New Japan Radio

Back Button NJW1146 Datasheet HTML 2Page - New Japan Radio NJW1146 Datasheet HTML 3Page - New Japan Radio NJW1146 Datasheet HTML 4Page - New Japan Radio NJW1146 Datasheet HTML 5Page - New Japan Radio NJW1146 Datasheet HTML 6Page - New Japan Radio NJW1146 Datasheet HTML 7Page - New Japan Radio NJW1146 Datasheet HTML 8Page - New Japan Radio NJW1146 Datasheet HTML 9Page - New Japan Radio NJW1146 Datasheet HTML 10Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
NJW1146
– 6 –
PRELIMINARY
s
s
s
s
APPLICATION CIRCUIT 1 (Bi-Amp outputs)
1µF
+
3.3nF
33nF
2.2nF
100nF
+
+
4.7µF
4.7µF
1µF
+
+
+
4.7µF
4.7µF
330nF
100nF
2.2nF
33nF
3.3nF
22nF
1µF
+
1µF
+
1µF
+
4.7µF
+
+
100µF
1µF
+
1µF
+
3.9kΩ
3.9 kΩ
INa
ealaFil
BBE1a
BBE2a
TONE-Ha
TONE-La
OUTa
LFINa
LFOUTa
AGC
CBH
LFOUTb
LFINb
OUTb
TONE-Lb
TONE-Hb
BBE2b
BBE1b
CSR
INb
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
NJW1146
CVA
CVB
SDA
SCL
GND
CBL
CTH
CTL
VREF
V+
0.22µF
0.22µF


Similar Part No. - NJW1146

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1140 NJRC-NJW1140 Datasheet
471Kb / 15P
   AUDIO PROCESSOR with SRS
NJW1140GK1 NJRC-NJW1140GK1 Datasheet
471Kb / 15P
   AUDIO PROCESSOR with SRS
NJW1141 NJRC-NJW1141 Datasheet
287Kb / 20P
   AUDIO PROCESSOR
NJW1141L NJRC-NJW1141L Datasheet
287Kb / 20P
   AUDIO PROCESSOR
NJW1141M NJRC-NJW1141M Datasheet
287Kb / 20P
   AUDIO PROCESSOR
More results

Similar Description - NJW1146

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1164 NJRC-NJW1164 Datasheet
568Kb / 27P
   AUDIO PROCESSOR with BBE
logo
Rohm
BH3868BFS ROHM-BH3868BFS Datasheet
239Kb / 28P
   Audio sound processor with BBE
logo
New Japan Radio
NJW1147 NJRC-NJW1147 Datasheet
163Kb / 20P
   AUDIO PROCESSOR with BBE ViVA
NJM2155 NJRC-NJM2155 Datasheet
69Kb / 7P
   BBE Mach3Bass Audio Processor
NJW1169 NJRC-NJW1169 Datasheet
314Kb / 28P
   AUDIO PROCESSOR with BBE Sound Enhancement & Passive Matrix TruSurround Virtualizer & TruBass
logo
Rohm
BD3860K ROHM-BD3860K Datasheet
295Kb / 27P
   Built-in BBE Audio sound controller
logo
New Japan Radio
NJW1140 NJRC-NJW1140 Datasheet
471Kb / 15P
   AUDIO PROCESSOR with SRS
logo
Texas Instruments
TAS3002 TI-TAS3002 Datasheet
350Kb / 74P
[Old version datasheet]   Digital Audio Processor With Codec
logo
New Japan Radio
NJW1137 NJRC-NJW1137 Datasheet
385Kb / 24P
   AUDIO PROCESSOR with SOUND ENHANCEMENT
logo
Hitachi Semiconductor
REJ03F0010_M61529FP HITACHI-REJ03F0010_M61529FP Datasheet
442Kb / 24P
   Audio Signal Processor with Surround
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com