Electronic Components Datasheet Search |
|
NJW1147M Datasheet(PDF) 3 Page - New Japan Radio |
|
NJW1147M Datasheet(HTML) 3 Page - New Japan Radio |
3 / 20 page NJW1147 -3 - s s s s ABSOLUTE MAXIMUM RATING (Ta=25°C) PARAMETER SYMBOL RATING UNIT Supply Voltage V + 14 V Power Dissipation PD 700 mW Operating Temperature Range Topr -20 to +75 °C Storage Temperature Range Tstg -40 to +125 °C s s s s ELECTRICAL CHARACTERISTICS (Ta=25°C, V+=9V, Rg=600 Ω, R L=47k Ω, Vin=100mVrms/1kHz unless otherwise specified) PARAMETER SYMBOL TEST CONDITION MIN. TYP. MAX. UNIT Operating Voltage V + 8.0 9.0 13.0 V Supply Current ICC No Signal - 13 25 mA Reference Voltage VREF No Signal 4.0 4.5 5.0 V Maximum Input Voltage VIM VOL=-20dB,THD=1% 2.8 3.0 - Vrms Maximum Output Voltage VOM OUTPUT VOL=0dB,THD=1% - 2.5 - Vrms Channel Balance GCB VOL=0dB -1.5 0.0 1.5 dB Balance Boost A BABST CHS=”0”, BAL=”11111” -2.0 0.0 2.0 dB Balance Cut A BACUT CHS=”1”, BAL=”11111” Vin = 1Vrms - - -70 dB Balance Boost B BBBST CHS=”1”, BAL=”11111” -2.0 0.0 2.0 dB Balance Cut B BBCUT CHS=”0”, BAL=”11111” Vin = 1Vrms - - -70 dB Total Harmonic Distortion THD Vo=0.5Vrms BW=400Hz to 30kHz - - 0.5 % Maximum Gain GVMAX VOL= 0dB -2.0 0.0 2.0 dB Minimum Gain GVMIN VOL= MUTE - - -70 dB Channel Separation CS Vin = 2Vrms - - -70 dB Output Noise 1 VNO1 VOL = 0dB BW=400Hz to 30kHz - - -90 (31.6) -85 (56.2) dBV ( µVrms) Output Noise 2 VNO2 VOL = MUTE BW = 400Hz to 30kHz - - -106 (5.0) -96 (15.8) dBV ( µVrms) Logic Output: High 4.5 - 5.0 AUX Output Voltage VAUX Logic Output: Low 0 - 0.3 V BW: Band Width |
Similar Part No. - NJW1147M |
|
Similar Description - NJW1147M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |