Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJW1147L Datasheet(PDF) 3 Page - New Japan Radio

Part # NJW1147L
Description  AUDIO PROCESSOR with BBE ViVA
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1147L Datasheet(HTML) 3 Page - New Japan Radio

  NJW1147L Datasheet HTML 1Page - New Japan Radio NJW1147L Datasheet HTML 2Page - New Japan Radio NJW1147L Datasheet HTML 3Page - New Japan Radio NJW1147L Datasheet HTML 4Page - New Japan Radio NJW1147L Datasheet HTML 5Page - New Japan Radio NJW1147L Datasheet HTML 6Page - New Japan Radio NJW1147L Datasheet HTML 7Page - New Japan Radio NJW1147L Datasheet HTML 8Page - New Japan Radio NJW1147L Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
NJW1147
-3 -
s
s
s
s ABSOLUTE MAXIMUM RATING (Ta=25°C)
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
V
+
14
V
Power Dissipation
PD
700
mW
Operating Temperature Range
Topr
-20 to +75
°C
Storage Temperature Range
Tstg
-40 to +125
°C
s
s
s
s ELECTRICAL CHARACTERISTICS
(Ta=25°C, V+=9V, Rg=600
Ω, R
L=47k
Ω, Vin=100mVrms/1kHz unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Operating Voltage
V
+
8.0
9.0
13.0
V
Supply Current
ICC
No Signal
-
13
25
mA
Reference Voltage
VREF
No Signal
4.0
4.5
5.0
V
Maximum Input Voltage
VIM
VOL=-20dB,THD=1%
2.8
3.0
-
Vrms
Maximum Output Voltage
VOM
OUTPUT
VOL=0dB,THD=1%
-
2.5
-
Vrms
Channel Balance
GCB
VOL=0dB
-1.5
0.0
1.5
dB
Balance Boost A
BABST
CHS=”0”, BAL=”11111”
-2.0
0.0
2.0
dB
Balance Cut A
BACUT
CHS=”1”, BAL=”11111”
Vin = 1Vrms
-
-
-70
dB
Balance Boost B
BBBST
CHS=”1”, BAL=”11111”
-2.0
0.0
2.0
dB
Balance Cut B
BBCUT
CHS=”0”, BAL=”11111”
Vin = 1Vrms
-
-
-70
dB
Total Harmonic Distortion
THD
Vo=0.5Vrms
BW=400Hz to 30kHz
-
-
0.5
%
Maximum Gain
GVMAX
VOL= 0dB
-2.0
0.0
2.0
dB
Minimum Gain
GVMIN
VOL= MUTE
-
-
-70
dB
Channel Separation
CS
Vin = 2Vrms
-
-
-70
dB
Output Noise 1
VNO1
VOL = 0dB
BW=400Hz to 30kHz
-
-
-90
(31.6)
-85
(56.2)
dBV
(
µVrms)
Output Noise 2
VNO2
VOL = MUTE
BW = 400Hz to 30kHz
-
-
-106
(5.0)
-96
(15.8)
dBV
(
µVrms)
Logic Output: High
4.5
-
5.0
AUX Output Voltage
VAUX
Logic Output: Low
0
-
0.3
V
BW: Band Width


Similar Part No. - NJW1147L

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1140 NJRC-NJW1140 Datasheet
471Kb / 15P
   AUDIO PROCESSOR with SRS
NJW1140GK1 NJRC-NJW1140GK1 Datasheet
471Kb / 15P
   AUDIO PROCESSOR with SRS
NJW1141 NJRC-NJW1141 Datasheet
287Kb / 20P
   AUDIO PROCESSOR
NJW1141L NJRC-NJW1141L Datasheet
287Kb / 20P
   AUDIO PROCESSOR
NJW1141M NJRC-NJW1141M Datasheet
287Kb / 20P
   AUDIO PROCESSOR
More results

Similar Description - NJW1147L

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1164 NJRC-NJW1164 Datasheet
568Kb / 27P
   AUDIO PROCESSOR with BBE
NJW1146 NJRC-NJW1146 Datasheet
243Kb / 21P
   Audio Processor with BBE
logo
Rohm
BH3868BFS ROHM-BH3868BFS Datasheet
239Kb / 28P
   Audio sound processor with BBE
logo
New Japan Radio
NJM2155 NJRC-NJM2155 Datasheet
69Kb / 7P
   BBE Mach3Bass Audio Processor
NJW1169 NJRC-NJW1169 Datasheet
314Kb / 28P
   AUDIO PROCESSOR with BBE Sound Enhancement & Passive Matrix TruSurround Virtualizer & TruBass
logo
Rohm
BD3860K ROHM-BD3860K Datasheet
295Kb / 27P
   Built-in BBE Audio sound controller
logo
New Japan Radio
NJW1140 NJRC-NJW1140 Datasheet
471Kb / 15P
   AUDIO PROCESSOR with SRS
logo
Texas Instruments
TAS3002 TI-TAS3002 Datasheet
350Kb / 74P
[Old version datasheet]   Digital Audio Processor With Codec
logo
New Japan Radio
NJW1137 NJRC-NJW1137 Datasheet
385Kb / 24P
   AUDIO PROCESSOR with SOUND ENHANCEMENT
logo
Hitachi Semiconductor
REJ03F0010_M61529FP HITACHI-REJ03F0010_M61529FP Datasheet
442Kb / 24P
   Audio Signal Processor with Surround
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com