Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJW1168L Datasheet(PDF) 4 Page - New Japan Radio

Part # NJW1168L
Description  AUDIO PROCESSOR with Input Selector and Subwoofer Output
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1168L Datasheet(HTML) 4 Page - New Japan Radio

  NJW1168L Datasheet HTML 1Page - New Japan Radio NJW1168L Datasheet HTML 2Page - New Japan Radio NJW1168L Datasheet HTML 3Page - New Japan Radio NJW1168L Datasheet HTML 4Page - New Japan Radio NJW1168L Datasheet HTML 5Page - New Japan Radio NJW1168L Datasheet HTML 6Page - New Japan Radio NJW1168L Datasheet HTML 7Page - New Japan Radio NJW1168L Datasheet HTML 8Page - New Japan Radio NJW1168L Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
NJW1168
-4-
PRELIMINARY
s
ELECTRICAL CHARACTERISTICS
(Ta=25°C, V+=9V, RL=47k
Ω, Vin=100mVrms/1kHz unless otherwise specified)
Condition
Input
PARAMETER
SYMBOL
INa
INb
Output
MIN.
TYP.
MAX.
UNIT
♦TONE
Vin
-
OUTa
High Frequency Boost
HFBST
BCT=”1”
TREB=+15dB, f=10kHz
-
Vin
OUTb
12.5
15.0
17.5
dB
Vin
-
OUTa
High Frequency Flat
HFFLT
TREB=0, f=10kHz
-
Vin
OUTb
-2.0
0.0
2.0
dB
Vin
-
OUTa
High Frequency Cut
HFCUT
BCT=”0”
TREB=-15dB, f=10kHz
-
Vin
OUTb
-17.5
-15.0
-12.5
dB
Vin
-
OUTa
Low Frequency Boost
LFBST
BCB=”1”
BASS=+15dB, f=100Hz
-
Vin
OUTb
12.5
15.0
17.5
dB
Vin
-
OUTa
Low Frequency Flat
LFFLT
BASS=0, f=100Hz
-
Vin
OUTb
-2.0
0.0
2.0
dB
Vin
-
OUTa
Low Frequency Cut
LFCUT
BCB=”0”
BASS=-15dB, f=100Hz
-
Vin
OUTb
-17.5
-15.0
-12.5
dB
xAGC
Vin
Vin
OUTa
AGC Boost1
AGCBST1
Vin=100mVrms, f=1kHz
AGC=”10010”
Vin
Vin
OUTb
1.0
3.0
5.0
dB
Vin
Vin
OUTa
AGC Boost2
AGC BST2
Vin=100mVrms,f=1kHz
AGC=”10110”
Vin
Vin
OUTb
4.0
6.0
8.0
dB
Vin
Vin
OUTa
AGC Flat1
AGCFLT1
Vin=200mVrms, f=1kHz
AGC=”10000”
Vin
Vin
OUTb
-2.5
0.0
2.5
dB
Vin
Vin
OUTa
AGC Flat2
AGCFLT2
Vin=350mVrms, f=1kHz
AGC=”10001”
Vin
Vin
OUTb
-2.5
0.0
2.5
dB
Vin
Vin
OUTa
AGC Flat3
AGCFLT3
Vin=500mVrms, f=1kHz
AGC=”10010”
Vin
Vin
OUTb
-2.5
0.0
2.5
dB
Vin
Vin
OUTa
AGC Flat4
AGCFLT4
Vin=650mVrms, f=1kHz
AGC=”10011”
Vin
Vin
OUTb
-2.5
0.0
2.5
dB
Vin
Vin
OUTa
AGC Cut
AGCCUT
Vin=2Vrms, f=1kHz
AGC=”10000”
Vin
Vin
OUTb
-14
-10
-6.0
dB
xSURROUND
Vin
-
OUTa
Surround Gain1
SRGAIN1
f=100Hz, SUR1
Surround Effect1
-
Vin
OUTb
6.3
8.3
10.3
dB
Vin
-
OUTb
Surround Gain2
SRGAIN2
f=100Hz, SUR1
Surround Effect1
-
Vin
OUTa
2.1
4.1
6.1
dB
Vin
-
OUTa
Surround Gain3
SRGAIN3
f=100 Hz, SUR1
Surround Effect2
-
Vin
OUTb
10.7
12.7
14.7
dB
Vin
-
OUTb
Surround Gain4
SRGAIN4
f=100Hz, SUR1
Surround Effect2
-
Vin
OUTa
8.4
10.4
12.4
dB
Vin
-
OUTa
Surround Gain5
SRGAIN5
f=100Hz, SUR1
Surround Effect3
-
Vin
OUTb
14.0
16.0
18.0
dB
Simulated Stereo1
SRSIM1
f=1kHz, Simulated Stereo
Vin
Vin
OUTa
1.0
3.0
5.0
dB
Simulated Stereo2
SRSIM2
f=1kHz, Simulated Stereo
Vin
Vin
OUTb
1.0
3.0
5.0
dB


Similar Part No. - NJW1168L

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
NJW1160L NJRC-NJW1160L Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
NJW1160M NJRC-NJW1160M Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
NJW1161 NJRC-NJW1161 Datasheet
554Kb / 25P
   AUDIO PROCESSOR with SRS 3D STEREO
NJW1161L NJRC-NJW1161L Datasheet
554Kb / 25P
   AUDIO PROCESSOR with SRS 3D STEREO
More results

Similar Description - NJW1168L

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1176 NJRC-NJW1176 Datasheet
254Kb / 27P
   AUDIO PROCESSOR with Subwoofer Output
NJW1163 NJRC-NJW1163 Datasheet
241Kb / 24P
   AUDIO PROCESSOR with Subwoofer Output
NJW1166 NJRC-NJW1166 Datasheet
245Kb / 25P
   AUDIO PROCESSOR with Subwoofer Output
NJW1167 NJRC-NJW1167 Datasheet
249Kb / 25P
   AUDIO PROCESSOR with Subwoofer Output
NJW1136 NJRC-NJW1136 Datasheet
412Kb / 24P
   AUDIO PROCESSOR with Subwoofer Output
logo
Princeton Technology Co...
PT2348 PTC-PT2348 Datasheet
235Kb / 5P
   4.1-Channel Audio Processor with Subwoofer
PT2348 PTC-PT2348_10 Datasheet
244Kb / 5P
   4.1-Channel Audio Processor with Subwoofer
PT2033 PTC-PT2033 Datasheet
284Kb / 5P
   2.1 Channel Audio Processor with Subwoofer Out
logo
STMicroelectronics
TDA7429L STMICROELECTRONICS-TDA7429L Datasheet
114Kb / 16P
   3 BAND EQUALIZER AUDIO PROCESSOR WITH SUBWOOFER CONTROL
March 2000
logo
List of Unclassifed Man...
TDA9045 ETC-TDA9045 Datasheet
183Kb / 5P
   VIDEO PROCESSOR AND INPUT SELECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com