Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT5DS64M4AT Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # NT5DS64M4AT
Description  256Mb DDR333/300 SDRAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NT5DS64M4AT Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button NT5DS64M4AT Datasheet HTML 5Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 6Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 7Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 8Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 9Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 10Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 11Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 12Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
NT5DS64M4AT NT5DS64M4AW
NT5DS32M8AT NT5DS32M8AW
256Mb DDR333/300 SDRAM
Preliminary
10/01
9
© NANYA TECHNOLOGY CORP. All rights reserved.
NANYA TECHNOLOGY CORP. reserves the right to change Products and Specifications without notice.
Notes:
1. For a burst length of two, A1-A i selects the two-data-element block; A0 selects the first access within the block.
2. For a burst length of four, A2-A i selects the four-data-element block; A0-A1 selects the first access within the block.
3. For a burst length of eight, A3-A i selects the eight-data- element block; A0-A2 selects the first access within the block.
4. Whenever a boundary of the block is reached within a given sequence above, the following access wraps within the block.
Burst Type
Accesses within a given burst may be programmed to be either sequential or interleaved; this is referred to as the burst type
and is selected via bit A3. The ordering of accesses within a burst is determined by the burst length, the burst type and the start-
ing column address, as shown in Burst Definition on page 9.
Read Latency
The Read latency, or CAS latency, is the delay, in clock cycles, between the registration of a Read command and the availability
of the first burst of output data. The latency can be programmed 2 or 2.5 clocks.
If a Read command is registered at clock edge n, and the latency is m clocks, the data is available nominally coincident with
clock edge n + m.
Reserved states should not be used as unknown operation or incompatibility with future versions may result.
Burst Definition
Burst Length
Starting Column Address
Order of Accesses Within a Burst
A2
A1
A0
Type = Sequential
Type = Interleaved
2
0
0-1
0-1
1
1-0
1-0
4
0
0
0-1-2-3
0-1-2-3
0
1
1-2-3-0
1-0-3-2
1
0
2-3-0-1
2-3-0-1
1
1
3-0-1-2
3-2-1-0
8
0
0
0
0-1-2-3-4-5-6-7
0-1-2-3-4-5-6-7
0
0
1
1-2-3-4-5-6-7-0
1-0-3-2-5-4-7-6
0
1
0
2-3-4-5-6-7-0-1
2-3-0-1-6-7-4-5
0
1
1
3-4-5-6-7-0-1-2
3-2-1-0-7-6-5-4
1
0
0
4-5-6-7-0-1-2-3
4-5-6-7-0-1-2-3
1
0
1
5-6-7-0-1-2-3-4
5-4-7-6-1-0-3-2
1
1
0
6-7-0-1-2-3-4-5
6-7-4-5-2-3-0-1
1
1
1
7-0-1-2-3-4-5-6
7-6-5-4-3-2-1-0


Similar Part No. - NT5DS64M4AT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT5DS64M4AT ETC2-NT5DS64M4AT Datasheet
1Mb / 78P
   256Mb Double Data Rate SDRAM
NT5DS64M4AT-75B ETC2-NT5DS64M4AT-75B Datasheet
1Mb / 78P
   256Mb Double Data Rate SDRAM
NT5DS64M4AT-7K ETC2-NT5DS64M4AT-7K Datasheet
1Mb / 78P
   256Mb Double Data Rate SDRAM
NT5DS64M4AT-8B ETC2-NT5DS64M4AT-8B Datasheet
1Mb / 78P
   256Mb Double Data Rate SDRAM
More results

Similar Description - NT5DS64M4AT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM488M3244VBA-8F ETC1-EM488M3244VBA-8F Datasheet
884Kb / 33P
   256Mb SDRAM
logo
Hynix Semiconductor
HY5DU56822FLTP-D5 HYNIX-HY5DU56822FLTP-D5 Datasheet
708Kb / 28P
   256Mb DDR SDRAM
HY5DU561622FLFP HYNIX-HY5DU561622FLFP Datasheet
332Kb / 27P
   256Mb DDR SDRAM
logo
Samsung semiconductor
K5D5657ACM SAMSUNG-K5D5657ACM Datasheet
1Mb / 74P
   256Mb NAND and 256Mb Mobile SDRAM
logo
Elpida Memory
EBS25EC8APSA ELPIDA-EBS25EC8APSA Datasheet
166Kb / 14P
   256MB SDRAM S.O.DIMM
logo
Hynix Semiconductor
HY5DU56822FLTP-D5I HYNIX-HY5DU56822FLTP-D5I Datasheet
709Kb / 28P
   256Mb DDR SDRAM
H5DU2562GTR HYNIX-H5DU2562GTR Datasheet
381Kb / 28P
   256Mb DDR SDRAM
HY5DU56422DT HYNIX-HY5DU56422DT Datasheet
236Kb / 29P
   256Mb DDR SDRAM
HY5PS561621BLFPE3I HYNIX-HY5PS561621BLFPE3I Datasheet
826Kb / 34P
   256Mb DDR2 SDRAM
logo
List of Unclassifed Man...
EM42AM1684RTA-75L ETC1-EM42AM1684RTA-75L Datasheet
288Kb / 24P
   256Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com