Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT68P81-D01014 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # NT68P81-D01014
Description  USB Keyboard Micro-Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NT68P81-D01014 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  NT68P81-D01014 Datasheet HTML 1Page - List of Unclassifed Manufacturers NT68P81-D01014 Datasheet HTML 2Page - List of Unclassifed Manufacturers NT68P81-D01014 Datasheet HTML 3Page - List of Unclassifed Manufacturers NT68P81-D01014 Datasheet HTML 4Page - List of Unclassifed Manufacturers NT68P81-D01014 Datasheet HTML 5Page - List of Unclassifed Manufacturers NT68P81-D01014 Datasheet HTML 6Page - List of Unclassifed Manufacturers NT68P81-D01014 Datasheet HTML 7Page - List of Unclassifed Manufacturers NT68P81-D01014 Datasheet HTML 8Page - List of Unclassifed Manufacturers NT68P81-D01014 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
NT68P81
5
Functional Description
1. 6502C CPU
The 6502C is an 8 -bit CPU that provides 56 instructions, decimal and binary arithmetic, thirteen addressing modes, true
indexing capability, programmable stack pointer and variable length stack, a wide selection of addressable memory
range, and an interrupt input. Other features are also included.
The CPU clock cycle is 3MHz (6MHz system clock divided by 2). Please refer to 6502 data sheet for more detailed
information.
Accumulator A
Index Register Y
0
7
7
Index Register X
7
0
0
Stack Pointer SP
0
N
Status Register P
0
7
Carry
Zero
IRQ Disable
Decimal Mode
BRK Command
Overflow
Negative
7
Program Counter PCH
8
15
7
0
PCL
1 = TRUE
1 = Result ZERO
1 = DISABLE
1 = TRUE
1 = NEG
1 = TRUE
1 = BRK
V
B
D
I
Z
C
Figure 1. 6502 CPU Registers and Status Flags


Similar Part No. - NT68P81-D01014

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT68P61A ETC-NT68P61A Datasheet
1Mb / 48P
   8-Bit Microcontroller for Monitor (24K OTP ROM Type)
NT68P62 ETC-NT68P62 Datasheet
528Kb / 56P
   8-Bit Microcontroller for Monitor (32K OTP ROM Type)
NT68P62-01 ETC-NT68P62-01 Datasheet
528Kb / 56P
   8-Bit Microcontroller for Monitor (32K OTP ROM Type)
NT68P62U ETC-NT68P62U Datasheet
528Kb / 56P
   8-Bit Microcontroller for Monitor (32K OTP ROM Type)
More results

Similar Description - NT68P81-D01014

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT6881 ETC-NT6881 Datasheet
785Kb / 23P
   USB Keyboard Micro-Controller
AU9410 ETC-AU9410 Datasheet
132Kb / 31P
   USB Keyboard Controller
AU9410 ETC1-AU9410_06 Datasheet
651Kb / 24P
   USB Keyboard Controller
logo
Winbond
W81281 WINBOND-W81281 Datasheet
324Kb / 37P
   USB Keyboard/ Device Controller
logo
List of Unclassifed Man...
AU9462 ETC-AU9462 Datasheet
150Kb / 31P
   USB Keyboard Hub Controller
AU9462 ETC1-AU9462_06 Datasheet
607Kb / 23P
   USB Keyboard Hub Controller
WT6510 ETC-WT6510 Datasheet
143Kb / 8P
   WT6510 USB KEYBOARD CONTROLLER
WT65F1 ETC2-WT65F1 Datasheet
144Kb / 8P
   USB Keyboard Controller (Flash Memory Type)
GL651USB ETC-GL651USB Datasheet
156Kb / 16P
   2-PORT USB KEYBOARD HUB CONTROLLER
MTP805 ETC1-MTP805 Datasheet
125Kb / 15P
   8051 Embedded USB/PS2 Keyboard/Mouse Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com