Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OMR7905NH Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # OMR7905NH
Description  300 kRAD RADIATION TOLERANT 1.5 AMP NEGATIVE FIXED VOLTAGE REGULATORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OMR7905NH Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  OMR7905NH Datasheet HTML 1Page - List of Unclassifed Manufacturers OMR7905NH Datasheet HTML 2Page - List of Unclassifed Manufacturers OMR7905NH Datasheet HTML 3Page - List of Unclassifed Manufacturers OMR7905NH Datasheet HTML 4Page - List of Unclassifed Manufacturers OMR7905NH Datasheet HTML 5Page - List of Unclassifed Manufacturers OMR7905NH Datasheet HTML 6Page - List of Unclassifed Manufacturers OMR7905NH Datasheet HTML 7Page - List of Unclassifed Manufacturers OMR7905NH Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
OMR7905NH
OMR7912NH
OMR7915NH
OMR7905NM
OMR7912NM
OMR7915NM
OMR7905ST
OMR7912ST
OMR7915ST
OMR7905SR
OMR7912SR
OMR7915SR
3.5
3
2.5
2
1.5
1
0.5
0
0
5
10
15
20
25
30
35
PEAK OUTPUT CURRENT
∆VOUT = 100mV
T
j = -55°C
T
j = 25°C
T
j = 150°C
Input To Output Differential (V)
2.5
2
1.5
1
0.5
0
-75 -50 -25
0
25
50
75 100 125 150
DROPOUT VOLTAGE
∆VOUT = 100MV
I
OUT = 0A
I
OUT = 500mA
I
OUT = 1A
Junction Temperature (°C)
100
80
60
40
20
0
10
100
1k
10k
100k
RIPPLE REJECTION
V
OUT = 5V
V
IN - V = 8VDC +3.5Vrms
I
OUT = 1A
T
j = 25°C
Frequency (Hz)
TYPICAL PERFORMANCE CHARACTERISTICS
TYPICAL APPLICATIONS
Basic Current Regulator
Fixed Output Regulator
VIN
VOUT
1µF
2.2µF
OM79XX
++
VIN
IOUT
2.2µF
R1
OM79XX
IQ
IOUT =
VOUT
R1
+ IQ
Input bypass capacitors are recommended for stable operation of the OM7900 series of regulators over the
input voltage and output current ranges. Output bypass capacitors will improve the transient response of the
regulator.
The bypass capacitors, (2.2µF on the input, 1µF on the output) should be ceramic or solid tantalum which
have good high frequency characteristics. If aluminum electrolytics are used, their values should be 10µF or
larger. The bypass capacitors should be mounted with the shortest leads, and if possible, directly across the
regulator terminals.


Similar Part No. - OMR7905NH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMR7805 ETC-OMR7805 Datasheet
107Kb / 8P
   300 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE FIXED VOLTAGE REGULATORS
OMR7805NH ETC-OMR7805NH Datasheet
107Kb / 8P
   300 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE FIXED VOLTAGE REGULATORS
OMR7805NM ETC-OMR7805NM Datasheet
107Kb / 8P
   300 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE FIXED VOLTAGE REGULATORS
OMR7805SR ETC-OMR7805SR Datasheet
107Kb / 8P
   300 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE FIXED VOLTAGE REGULATORS
OMR7805ST ETC-OMR7805ST Datasheet
107Kb / 8P
   300 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE FIXED VOLTAGE REGULATORS
More results

Similar Description - OMR7905NH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMR7805 ETC-OMR7805 Datasheet
107Kb / 8P
   300 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE FIXED VOLTAGE REGULATORS
OMR1033SR ETC-OMR1033SR Datasheet
65Kb / 6P
   20 kRAD RADIATION TOLERANT 3 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATORS
OMR117 ETC-OMR117 Datasheet
138Kb / 6P
   100 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Aeroflex Circuit Techno...
VRG8609 AEROFLEX-VRG8609 Datasheet
130Kb / 6P
   Dual Adjustable Negative Voltage Regulators Radiation Tolerant
VRG8601 AEROFLEX-VRG8601 Datasheet
135Kb / 7P
   Dual Adjustable Positive/Negative Voltage Regulators Radiation Tolerant
logo
Seme LAB
IP1R17A SEME-LAB-IP1R17A Datasheet
32Kb / 4P
   3 AMP FIXED NEGATIVE VOLTAGE REGULATORS
IP1R19A SEME-LAB-IP1R19A Datasheet
31Kb / 4P
   5 AMP FIXED NEGATIVE VOLTAGE REGULATORS
logo
Microsemi Corporation
SG7900 MICROSEMI-SG7900 Datasheet
374Kb / 7P
   negative fixed voltage regulators
logo
Seme LAB
LM7905XE SEME-LAB-LM7905XE Datasheet
28Kb / 3P
   1.5 AMP NEGATIVE VOLTAGE REGULATOR
IP120A SEME-LAB-IP120A Datasheet
41Kb / 5P
   1.5 AMP NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com